Part Number Hot Search : 
1LT1G R0402 EFM302 PT12119 1LT1G 92315 N2111 LM3S1191
Product Description
Full Text Search
 

To Download 12LCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bussmann
British Style BS 88
(R)
240V
6-900A
Electrical Characteristics I2t (A2S) Clearing Clearing Pre-arc at 120V at 240V Ordering Information Watts Loss Part Number Carton Qty. Carton Weight (kg) Dimensions Figure Number
(R)
Curves See Page or (BIF #)
Type
Rated Current RMS-Amps
LCT
LET
LMT
LMMT
6 10 12 16 20 25 32 35 50 63 80 100 125 160 180 160 200 250 315 355 400 450 400 500 630 710 800 900
2 3.8 7 20 25 18 32 50 100 180 300 600 600 1100 1600 1100 1500 3200 6000 8000 14000 18000 6000 14000 24000 32000 52000 75000
6 12 22 50 80 120 200 320 500 1100 1900 3800 3800 7000 12000 7000 10000 20000 35000 50000 70000 100000 35000 80000 150000 200000 300000 400000
9 22 32 100 160 250 450 600 1400 2200 3800 7500 7500 16000 29000 16000 20000 40000 75000 100000 160000 220000 80000 170000 300000 460000 600000 800000
1.0 2.5 2.5 2.5 4.0 4.0 5.0 5.0 7.0 9.0 10.0 10.0 16.0 20.0 21.0 17.0 28.0 28.0 35.0 35.0 40.0 42.0 60.0 64.0 75.0 77.0 82.0 97.0
6LCT 10LCT 12LCT 16LCT 20LCT 25LET 32LET 35LET 50LET 63LET 80LET 100LET 125LET 160LET 180LET 160LMT 200LMT 250LMT 315LMT 355LMT 400LMT 450LMT 400LMMT 500LMMT 630LMMT 710LMMT 800LMMT 900LMMT
20
0.110
Fig. 1
page 73 (35785296)
10
0.310
Fig. 2
page 73 (35785293)
1
0.180
Fig. 3
page 74 (35785294)
1
0.370
Fig. 4
page 74 (35785295)
Interrupting rating 200kA RMS Symmetrical. 150 Vdc rating Watts loss provided at rated current. Note: 7LET, 10LET, 12LET and 16LET are available for replacement purposes on existing equipment. All fuses above have been tested at 318 Vac. See accessories on page 72.
1 kg = 2.2 lbs
1 lb = 0.45 kg
Dimensions
Fig. 1: LCT
4 5.5
Fig. 2: LET
7.1
28 38 47
26.2 41.8 56
9.7 6.4 8.4 8.7 12.7 17.7 19.1
1mm = 0.0394
1 = 25.4mm
12-28-98 SB98107
Rev. A
Form No. Page 1 of 2 BIF Doc #720004
Bussmann
British Style BS 88
(R)
240V
6-900A
Arc Voltage This curve gives the peak arc voltage, U L , which may appear across the fuse during its operation as a function of the applied working voltage, E g , (RMS) at a power factor of 15%.
(R)
Electrical Characteristics
Total Clearing I2t The total clearing I2t at rated voltage and at power factor of 15% are given in the electrical characteristics. For other voltages, the clearing I2t is found by multiplying by correction factor, K , given as a function of applied working voltage, E g , (RMS).
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 50 2) 100 150 200
Eg
Power Losses Watts loss at rated current is given in the electrical characteristics. The curve allows the calculation of the power losses at load currents lower than the rated current . The correction factor, K p , is given as a function of the RMS load current, Ib , in % of the rated current .
1.0 Kp 0.8
K
750
UL 1)
500 2) 1)
0.6 0.5 0.4 0.3 0.2
250
Eg 100 200 300
0.1 30 40 50 60 70
Ib 80 90 100%
250
1) LCT 2) LET, LMT, LMMT
1) LCT 2) LET, LMT, LMMT
Dimensions
Fig. 3: LMT
25.4
Fig. 4: LMMT
25.4
31
59
84
31 59 84
13.5 10.3
13.5 10.3
41 83 38.1
Indicator (Optional)
1mm = 0.0394 1 = 25.4mm
38
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
12-28-98 SB98107
Rev. A
Form No. Page 2 of 2 BIF Doc #720004


▲Up To Search▲   

 
Price & Availability of 12LCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X