Part Number Hot Search : 
FAN7310G SFH9202 MPX700GS 9926B 1221C CY7C131 3PMT28A STK4162
Product Description
Full Text Search
 

To Download ZJYS51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Common Mode Filters(SMD)
For CAN-BUS/General signal line
ZJYS series
Type: ZJYS81 (2 lines) ZJYS51 (2 and 4 lines) December 2010
Issue date:
www..com
* All specifications are subject to change without notice. * Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
(1/5)
Common Mode Filters(SMD) For CAN-BUS / General Signal Line
ZJYS Series ZJYS81 Type
FEATURES * Operating temperature range covers from -40 to +125C. * Non-dissolution of the abutment amounts in circuit board mounting. * The products contain no lead and also support lead-free soldering. * This product conforms to the standards that are slated to be introduced under the RoHS Directive. APPLICATIONS CAN-BUS system, facsimiles, modems, ISDN PACKAGING STYLE AND QUANTITIES
Packaging style Taping Quantity 1500 pieces/reel
Conformity to RoHS Directive
PRODUCT IDENTIFICATION ZJYS81R5 - 2P L 25 (T) - G01 (1) (2) (3) (4) (5) (6) (1) Series name (2) Number of line 2P: 2-line (3) Winding type L: Sector No mark: Bifilar (4) Product identification number (5) Packaging style T: o330mm reel taping (6) TDK internal code
SHAPES AND DIMENSIONS
1 2 7.1max. 90.5 0.25 4 3 6max.
CIRCUIT DIAGRAM
1 2 4 3
RECOMMENDED PC BOARD PATTERN
2.54 6.7 9.9 1.8 Dimensions in mm
* No polarity
0.60.2
1.3 2.540.25
5.0max.
Weight: 0.4g Dimensions in mm
ELECTRICAL CHARACTERISTICS
Part No. ZJYS81R5-2P24-G01 ZJYS81R5-2P50-G01 ZJYS81R5-2PL25-G01 ZJYS81R5-2PL51-G01 Common mode impedance ( )[10MHz] min. typ. 500 1000 1000 2000 600 1000 1000 2000 DC resistance ( )max. 0.15 0.25 0.25 0.3 Rated current (A)max. 0.5 0.5 0.5 0.5 Insulation resistance (M )min. 100 100 100 100 Rated voltage (V)max. 80 80 80 80
TYPICAL ELECTRICAL CHARACTERISTICS IMPEDANCE vs. FREQUENCY CHARACTERISTICS ZJYS81R5-2P24 ZJYS81R5-2P50
100000 100000
ZJYS81R5-2PL25
100000
Impedance()
Impedance()
Common mode 1000
Common mode 1000
Impedance()
10000
10000
10000 Common mode 1000 Differential mode
www..com
100 Differential mode 10 1 10 100 Frequency (MHz) 1000
100 Differential mode 10 1 10 100 Frequency (MHz) 1000
100
10 1
10 100 Frequency (MHz)
1000
* Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
* All specifications are subject to change without notice. 001-02 / 20101125 / e971_zjys
(2/5)
TYPICAL ELECTRICAL CHARACTERISTICS IMPEDANCE vs. FREQUENCY CHARACTERISTICS
100000
Impedance()
10000 Common mode 1000 Differential mode
100
10 1
10 100 Frequency (MHz)
1000
www..com
* All specifications are subject to change without notice. 001-02 / 20101125 / e971_zjys
(3/5)
Common Mode Filters(SMD) For General Signal Line
ZJYS Series ZJYS51 Type
FEATURES * A common mode filter for distortion-free noise removal from transmitted signals. Optimized for transmission of high quality signals. * Best filter for countering the common mode noise resulting from data signal processing by PCs, phone equipment, etc. * SMD-type designed for surface mounting. * Due to a maximum current tolerance of 2A, can also be used to counter power line noise.
Conformity to RoHS Directive
APPLICATIONS Personal computers, telephones, LANs, ISDNs, digital PBXs, electronic games, CTVs, CD-ROM drives, 8mm video equipment, and other electronic devices.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERNS TRANSFER MOLD ZJYS51R5-2P(T)-01, -2PB(T)-01, -2PL(T)-01 ZJYS51R5-4P(T)-01, -M4PA(T)-01
A A
4
3
6.7 9.9 1.8 1.6
8
7
6
5 6.7 9.9 1.8 1.6 2.54 2.54 2.54
2.54
1
2
G B
1
2
3
4 G B
D C
H
D C
0.1min.
0.1max.
F E
(0.6) Weight: 0.4g
F E
(0.6) Weight: 0.8g
H
Dimensions in mm Part No. A max. B max. C max. ZJYS51R5-2P(T)-01, -2PB(T)-01, -2PL(T)1-012 5.5 6.86 4.57 ZJYS51R5-4P(T)-01, -M4PA(T)-01 10.5 6.86 4.57 1 T means the taping product. 2 The "-01" designation at the end of the product code indicates conformity to RoHS directive. D max. 5.08 5.08 E 1.3 1.3 F 2.540.25 2.540.25 G max. 90.5 90.5 H 0.25 0.25
CIRCUIT DIAGRAMS ZJYS51R5-2P(T)-01,-2PB(T)-01, -2PL(T)-01
L1 L2 43
ZJYS51R5-4P(T)-01, -M4PA(T)-01
L1 L2 L3 L4 8765
12
1234
www..com
* Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
* All specifications are subject to change without notice. 001-02 / 20101125 / e971_zjys
(4/5)
ELECTRICAL CHARACTERISTICS
Part No. Rated voltage Edc(V) Rated current (A) Test voltage Edc(V) [Between terminals for 5s] Insulation resistance (M ) [Between terminals at DC.50V for 1min] DC resistance ( ) [Each line] Operating temperature range (C) Impedance ( ) [+5 to +35C]
1 The 2 Separate
ZJYS51R5-2P(T)-01, 4P(T)-01 50 2 125 100 min. 0.12 max. -25 to +85 200 min.[20 to 300MHz]
ZJYS51R5-2PB(T)-011 50 2 125 100 min. 0.12 max. -25 to +85 300 min.[6 to 20MHz]
ZJYS51R5-2PL(T)-012 50 2 250 100 min. 0.10 max. -25 to +85 100 min.[20 to 100MHz]
ZJYS51R5-M4PA(T)-01 50 0.5 125 100 min. 0.25 max. -25 to +85 200 min.[20 to 300MHz]
characteristics of low area reform type. winding type (for communications). * The "T" designation at the end of the product code indicates tape mounting.
TYPICAL ELECTRICAL CHARACTERISTICS IMPEDANCE CHARACTERISTICS (for 1 element) ZJYS51R5-2P-01, 4P(T)-01 ZJYS51R5-2PB-01
10000 10000 Common mode
ZJYS51R5-2PL-01
10000
Impedance ()
Impedance ()
Impedance ()
1000
Common mode
1000
1000 Common mode 100 Differential mode 10
100 Differential mode 10
100 Differential mode 10
1 1
3
10 30 100 Frequency (MHz)
300
1000
1 1
3
10 30 100 Frequency (MHz)
300
1000
1 1
3
10 30 100 Frequency (MHz)
300
1000
ZJYS51R5-M4PA-01
10000
Impedance ()
1000
Common mode
100
10
Differential mode 3 10 30 100 Frequency (MHz) 300 1000
1 1
MEASURING CIRCUIT
Vector impedance meter
Vector impedance meter (YHP 4191A equivalent) Measuring at each Common mode choke coil
PACKAGING STYLE www..comAND QUANTITIES
Part No. ZJYS51R5-2P(T)-01 ZJYS51R5-2PB(T)-01 ZJYS51R5-2PL(T)-01 ZJYS51R5-4P(T)-01 ZJYS51R5-M4PA(T)-01 Taping (/reel) 1500 pieces 1500 pieces 1500 pieces 1000 pieces 1000 pieces Bulk 200 pieces 200 pieces 200 pieces 100 pieces 100 pieces
* All specifications are subject to change without notice. 001-02 / 20101125 / e971_zjys
(5/5)
TYPICAL APPLICATION An application example showing how radiation noise is prevented when transmitter and receiver are connected via twisted pair cabling.
Transmitter Receiver
TYPICAL APPLICATION EFFECTS (a) Without EMC filter
80
Radiation field intensity (dBV/m)
70 60 50 40 30 20 10 0 30 100 300 Frequency (MHz) 1000 VCCI-2
(b) With EMC filter (b) ZJYS51R5-2P(T)-01
80
Radiation field intensity (dBV/m)
70 60 50 40 30 20 10 0 30 100 300 Frequency (MHz) 1000 VCCI-2
www..com
* All specifications are subject to change without notice. 001-02 / 20101125 / e971_zjys


▲Up To Search▲   

 
Price & Availability of ZJYS51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X