Part Number Hot Search : 
2NF40 65ACFUE3 MRF959T1 SV6106 GW40NC60 SMCJ6 HDF1575A TH71101
Product Description
Full Text Search
 

To Download WRD12XXXXS-2W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
WRD_S-1W & WRD_S-2W Series
1W & 2W, WIDE INPUT, TWIN OUTPUT DC-DC CONVERTER
multi-country patent protection
FEATURES
Miniature SIP Package Wide (2:1) Input Range Regulated Outputs I/0 Isolation 1000VDC Short Circuit Protection(automatic recovery) External On/Off control Internal SMD construction Operating Temperature: -40C to +85C RoHS Compliance
RoHS
PRODUCT PROGRAM
Part Number WRD050505S-1W WRD050909S-1W WRD051212S-1W WRD051515S-1W WRD050505S-2W WRD050909S-2W WRD051212S-2W WRD051515S-2W WRD120505S-1W WRD120909S-1W WRD121212S-1W WRD121515S-1W WRD120505S-2W WRD120909S-2W WRD121212S-2W WRD121515S-2W WRD240505S-1W WRD240909S-1W WRD241212S-1W WRD241515S-1W WRD240505S-2W WRD240909S-2W WRD241212S-2W WRD241515S-2W 24 18-36 40 10 12 9.0-18 22 20 5 4.5--9.0 11 40 Input Voltage (VDC) Nominal Max* No Load (mA)(Typ) Voltage (VDC) 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 48 36-72 48 5 15 5 9 12 15 Output Current (mA) Max 100 55 42 33 200 111 83 67 100 55 42 33 200 111 83 67 100 55 42 33 200 111 83 67 100 55 42 33 200 111 83 67 Min 10 5 4 3 20 11 8 7 10 5 4 3 20 11 8 7 10 5 4 3 20 11 8 7 10 5 4 3 20 11 8 7 Efficiency (%, Typ) 70 71 73 72 67 71 72 73 73 76 78 78 75 77 80 79 76 77 78 77 76 78 80 79 73 75 77 77 75 78 79 78
APPLICATIONS
The WRD_S-1W Series are specially designed for applications where a wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is wide range (voltage range 2:1); 2) Where isolation is necessary between input and output& Vout1 and Vout2(Isolation Voltage1000VDC); 3) Where the regulation of the output voltage and the output ripple noise are demanded.
MODEL SELECTION
WRD051212S-1W
Rated Power Package Style 2nd Output Voltage 1st Output Voltage Input Voltage
MORNSUN America LLC
43 Broad Street Hudson, MA 01749 Tel: 978-567-9610 Fax: 978-567-9601 http://www.mornsunamerica.com
WRD480505S-1W WRD480909S-1W WRD481212S-1W WRD481515S-1W WRD480505S-2W WRD480909S-2W WRD481212S-2W WRD481515S-2W
* Input voltage can't exceed this value, or will cause the permanent damage.
OUTPUT SPECIFICATIONS
Item
Output Voltage Accuracy Load Regulation Line Regulation Temperature Drift (Vout) Ripple Noise
Switching Frequency
Test Conditions Vin Range Refer To Output 10% To 100% Load Input Voltage From Low To High Refer To Recommended Circuit 20MHz Bandwidth
Input Voltage Range 100% Load
Min
Load
Typ
1 0.5 0.2 30
180-500(PFM)
Max
3 1 0.5 0.03 100
Units
% %/C mVp-p
kHz
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRD_S-1W & WRD_S-2W
A/0-2007
Page 1 of 2
COMMON SPECIFICATION
Item Test Conditions Storage humidity www..com Operating temperature Storage temperature Lead temperature Temp. rise at full load 1.5mm from case for 10 seconds Cooling Isolation voltage Isolation resistance Isolation Capacitance No-load Powe Short circuit protection Case material MTBF Weigh Tested for 60 seconds Test at 500VDC 100kHz,1V 1000 1000 80 0.1 Continuous Plastic(UL94-V0) 1000 5.8 Min -40 -55 15 Typ. 95 Max 85 125 35 300 Units % C
Recommended Circuit If you want to further decrease the input/output ripple, you can increase capacitance properly or choose capacitors with low ESR (Figure 1).
Vin L i 2 6 8 Ci GND 1 7 10 9 CS C s Co 0V + Vo 0V2 + Vo
Free Air Convection VDC M pF W
4. 7- 12 uH + Vo 2 Co
(Figure 1) However, the capacitance should not be too high(see Table 1).
K Hours g
Note: 1.All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2.See below recommended circuits for more details.
Cin 5V & 12V 100F 24V & 48V 10F-47F Lin 10H120H Cout100FTYP
Extemal Capacitor Table(Table 1)
Vout(VDC) 5 9 12 15 2W:Cout(uF) 560 470 330 270 1W:Cout(uF) 330 270 220 180
TYPICAL TEMPERATURE CURVE
Input Current(A)
Operating Temp.( C )
Input current While using unstable power source, please ensure the output voltage and ripple voltage do not excced indexes of the converter. The preceding power source must be able to provide for converter sufficient starting current Ip (Figure 2). General: Ip 1.4*Iin-max
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
First Angle Projection
(1.079)
Ip
RECOMMENDED FOOTPRINT
Top view,grid:2.54mm(0.1inch), diameter:1.00mm
12 2.30+0.5
6 7 8 9 10
9.50
Input Voltage Range
12
6 7 8 9 10
Input Voltage (V)
(0.100)
4.10 0
+0.50
+0.020 0
No parallel connection or plug and play.
(0.453)
11.50
FOOTPRINT DETAILS Pin 1 2 6 7 8 9 10 Function
GND Vin +VO1 OV1 CS OV2 +VO2
Note: Unit:mm(inch) Pin section:0.50*0.30mm(0.020*0.012inch) Pin tolerances: +0.10mm( +0.004inch) General tolerances: +0.25mm( +0.010inch)
APPLICATION NOTE
CS Pin By connecting a low ESR capacitor between this terminal and the pin-7(Figure 1), the output ripple and noise may be further improved. Generally, the capacitance is no greater than 47uF Output Load To ensure this module can operate efficiently and reliably, During operation, the minimum output load is not less than 10% of the full load, If the actual load is less than the specified minimum load, the output ripple may increase sharply. If the actual output power is very small, please add an appropriate resistor as extra loading, or contact our company for other lower output power products.
MORNSUN reserves the copyright
(0.020)
0.50
Specifications subject to change without notice.
WRD_S-1W & WRD_S-2W
A/0-2007
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of WRD12XXXXS-2W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X