Part Number Hot Search : 
DG506ACJ G1402P1T EUP7180 68000 FMS3818 1N4760B FM4933 2J30A
Product Description
Full Text Search
 

To Download UST1206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Non resettable fuses
UST 206
www.schurter.com/pg0_2
SMD Fuse, 3.2 x 1.6 mm, Slow-Blow, 32 VAC, 63 VDC
UL 248-14 * 32 VAC * 63 VDC * Slow-Blow
Description
-ULcharacteristic -HighmeltingIt-values -Highcurrentratingsupto25A
Applications
-SecondaryProtectionDCandAC -Circuitswithinrush -LCDBacklightDC-ACInverter GeneralProductInformation PackagingDetails Approvals,RoHS,CHINA-RoHS,Distributor-Stock-Check,Accessories, ProductChangeNotification(PCN)
Standards Approvals
-UL248-14 -CSAC22.2no.248.14 -ULFileNumber:E41599
References Weblinks
Technical Data
RatedVoltage RatedCurrent BreakingCapacity Characteristic Mounting AdmissibleAmbientAirTemp. ClimaticCategory Material:Housing Material:Terminals UnitWeight StorageConditions ProductMarking 24-32VAC,32-63VDC 7-25A 100A-400A Slow-Blow PCB,SMT -55Cto90C 55/090/21acc.toIEC60068-1 EpoxydGlass,UL94V-0 Tin-PlatedCopper 0.006g -55Cto90C,max.70%r.h. Letter(seevariants) SolderingMethods Solderability ResistancetoSolderingHeat MoistureResistanceTest TerminalStrength CaseResistance ResistancetoSolvents Flammability Reflow 245C/3secacc.toIEC60068-2-58, TestTd 260+0/-5C/30secacc.toIPC/JEDECJ-STD-020D,Level1 MIL-STD-202,Method106E (50cyclesinatemp./misterchamber) MIL-STD-202,Method211A (Deflectionofboard1mmfor1minute) acc.toEIA/IS-722,Test4.7 >100M(betweenleedsandbody) MIL-STD-202,Method215A UL94V-1 (acc.toEIA/IS-722,Test4.12)
Dimensions
3.2mm
3.2 0.6
1.6
2.2
1.5
1.1
Solderingpads
Pre-Arcing Time
Rated Current In 7A-25A .0 x In min. 2.5 x In max. 4h 5s 0.0 x In min. 1ms 0.0 x In max. 10ms
Fuses
2
UST 206
www.schurter.com/pg0_2 Variants
Rated Current [A] Rated Voltage [VAC] Rated Voltage [VDC] Marking Breaking Capacity Voltage Drop .0 In typ. [mV] 73 60 69 63 57 53 48 Cold Resistance typ. [m] 8.5 6.3 5.45 4.3 3.15 1.8 1.3 Melting It 8.0 In typ. [As] Order Number
Non resettable fuses
7 8 10 12 15 20 25
32 32 32 32 32 32 32
63 63 63 63 63 63 63
mm nn oo pp qq rr ss
1) 1) 1) 1) 1) 1) 1)
8.7 14 21 33 65 110 220
l l l l l l l
3413.0326.xx 3413.0327.xx 3413.0328.xx 3413.0329.xx 3413.0330.xx 3413.0331.xx 3413.0332.xx
1)UL:100A@63VDC,100A@32VAC,150A@24VAC/DC 1)Additionalinternaltesting:400A@12VDC,600A@9VDC
Packaging Unit
.xx=.11BlisterTape(100pcs.) .xx=.22BlisterTape18cmReel(1000pcs.) .xx=.24BlisterTape18cmReel(5000pcs.) .xx=.26BlisterTape33cmReel(15000pcs.)
Time-Current-Curves
10000
1000
100
7A 8A 10 A 12 A 15 A 20 A
10
TimeinSeconds
1
25 A
0.1
0.01
0.001
0.0001 1 10 100 1000
CurrentinAmperes
2
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Fuses currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of UST1206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X