Part Number Hot Search : 
ICX429 SPIC33 020D06E2 AD7868BR T113059 PM534 87HF160 IRFZ48L
Product Description
Full Text Search
 

To Download TX-400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Temperature Compensated Crystal Oscillator
TX-400
TX-400
Features
* EFC Standard * Hermetic * Wide Frequency Range * Frequency Range: 2 MHZ to 200 MHZ * Previous Model: C2400, TQDILTC; 979; 979W, 959; 959W, TC-400 * * * *
Applications
PCS Base Stations Land Mobile Radio Cellular Telephony Radio in the Local Loop
Performance Specifications
Parameter
vs. operating temperature range (referenced to +25C)
Min
-2.5 -2 -1.5 -1.0 -2.0 -1.5 -1.0 -1.5 -1.0 -1.5 -1.0 -0.5 -2.5 -0.2 -0.2
Typ
Max
+2.5 +2.0 +1.5 +1.0 +2.0 +1.5 +1.0 +1.5 +1.0 +1.5 +1.0 +0.5 +2.5 +0.2 +0.2
Units
1
Condition
-40... +85C -40... +85C -40... +85C -40... +85C -20... +70C -20... +70C -20... +70C 0... +70C 0... +70C 0... +50C 0... +50C 0... +50C at time of shipment, nominal EFC Vs 5% Load 10%
Frequency Stabilities
ppm ppm ppm ppm ppm ppm ppm ppm ppm ppm ppm ppm ppm ppm ppm ppm/yr VDC VDC mA mA mA mA
Initial Tolerance vs. supply voltage change vs. load change vs. aging www..com Supply voltage Supply voltage Current consumption
1.0 3.3 5.0
Supply Voltage (Vs)
3.135 4.75 3.465 5.25 15 50 18 50
@ +25C & 3.3VDC & clipped sinewave @ +25C & 3.3VDC & CMOS @ +25C & 5.0VDC & clipped sinewave @ +25C & 5.0VDC & CMOS
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Performance Specifications
Parameter
Signal Load Signal Level (Vol) Signal Level (Voh) Duty cycle Signal Load R || C Output Power Signal Load Signal Level (Vol) Signal Level (Voh) Duty cycle Rise/Fall Time Signal Load Output Power Harmonics Spurious 0 -1.04 40 60 3 Sinewave 50 6 -20 -60 ohm dBm dBc dBc 50 -1.6 9 9 0.7 PECL ohm V V % ns 4.5 3.0 40 50 60 Clipped Sinewave 10 10 11 11 kohm pF Vpp @ 10Kohm||10pF 13.5 15
Min
Typ
Max RF Output
Units
Condition
HCMOS 16.5 +0.5 +0.3 pF V V % with Vs=5.0V and 15pF load with Vs=3.3V and 15pF load with Vs=5.0V and 15pF load with Vs=3.3V and 15pF load @ (Voh-Vol)/2
Frequency Tuning (EFC)
Tuning Range Tuning Range Linearity Tuning Slope Control Voltage Range Freq. control input impedance Phase Noise3 (@ 40 MHz) 0.3 0.5 10 1.65 2.5 8.0 Fixed Frequency 12.0 20.0 10 Positive 3.0 4.5 VDC VDC kohm with Vs=3.3VDC with Vs=5.0VDC ppm % Initial Accuracy 2.5 ppm @ +25C
Additional Parameters1
-90 -120 -140 -150 6.0 dBc/Hz dBc/Hz dBc/Hz dBc/Hz g Handling & processing note 10 Hz 100 Hz 1 kHz 10 kHz
Weight Processing & Packing www..com Supply voltage (Vs) Control Voltage Maximum output load @ CMOS Operable temperature range Storage temperature range -40 -55 0
Absolute Maximum Ratings
6.0 Vs 50 +85 +125 V V pF C C
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Standard Shipping Method
A X B P
*bei W 24 mm nur untere Lochreihe by W 24 mm only lower hole line
Lage im Gurt Position in tape Pin 1
Abwickelrichtung Unwinding direction
K
Gurtunterseite Tape buttom side Gurtoberseite Tape upper side
Production tolerance complying DIN IEC 286-3 Enclosure Type Type B Type C Tape width W [mm] 44 44 Quantity per meter 50 50 Quantity per reel 300 300 Dimension P 20 20
Recommended Reflow Profile
www..com
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Outline Drawing / Enclosure
Dimensions in mm Dimensions in mm Dimensions in inches
Type A
Code 0 1 2 Height "H" 7.5 8.0 10.1
20,7max. 15,24 0,3 12,2
0,5
Type B
Pin Length "L" 5.85 5.85 5.85 Code 3 Height "H" 9.4 Pin Length "L" NA Code 4
Type C
Height "H" 0.45 Pin Length "L" NA
H = 7,5max.;
G 125
4,58 0,5
7,62 0,3 5,85min. H
1
7
14
8
0,8max.
o0,45
2,3
13,1max.
Pin Connections
1 7 8 14 Electronic Frequency Control (EFC) Ground (Case) RF Output Supply
www..com
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Ordering Information
TX - 400 0 - D A J - 206
Product Family TX: TCXO Package 13 x 20 mm Height 0: A 7.5mm 1: A 8.0mm 2: A 10.1mm 3: B 9.4mm 4: C 0.45" Supply Voltage D: 5 Vdc E: 3.3 Vdc RF Output Code A: HCMOS C: PECL E: Sinewave F: Sinewave, clipped
0 - 10M0000000
Frequency Tuning Option 0: No Tuning (Fixed Frequency) 1: Electrical Frequency Adjust (EFC) Stability Code 256: 2.5ppm 206: 2.0ppm 156: 1.5ppm 106: 1.0ppm 507: 0.5ppm
Temperature Range E: -40C to +85C J: -20C to +70C T: 0C to +70C P: 0C to +50C
Notes: 1. Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2. Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C). 3. Phase noise degrades with increasing output frequency. 4. Subject to technical modification. 5. Contact factory for availability.
For Additional Information, Please Contact
Vectron International 267 Lowell Road Hudson, NH 03051 www..com Tel: 1.888.328.7661 Fax: 1.888.329.8328
USA:
Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 3328.4784.17 Fax: +49 (0) 3328.4784.30
Europe:
Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881
Asia:
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Rev: 5/27/2009 daf
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com


▲Up To Search▲   

 
Price & Availability of TX-400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X