|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
S5A THRU S5M 5.0 AMPS. Surface Mount Rectifiers Voltage Range 50 to 1000 Volts Current 5.0 Amperes Features For surface mounted application Glass passivated junction chip. Low forward voltage drop High current capability Easy pick and place High surge current capability Plastic material used carries Underwriters Laboratory Classification 94V-O High temperature soldering: 260oC / 10 seconds at terminals .129(3.27) .118(3.0) SMC/DO-214AB .245(6.22) .220(5.59) .280(7.11) .260(6.60) .012(.31) .006(.15) Mechanical Data Case: Molded plastic Terminals: Solder plated Polarity: Indicated by cathode band Packaging: 16mm tape per EIA STD RS-481 Weight: 0.21 gram .103(2.62) .079(2.00) .060(1.52) .030(0.76) .320(8.13) .305(7.75) .008(.20) .004(.10) Dimensions in inches and (millimeters) Maximum Ratings and Electrical Characteristics Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol S5A S5B S5D Type Number Maximum Recurrent Peak Reverse Voltage 50 100 200 VRRM Maximum RMS Voltage 35 70 140 VRMS Maximum DC Blocking Voltage 50 100 200 VDC Maximum Average Forward Rectified Current @TL =75 (Note 1) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 5.0A Maximum DC Reverse Current @ TA =25 at Rated DC Blocking Voltage @ TA=125 Typical Thermal Resistance (Note 1) Typical Junction Capacitance ( Note 2 ) Operating Temperature Range Storage Temperature Range S5G 400 280 400 5.0 100 1.15 S5J 600 420 600 S5K 800 560 800 S5M Units 1000 V 700 V 1000 V A A V uA uA /W pF I(AV) IFSM VF IR RJL RJA Cj TJ TSTG Notes: 1. Measured on P.C. Board with 0.6 x 0.6" (16 x 16mm) Copper Pad Areas. 2. Measured at 1 MHz and Applied VR=4.0 Volts 10.0 250 13 47 60 -55 to +150 -55 to +150 - 490 - RATINGS AND CHARACTERISTIC CURVES (S5A THRU S5M) FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0.5 50 200 FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT. (A) AVERAGE FORWARD CURRENT. (A) 100 50 RESISTIVE OR INDUCTIVE LOAD P. C. BOARD MOUNTED ON 8.0mm2 PAD AREAS 60 70 80 90 100 110 120 o 8.3ms Single Half Sine Wave JEDEC Method Tj=Tj max 10 1 5 10 50 100 130 140 150 165 LEAD TEMPERATURE. ( C) NUMBER OF CYCLES AT 60Hz FIG.3- TYPICAL FORWARD CHARACTERISTICS 100 FIG.4- TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT. (A) 30 INSTANTANEOUS REVERSE CURRENT. ( A) 10 Tj=125 0C 10 3 1 0.3 1 Tj=25 0C 0.1 0.03 0.01 0.6 Tj=25 0C PULSE WIDTH-300 S 2% DUTY CYCLE 0.7 0.8 0.9 1.0 1.2 1.4 1.6 0.1 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%) FORWARD VOLTAGE. (V) FIG.5- TYPICAL JUNCTION CAPACITANCE 100 JUNCTION CAPACITANCE.(pF) 50 Tj=25 0C f=1.0MHz Vsig=50mVp-p 10 5 1 5 10 REVERSE VOLTAGE. (V) 50 100 - 491 - |
Price & Availability of S5A |