Part Number Hot Search : 
PTF20024 SE5561 00502 F2012 TDA1521 MAX153 M27C25 AN4460
Product Description
Full Text Search
 

To Download MP2R1AUD02M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micro Switches
Miniature SPDT Micro Switches
Contact Configuration O1.35 to 1.5 8.80 16.10 P.C.B. Mounting Hole O2.4 9.50 Mounting Holes 10.6 1.8
C NO NC
MP2 Series
6.4 O.P. (No. Lever) 7.50.1 P.T. 4.0 3.2
Button
Lever
NC Terminal NO Terminal COM Terminal MP2_ _H01_
8.80.1 7.30.1 19.85
t0.6 TYP.
0.4
9.50.1
3.5 2.9
O.P.
3.2 6.4
O1.6
TERMINAL TYPE
2.9 t 0.6x1.2 t 0.6x1.2 3.2 6.4 3.6 Release Force min. (gf) H 250 80 80 70 70 70 70 M 15 5 5 5 5 5 5 L 15 5 5 5 5 5 5 N 35 12 12 12 12 12 12 H 140 15 15 15 15 15 15 2.8 2.9
2.9
10.6 7.1
3.3
O1.2
t 0.6x3.2 6.4
O1.6 t 0.6x2.8 6.4 6.4
0.5
t 0.6x1.2
3.6
3.2 6.4
3.2 2.9
2.8
O1.2
O1.2
D Solder Terminal
Q Quick Connect
H P.C.B. Terminal Straight
L P.C.B. Terminal Left Angle
R P.C.B. Terminal Right Angle
HINGED TYPE (LEVER)
14.5 16.5 Hinged Type 00 01 02 03 04 O.P. (mm) P.T. max. (mm) 0.4 1.5 1.8 2.3 2.8 2.5 2.0
OPERATING FORCE
O.T. min. (mm) 0.7 1.7 2.3 3.0 1.0 1.5 1.5 M.D. max. (mm) 0.2 0.8 0.8 0.8 0.8 0.8 0.8 Operating Force max. (gf) M 50 20 20 15 15 15 15 L 100 25 20 15 15 15 15 N 150 45 45 40 40 40 40
00 Pin Plunger
22.6
01 Short
02 Standard
15.8
8.400.50 9.150.85 9.250.95 9.31.0 10.31.0 14.31.0
12.551.25
03 Long
04 Simulated
05 06
14.5
13.4
05 Roller
06 Bending
O.P. (Operation Position): The position of the actuator at which the contact snap to the operated contact position F.P. (Free Position): The initial position on the actuator when there is no external force applied P.T. (Pretravel): The distance or angle through which the actuator moves from the F.P. to the O.P. O.T. (Over Travel): The distance or angle of the actuator movement beyond the O.P. R.P. (Releasing Position): The position of the actuator at which the contacts snap from the operated contact position to their normal position M.D. (Movement Differential): The distance or angle from O.P. to R.P.
How to order:
General Specifications:
3 4 5
MP2
1
1
2
CURRENT RATING: 0.1A 48VDC 5A 125/250VAC CLOTHED MATERIAL: Silver (Standard) Gold TERMINAL Solder Lug Quick Connect P.C.B. Terminal Straight P.C.B. Terminal Left Angle P.C.B. Terminal Right Angle
4
R1 R2
2
HINGED TYPE (See above drawings): Pin Plunger Short Hinge Lever Standard Hinge Lever Long Hinge Lever Simulated Hinge Lever Roller Hinge Lever Bending Hinge Lever OPERATING FORCE Minimal Force Lower Force Standard Force Higher Force
FEATURES SPDT Miniature Micro Switch Long Life spring mechanism Large over travel Small compact size MATERIAL Stationary Contact: Silver (5A) Brass copper (0.1A) Movable Contact: Silver alloy Terminals: Brass Copper MECHANICAL Type of Actuation: Momentary Mechanical Life: 300,000 operations min. Operating Temperature: -25C to +105C ELECTRICAL Electrical Life: 10,000 operations min. Initial Contact Resistance: 30m max. Insulation Resistance: 100M min.
AG AU
3
00 01 02 03 04 05 06
5
D Q H L R
M L N H
L02
sales@greatecs.com
www.greatecs.com
3.2 2.9
6.4
7.0
Micro Switches


▲Up To Search▲   

 
Price & Availability of MP2R1AUD02M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X