Part Number Hot Search : 
HI7188 SC147 EQW025 KSA1220 AD641Q STZ8082 ASJ15 USD3045C
Product Description
Full Text Search
 

To Download MN101D07H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MN101D07G, MN101D07H
Type Internal ROM type ROM (byte) RAM (byte) Package (Lead-free) Minimum Instruction Execution Time 128K 4K MN101D07G Mask ROM 160K 5K MN101D07H MN101DF07Z FLASH 224K 6K 0.1397 s (at 4.0 V to 5.5 V, 14.32 MHz) 71.5 s (at 3.0 V to 5.5 V, 14.32 MHz internal frequency di Vision) 61 s (at 2.5 V to 5.5 V, 32.768 kHz)
LQFP112-P-2020 [With main clock operated] 0.1397 s (at 4.0 V to 5.5 V, 14.32 MHz) 71.5 s (at 3.0 V to 5.5 V, 14.32 MHz internal frequency di Vision) [When sub-clock operated] 61 s (at 2.2 V to 5.5 V, 32.768 kHz)
Interrupts
RESET, Runaway, External 0 to 4, key input (P50 to P54), Timer 0 to 4, Timer 6, Timer 7, Capstan FG, Control, HSW, Cylinder(Drum) FG, Servo V-sync, Synchronous output, OSD, XDS, Serial 0 to 2, A/D (common with PWM 4 reference frequency), OSD V-sync Timer counter 0 : 16-bit x 1 (timer function, clock function [max. 2 s or max. 36 h at cascade-connecting with timer 6]) Clock source................ 1/2, (1/4,) 1/8, (1/16) of system clock frequency; overflow of timer counter 6; 1/512 of XI oscillation clock or OSC oscillation clock frequency Interrupt source ........... overflow of timer counter 0 Timer counter 1 : 16-bit x 1 (timer function, linear timer counter function) Clock source................ 1/2, (1/4,) 1/8, (1/16) of system clock frequency; CTL signal Interrupt source ........... overflow of timer counter 1 Timer counter 2 : 16-bit x 1 (timer function, input capture (DCTL specified edge), duty judgment of DCTL signal) Clock source................ 1/2, (1/4,) 1/8, (1/16,) 1/12, (1/24) of system clock frequency Interrupt source ........... overflow of timer counter 2; input of DCTL specified edge; underflow of timer 2 shift register 4-bit counter; coincidence of timer 2 shift register with timer 2 shift register compare register Timer counter 3 : 16-bit x 1 (timer function, detection of serial indexing, generation of remote control output carrier frequency) Clock source................ 1/2, (1/4,) 1/8, (1/16) of system clock frequency; XI oscillation clock Interrupt source ........... overflow of timer counter 3 Timer counter 4 : 16-bit x 1 (timer function, event count [P15 input], generation of serial transmission clock) Clock source................ 1/8, (1/16) of system clock frequency; external clock input Interrupt source ........... overflow of timer counter 4; coincidence of timer counter 4 with OCR4 Timer counter 5 : 19-bit x 1 (watchdog, stable oscillation waiting function) Clock source................ system clock Watchdog interrupt source ... 1/216, 1/219 of timer counter 5 frequency Clear by stable oscillation ... after 256 counts by timer counter 5 (218 counts of OSC oscillation clock) Timer counter 6 : 16-bit x 1 (clock function [max. 2 s]) Clock source................ 1/512 of OSC oscillation clock frequency; XI oscillation clock; 1/4, (1/8,) 1/64, (1/128) of system clock frequency Interrupt source ........... 1/213, 1/214, 1/215 overflow of timer counter 6 Timer counter 7 : 8-bit x 1 or 4-bit x 2 (timer function, event count) Clock source................ 1/4, (1/8,) 1/16, (1/32) of system clock frequency; external clock input Interrupt source ........... overflow of timer counter 7 (although when 4-bit x 2, there is one interrupt vector. )
Timer Counter
MAD00030GEM
MN101D07G, MN101D07H
Serial interface
Serial 0 : 8-bit x 1 (synchronous type/start-stop synchronous type) (transfer direction of MSB/LSB selectable) Synchronous type clock source .... 1/8, 1/16, 1/32, 1/64, 1/128, 1/256 of system clock frequency; 2-division timer 4 output; NSBT0 pin input Clock for UART .......... 8-division of above clock; 2-division timer 4 output; NSBT0 pin input Serial 1 : 8-bit x 1 (synchronous type/remote control transmission/simple remote control receive) (transfer direction of MSB/LSB selectable, start condition function) Clock source................ 1/8, 1/16, 1/32, 1/64, 1/128, 1/256 of system clock frequency; 2-division timer 4 output; NSBT1 pin input Remote control clock...... 2-division timer 4 output Serial 2 : 8-bit x 1 (IC) (master transmission/reception, slave transmission/reception) Clock source................ 1/144 to 1/252 of system clock, SCK pin input
OSD
OSD mode : Accommodation with menu(internal synchronous) or super impose(external synchronous) display Applicable broadcasting system.... NTSC, PAL, PAL-M, PAL-N Screen configuration ................ 24 characters x 2n rows (n = 1 to 6) Character type .......................... max. 512 character types (variable) Character size ........................... 12 x 18 dots Enlarged characters .................. each x 2, x 3 or x 4 settings in horizontal and vertical Character interpolation............. none Line background color ............. 8-hue settable (settable in the row unit at menu display) Line background intensity........ 8 gradations settable in the row unit(at output of composite video signal) Screen background color.......... 8-hue settable (at output of composite video signal) Character color ......................... white (at output of composite video signal) Character intensity ................... 8 gradations settable in the row unit Frame function ......................... 1-dot frame in 4 or 8 directions (at output of composite video signal) Frame intensity......................... 4 gradations settable in the row unit Box shade function .................. settable in the character unit (at output of composite video signal with 129 or more characters (character types)) Blinking.................................... none (covered by software) Inverted character..................... settable in the character unit Halftone.................................... settable in the row unit in 2 intensity gradations (at output of external synchronous composite video signal) CCD mode : Supports Closed Caption in the U.S.A. Screen configuration ................ 2 characters x 16 rows Character type .......................... max. 128 character types (variable) Character size ........................... 2 x 26 dots (including 8 dots in the underlined area) Enlarged characters .................. none Character interpolation............. none Line background color ............. 8-hue settable Line background intensity........ 8 gradations settable in the screen unit (at output of composite video signal) Screen background color.......... 8-hue settable (at output of composite video signal) Character color ......................... 8 colors (at RGB output), White (at output of composite video signal) Character intensity ................... 8 gradations settable in the screen unit(at output of composite video signal) Frame function ......................... none Box shade function .................. none Inverted character..................... none Halftone.................................... settable in the row unit in 2 intensity gradations (at output of external synchronous composite video signal) Others ....................................... Underline, italic, blinking function and scroll Common Input ......................................... composite video signal input (output level : 1 V[p-p] / 2 V[p-p]) Clamp method .......................... sync tip clamp, clamp level in 4 levels Output ...................................... composite video output, output of Y/C split video signal, digital output (6 pins) Measure against image fluctuation...... built-in AFC circuit Dot clock .................................. 1/2 of OSC oscillation clock (automatic phase adjustment)
MAD00030GEM
XDS
Built-in U.S. closed caption data slicer (optional 2 line data can be extracted.)
I/O Pins
I/O Input 85 2 Common use : 71 Common use : 2
A/D converter PWM
8-bit x 14-ch. (without S/H) 13-bit x 2-ch. (at repetition cycle 572 ms at 14.32 MHz), 10-bit x 2-ch. (at repetition cycle 71.5 ms at 14.32 MHz), 8-bit x 1-ch. (at repetition cycle 71.5 ms, 0.572 ms, 1.14 ms, 2.29 ms at 14.32 MHz) 18-bit x 6-ch. 16-bit x 2 (8-bit synchronous output; 4-bit 3-state synchronous output), 16-bit x 1 (weak electric field V-sync backup), 16-bit x 1 (Rec CTL) Buzzer output; 3-state output VLP pin; remote control receive; CTL signal input terminal; Capstan FG inputterminal; Sylinder(Durm) PG/FG input terminals; HSW output terminal; Head Amp/Rortary control output terminals; output of 1/2 OSC oscillation clock (2 V[p-p]); output of 1/4 OSC oscillation clock (1 V[p-p]) Correcting address designation : up to 3 addresses possible Correction method : correction program being saved in internal RAM
ICR
OCR
Special Ports
ROM Correction
Electrical Charactreistics (Supply current)
Parameter Symbol IDD1 Operating supply current IDD2 IDD3 Supply current at STOP Supply current at HALT IDSP IDHT0 IDHT1 Condition 14.32 MHz operation without load, VDD = 5 V 1/1024 of 14.32 MHz operation without load VDD = 3.0 V Stop of 14.32 MHz oscillation, VDD = 2.7 V 32 kHz oscillation operation without load Stop of oscillation without load, VDD = 5 V, Ta = 55C 14.32 MHz oscillation without load, VDD = 5 V Stop of 14.32 MHz oscillation, VDD = 2.7 V 32 kHz oscillation operation without load Limit min typ 60 2 50 5 5 max 100 5 100 10 15 20 Unit mA mA A A mA A
(Ta = 25C2C , VSS = 0 V)
Electrical Charactreistics (A/D converter characteristics)
Parameter Conversion relative error A/D Conversion Time Analog Input Voltage Symbol NLAD tAD fosc = 14.32 MHz 8 5 Condition Limit min typ max 3 Unit LSB V
(Ta = 25C2C , VDD = 5.0 V , VSS = 0 V)
Development tools
In-circuit Emulator PX-ICE101C/D + PX-PRB101D07-LQFP112-P-2020-M
MAD00030GEM
MN101D07G, MN101D07H
Pin Assignment
RCTLN RCTLP AVDD CTLA AVSS VRI VRO AFG FGF YPG(P91) YFG(PFG) PGMM(P92) VOW1(PA0) VOW2(PA1) VOW3(PA2) VOW4(PA3) VOB1(PA4) VOB2(PA5) PA6 SCOUT(P93) SECAM(PA7) SYOUT(P94) FSCLPF(PB0) FSCI(PB1) AFCLPG(PB2) AFCC(PB3) VDD2 SCIN(P95) CO TPZ(P90, AD12) AD13(PC4) AD11(PC3) AD10(PC2) AD9(PC1) AD8(PC0) AD7(P87) AD6(P86) AD5(P85) AD4(P84) AD3(P83) AD2(P82) AD1(P81) AD0(P80) VDD P77 P76 P75 P74 P73 P72 P71 P70 VSS ROTA(P67) HAMP(P66) DENV(P65) 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 84 86 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
MN101D07G MN101D07H
MAD00030GEM
IRQ0(P64) IRQ1(P63) IRQ2(P62) IRQ3(P61) IRQ4(P60) P56 P55 KEYIRQ4(P54) KEYIRQ3(P53) KEYIRQ2(P52) KEYIRQ1(P51) KEYIRQ0(P50) SBT1(P07) SBI1(P06) SBO1(P05) P03 SBT0(P02) SBI0(P01) SBO0(P00) SDA(P27) SCK(P26) HBUFD6, BUZZER(P46) HUBFD4(P44) HUBFD2, DAOUT(P42) HUBFD0(P40) HSW VLP NRST(P04)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
SYIN(P96) CVIN2(PB4) CVIN(PB5) VSS2 CVOUT(PB6) P97 HSYNC(PB7) VSYNC(P20) OSCO2(P21) OSCI2(P22) SXI XO(P23) XI(P24) VSS OSCI OSCO VDD SBUFD0, PWM4(P25) PWM0 PWM1 P57 SBUFD1(P11, PWM2) SBUFD2(P12, PWM3) SBUFD3(P13, FF15) SBUFD4(P14, TC3O) SBUFD5(P15, TC4I) SBUFD6(XDSCK, OSDH, P16) SBUFD7(XDSDAT, OSDV, OSCDIV, P17)
LQFP112-P-2020
Request for your special attention and precautions in using the technical information and semiconductors described in this book
(1) If any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) The technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. Therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) The products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: - Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. - Any applications other than the standard applications intended. (4) The products and product specifications described in this book are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). Especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) Comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (ESD, EOS, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. When using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) This book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd. Industrial Co., Ltd.


▲Up To Search▲   

 
Price & Availability of MN101D07H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X