Part Number Hot Search : 
TEVAL 10PT06AI CWP060 54FCT SDR0906 C1300 BZT55 KE400A
Product Description
Full Text Search
 

To Download MCH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCH Series
Military Grade High Voltage Chip Resistors
OhmCraft's revolutionary fine line, thick film technology, called FineFilm, provides an entirely new level of stability and voltage ratings in chip resistors. Our MCH series of resistors meets the same high standards as our HVC series, but with the added feature of an extended temperature range.

The usual hybrid technologies for manufacturing resistors depend upon composite materials that have limitations. Traditional thick-film methods severely limit performance characteristics and thin-film methods are limited in attainable ohmic values. The FineFilm method of manufacturing offers the best characteristics of both methods, plus adds many unique features. FineFilm resistors feature a longer, high-aspect ratio trace of lower resistivity film. The combination of long line, highaspect ratio, and higher conductivity film, give FineFilm
Voltage Ratings to 40,000 Volts Ohmic Values to 1,000 Gigohms Ultra High Stability Tight Tolerances ( to 0.1% ) Low TCR and VCR Very Low noise Extended Temperature Range
(-55C to +125C)
Custom Configurations
resistors unmatched design efficiency, versatility, linearity, stability and low noise. The FineFilm method allows control of process parameters to very tight tolerances. The result is chip resistors with outstanding stability and high voltage ratings. Using the same method, a complete line of FineFilm leaded resistors, dividers and networks are manufactured. For information on those products, please refer to the appropriate data sheets.
Maximum Continuous Voltage:
FineFilm high voltage chip resistors offer voltage ratings that are much higher than conventional screen printed resistors of the same size and resistive value.
3500 3000
Max. Voltage
Maximum Continuous Voltage Ratings OhmCraft Conventional
2500 2000 1500 1000 500 0 0402 0503 0603 0805 1005 1206 1505 2010 2208 2512 3512
Ratings
0402 Max. Power (W) Max. Voltage (V) (In air) Max. Voltage (V) (Potted) Resistance Range (ohms)
2
Case Size1 0503 0.050 350 6000 1K200G 0603 0.060 400 6000 1K300G 0805 0.200 600 10K 1K350G 1005 0.250 750 13K 1K450G 1206 0.330 1000 16K 1K500G 1505 0.330 1200 19K 5K750G 2010 1.000 1700 30K 10K1T 2208 0.750 2000 35K 5K1.5T 2512 2.000 2500 40K 10K2.0T 3512 3.000 3500 50K 10K2.0T
0.040 300 4000 1K20G
Note 1: Other standard & custom case sizes are available including: 0403, 0502, 0504, 1004, 1210 & 2510 Note 2: The continuous maximum voltage applied cannot exceed the maximum power rating. MCH0211
Dimensions
Wrap-around Type B & U terminations
Case Size ?
0402 0403 0502 0503 0504 0603 0805
Length (L) (mils)
40 + 5 40 + 5 50 (+10,-5) 55 (+10,-5) 50 (+10,-5) 63 (+10,-5) 79 (+10,-5) 100 (+10,-5) 100 (+10,-5) 126 (+10,-5) 126 (+10,-5) 150 (+10,-5) 200 (+10,-5) 225 (+10,-5) 250 (+10,-5) 250 (+10,-5) 350 (+10,-5)
Width (W) (mils)
20 + 3 30 + 5 25 + 5 30+ 5 40+ 5 31 + 5 50 + 5 40 + 5 50 + 5 63 + 5 98 + 5 50 + 5 100 + 5 75 + 5 100 + 5 125 + 5 125 + 5
Thickness (T) Max. (mils)
20 20 20 20 20 20 25 25 25 30 30 30 30 30 30 30 30
Pad (D) (mils)
10 (+ 5) 10 (+ 5) 10 (+ 5) 6 (+ 2) 6 (+ 2) 10 (+10,-5) 10 (+10,-5) 15 (+10,-5) 15 (+10,-5) 15 (+10,-5) 15 (+10,-5) 15 (+10,-5) 20 (+10,-5) 20(+10,-5) 20 (+10,-5) 20 (+10,-5) 20 (+10,-5)
L = Length W = Width T = Thickness D = Pad dimension
Bondable Type G & S terminations
1004 1005 1206 1210 1505 2010 2208 2510 2512 3512
How to build a part number....
Type Case size TCR1 Value2 Tolerance3 Termination
MCH
High Voltage See dimension E = + 25ppm/C Chip table above H = + 50ppm/C K = + 100ppm/C L = + 200ppm/C
Note 1: TCR measured from -55C to +125C. Note 2: Value is dependent on case size. Note 3: Tolerance is dependent on case size & value.
Resistance value expressed as a four digit number where the first three numbers are the significant value, and the forth number is the number of zeros.
Example: For a High Voltage, 125 Meg-ohm resistor with case size of 0805, a TCR of + 50 ppm/C, a +1% tolerance, and wrap-around solderable terminations - the part number would be: MCH0805H1256FB
B = + 0.1 % C = + 0.25 % D = + 0.5 % F = + 1.0 % G = + 2.0% J = + 5.0 % K = + 10 % N = + 15 % L = + 20 % M = + 30 % P = + 50 %
B = Solderable wrap-around
(solder coated with nickel barrier) S = Solderable single surface (flip-chip) G = Wire Bond able (gold) U = Bondable wraparound (gold)
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey, RH8 9AX Tel: +44 (0) 1883 717988 Fax: +44 (0) 1883 712938 Email: sales@rhopointcomponents.com Web: www.rhopointcomponents.com
MCH0211


▲Up To Search▲   

 
Price & Availability of MCH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X