Part Number Hot Search : 
120611 VS9LAVH L8316 VS9LAVH SE20FD 1N5226B 06006 LA200
Product Description
Full Text Search
 

To Download ISO-L-UX-PX-OX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNYUAN TECHNOLOGY CO., LTD.
www..com
Signal Isolated Amplifier
High Current Output Signal Isolated Amplifier Feature:
Accuracy:0.1/0.2/0.5 4-20mA/0-5V/0-10V standard input signal 0~100mA/0~500mA/0~1A current signal output Or 0~1V(max 1A)/0~5V(max 500mA) voltage signal output Input/output isolation(3000VDC) Power supply:12VDC/15VDC/24VDC etc. Between power supply and output signal are non-isolated Standard DIN rail-mounted,industrial temperature : - 45 ~ + 80 deg.C
Application:
Industrial signal isolation and amplifier Current signal amplifier or strengthen voltage signal drive capability Electromagnetism valve or proportion valve linearity drivers. Magnistor linearity controller Electromagnetism drive coils or high power load Ground-loop elimination
Description
SUNYUAN DIN 1X1 ISO--U(A) - P - O contains a group of high accuracy isolated amplifier circuit and a power amplifier circuit.It is widely used in current signal or voltage signal drive capability high need situation. Standard DIN rail-mounted,easy to use.
Type Model:
DIN 1X1 ISO - U(A) P- O
ISO: input/output isolated Default:input/output non-isolated Signal Type: S:Switching input and output L:Linearity input and output Input Signal: U10-5V U20-10V U30-75mV U40-2.5V U5:user-defined
A10--1mA A2: 0--10mA A3: 0--20mA A4: 4--20mA A5:user-defined
Output Signal: O4: 0-5V(max 500mA) O5: 0-10V(max 200mA) O6: 1-5V(max 500mA) O7: user-defined O8: 0-1A(max 2) O9: 0-500mA(max10) Power: P1: DC24V P2: DC12V P3: DC5V P4: DC15V P5:user-defined
SHENZHEN SUNYUAN TECHNOLOGY CO., LTD.
www..com
Signal Isolated Amplifier
Examples:
1. Input/output is non-isolated signal type:Switching Input Signal:0-5V Output signal:0-5V,max500mA Power:24V Part No.: DIN 1X1 S-U1-P1-O4 2. Input/output is isolated signal type: Linearity Input Signal:4-20mA Output signal:0-1A,max:2 ohm Power:5V Part No.: DIN 1X1 ISO L-A4- P3-O8
Technic parameter:
Accuracy ------- 0.1/0.2/0.5 Response Time ------- 300mS Power ------- DC5V12V24V10% Power loss ------- < 10W Input ------- voltage signal/current signal Temperature Drift ------- 200ppm/ Load capability ------<5W Isolation ------- signal input/signal output Operating temperature ------- -25 ~ +70 Insulated resistance ------- 20M Operating humidity ------- 10 ~ 90% Endure voltage ------- Input/output Storage temperature ------- -45 ~ +80 2500VDC miniute 1 leak current 1mA Storage humidity------ 10 ~ 95% Endure impact voltage------- 3KV,1.2/50us(peak value)
PIN Function:
PIN 1 2 3 4 5 6 7 8 9 10 11 12 Size: In+ InNC NC Vcc GND NC NC OutOut+ NC NC Power+ PowerFunction


▲Up To Search▲   

 
Price & Availability of ISO-L-UX-PX-OX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X