Part Number Hot Search : 
2N7225 UPD166 1N5276 STC803L SDR3000 DS1305ER MM3Z2V4 TC151
Product Description
Full Text Search
 

To Download ILAS-1206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ILAS-1206
Vishay Dale
Chip Array Ferrite Bead
FEATURES
* Combines four single 0603 chips into one package to reduce board space and placement time. * Highly effective in high density applications. * 0.031" [0.8mm] terminal pitch makes it easy to apply EMI prevention in multiple-lines such as connectors and IC pins. * Material and construction design minimize crosstalk between adjacent circuits.
MECHANICAL SPECIFICATIONS
Solderability: 90% coverage after 5 seconds dip in 235C solder following 60 second preheat at 120C to 150C and type R flux dip. Resistance to Solder Heat: 10 seconds in 260C solder after preheat and flux per above. Terminal Strength: 1.2Kg (2.64 pounds) for 30 seconds. Beam Strength: 2.0Kg (4.4 pounds) minimum.
Flex: 0.79 (2mm) minimum mounted on 0.63 (1.6mm) thick PC board.
ENVIRONMENTAL SPECIFICATIONS*
Operating Temperature: - 55C to + 125C. Thermal Shock: 300 cycles, - 40C to + 125C. Biased Humidity: 85% RH at 85C, 1000 hours at full rated current.
STANDARD ELECTRICAL SPECIFICATIONS
PART NUMBER PACKAGE SIZE Z@ 100MHz ( 25%) 60 120 300 600 1000 DCR MAX. (Ohms) 0.12 0.2 0.4 0.6 0.8 RATED DC CURRENT (mA) 300 150 100 100 50 SIGNAL SPEED
ILAS
1206-99
STANDARD
DIMENSIONS in inches [millimeters]
0.016 0.006 [0.4 0.15] 0.130 [typ] [0.33] 0.126 0.006 [3.2 0.15] 0.031 0.006 [0.8 0.15]
0.063 0.008 [1.6 0.2] 0.035 [typ] [0.88] 0.016 [typ] [0.40]
0.031 0.006 [0.8 0.1]
0.031 0.008 [0.8 0.2]
0.012 0.006 [0.3 0.15]
DESCRIPTION
ILAS - 1206 - 99 MODEL 120 IMPEDANCE VALUE
25%
IMPEDANCE TOLERANCE
SAP PART NUMBERING GUIDELINES (INTERNAL)
I L A S 1 2
SIZE
0
6
R
K
1
2
IMPEDANCE VALUE
1
V
TOL.
PRODUCT FAMILY See the end of this data book for conversion tables
PACKAGE CODE
Document Number 34103 Revision 15-Jan-03
For technical questions, contact Magnetics@vishay.com
www.vishay.com 97
ILAS-1206
Vishay Dale
Chip Array Ferrite Bead
TYPICAL CURVES - FREQUENCY CHARACTERISTICS OF Z, X AND R
ILAS-1206 60
90 Z 80
Z 250
ILAS-1206 120
IMPEDANCE (OHMS)
IMPEDANCE (OHMS)
R 70 60 50 40 30 20 X 10 0 1 10 100 1000 10000
200
R
150
100 X 50
0 1 10 100 1000 10000
FREQUENCY (MHz)
FREQUENCY (MHz)
ILAS-1206 300
500 450 700 800
ILAS-1206 600
IMPEDANCE (OHMS)
400 Z 350 300 250 200 150 X 100 50 0 1 10 100 1000 10000 R
IMPEDANCE (OHMS)
Z
R
600 500 400 300 200 X 100 0 1 10 100 1000 10000
FREQUENCY (MHz)
FREQUENCY (MHz)
ILAS-1206 1000
1200
IMPEDANCE (OHMS)
1000 Z 800 R
600
400 X 200
0 1 10 100 1000 10000
FREQUENCY (MHz)
www.vishay.com 98
For technical questions, contact Magnetics@vishay.com
Document Number 34103 Revision 15-Jan-03


▲Up To Search▲   

 
Price & Availability of ILAS-1206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X