Part Number Hot Search : 
BAV99W 1SV266 GI504 4LC21 VRA24 2E474J LB194 T312007
Product Description
Full Text Search
 

To Download HYB314400BJ-50- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1M x 4-Bit Dynamic RAM
HYB 314400BJ-50/-60
Advanced Information * 1 048 576 words by 4-bit organization * 0 to 70 C operating temperature * Fast Page Mode Operation * Performance: -50 -60 60 15 30 110 40 ns ns ns ns ns
tRAC tCAC tAA tRC tPC
RAS access time CAS access time Access time from address Read/Write cycle time Fast page mode cycle time
50 13 25 95 35
* Fast access and cycle time Single + 3.3 V ( 0.3 V) supply with a built-in VBB generator * Low power dissipation max. 252 mW active (-50 version) max. 216 mW active (-60 version) * Standby power dissipation: 7.2 mW max. standby (LVTTL) 3.6 mW max. standby (LVCMOS) * Output unlatched at cycle end allows two-dimensional chip selection * Read, write, read-modify write, CAS-before-RAS refresh, RAS-only refresh, hidden refresh and test mode capability * All inputs and outputs LVTTL-compatible * 1024 refresh cycles / 16 ms * Plastic Packages: P-SOJ-26/20-2 with 300 mil width
Semiconductor Group
1
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
The HYB 314400BJ is the new generation dynamic RAM organized as 1 048 576 words by 4-bit. The HYB 314400BJ utilizes CMOS silicon gate process as well as advances circuit techniques to provide wide operation margins, both internally and for the system user. Multiplexed address inputs permit the HYB 314400BJ to be packed in a standard plastic P-SOJ-26/20 package. This package size provides high system bit densities and is compatible with commonly used automatic testing and insertion equipment. System oriented features include single + 3.3 V ( 0.3 V ) power supply, direct interfacing with high performance logic device families. Ordering Information Type Ordering Code Package Descriptions
HYB 314400BJ-50 on request HYB 314400BJ-60 on request
P-SOJ-26/20-2 300 mil 3.3 V DRAM (access time 50 ns) P-SOJ-26/20-2 300 mil 3.3 V DRAM (access time 60 ns)
Semiconductor Group
2
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
P-SOJ-26/20-2
I/O1 I/O2 WE RAS A9 1 2 3 4 5 26 25 24 23 22
V SS I/O4 I/O3 CAS OE
A0 A1 A2 A3 V CC
9 10 11 12 13
18 17 16 15 14
A8 A7 A6 A5 A4
SPP02807
Pin Configuration Pin Names A0 - A9 RAS CAS WE OE I/O1 - I/O4 Address Input Row Address Strobe Column Address Strobe Read/Write Input Output Enable Data Input/Output Power Supply (+ 3.3 V) Ground (0 V) No Connection
VCC VSS
N.C.
Semiconductor Group
3
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
I/O1 I/O2 I/O3 I/O4
Data In Buffer WE CAS & 4
Data Out Buffer 4
OE
No.2 Clock Generator
10 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 10
Column Address Buffers (10)
10
Column Decoder
Refresh Controller
Sense Amplifier I/O Gating 1024 x4
4
Refresh Counter (10)
. . .
. . .
Row Address Buffers (10)
10
Row Decoder
. .. 1024 . . .
Memory Array 1024 x 1024 x 4
RAS
No.1 Clock Generator
SPB02831
Block Diagram
Semiconductor Group
4
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
Absolute Maximum Ratings Operating temperature range ........................................................................................... 0 to 70 C Storage temperature range.................................................................................... - 55 to + 150 C Input/output voltage ............................................................................ - 1 to min (VCC + 0.5, 4.6) V Power Supply voltage ................................................................................................. - 1 to + 4.6 V Data out current (short circuit) ............................................................................................... 50 mA
Note: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage of the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC Characteristics TA = 0 to 70 C, VSS = 0 V, VCC = 3.3 V 0.3 V, tT = 5 ns Parameter Input high voltage Input low voltage TTL Output high voltage (IOUT = - 2 mA) TTL Output low voltage (IOUT = 2 mA) CMOS Output high voltage (IOUT = - 100 A) CMOS Output low voltage (IOUT = 100 A) Symbol Limit Values min. max. 0.8 - 0.4 0.2 10 10 2.0 - 1.0 2.4 - - - 10 - 10 Unit Test Condition
1 1 1 1
VIH VIL VOH VOL VOH VOL
VCC + 0.5 V
V V V V V A A mA
VCC - 0.2 -
Input leakage current, any input II(L) (0 V < VIN < VCC + 0.3 V, all other input = 0 V) Output leakage current (DO is disabled, 0 < VOUT < VCC) Average VCC supply current -50 version -60 version Standby VCC supply current (RAS = CAS = WE = VIH)
1
IO(L) ICC1
1
2, 3, 4
- -
70 60 2 mA mA
2, 4
ICC2
-
Average VCC supply current during RAS-only ICC3 refresh cycles -50 version -60 version Average VCC supply current during fast page ICC4 mode operation -50 version -60 version
- - - -
70 60 mA 50 45
2, 3, 4
Semiconductor Group
5
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
DC Characteristics (cont'd)
TA = 0 to 70 C, VSS = 0 V, VCC = 3.3 V 0.3 V, tT = 5 ns
Parameter Standby VCC supply current (RAS = CAS = WE = VCC - 0.2 V) Average VCC supply current during CAS-before-RAS refresh mode -50 version -60 version Symbol Limit Values min. max. 1 - Unit Test Condition A mA - - 70 60
1
ICC5 ICC6
2, 4
Capacitance TA = 0 to 70 C; VCC = 3.3 V 0.3 V; f = 1 MHz Parameter Input capacitance (A0 to A9) Input capacitance (RAS, CAS, WE, OE) Output capacitance (IO1 to IO4) Symbol Limit Values min. max. 5 7 7 pF pF pF - - - Unit
CI1 CI2 CIO
Semiconductor Group
6
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
AC Characteristics 5, 6 TA = 0 to 70 C, VCC = 3.3 V 0.3 V, tT = 5 ns Parameter Symbol min. Common Parameters Random read or write cycle time RAS precharge time RAS pulse width CAS pulse width Row address setup time Row address hold time Column address setup time Column address hold time RAS to CAS delay time RAS to column address delay time RAS hold time CAS hold time CAS to RAS precharge time Transition time (rise and fall) Refresh period Read Cycle Access time from RAS Access time from CAS Access time from column address OE access time Column address to RAS lead time Read command setup time Read command hold time Read command hold time referenced to RAS CAS to output in low-Z Output buffer turn-off delay Output buffer turn-off delay from OE Limit Values -50 -60 max. max. min. Unit Note
tRC tRP tRAS tCAS tASR tRAH tASC tCAH tRCD tRAD tRSH tCSH tCRP tT tREF
95 35 50 13 0 8 0 10 18 13 13 50 5 3 -
- - 10k 10k - - - - 37 25
110 40 60 15 0 10 0 15 20 15 15 60
- - 10k 10k - - - - 45 30 - - - 50 16
ns ns ns ns ns ns ns ns ns ns ns ns ns ms
7
- 50 16
5 3 -
tRAC tCAC tAA tOEA tRAL tRCS tRCH tRRH tCLZ tOFF tOEZ
- - - - 25 0 0 0 0 0 0
50 13 25 13 - - - - - 13 13
- - - - 30 0 0 0 0 0 0
60 15 30 15 - - - - - 15 15
ns ns ns ns ns ns ns ns ns ns ns
8, 9 8, 9 8, 10
11 11 8 12 12
Semiconductor Group
7
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
AC Characteristics (cont'd) 5, 6 TA = 0 to 70 C, VCC = 3.3 V 0.3 V, tT = 5 ns Parameter Symbol min. Data to OE low delay CAS high to data delay OE high to data delay Write Cycle Write command hold time Write command pulse width Write command setup time Write command to RAS lead time Write command to CAS lead time Data setup time Data hold time Data to CAS low delay Read-Modify-Write Cycle Read-write cycle time RAS to WE delay time CAS to WE delay time Column address to WE delay time OE command hold time Fast Page Mode Cycle Fast page mode cycle time CAS precharge time Access time from CAS precharge RAS pulse width CAS precharge to RAS delay Fast Page Mode Read-Modify-Write Cycle Fast page mode read-write cycle time CAS precharge to WE Limit Values -50 -60 max. - - - ns ns ns
13 14 14
Unit Note
max. min. - - - 0 15 15
tDZO tCDD tODD
0 13 13
tWCH tWP tWCS tRWL tCWL tDS tDH tDZC
8 8 0 13 13 0 10 0
- - - - - - - -
10 10 0 15 15 0 10 0
- - - - - - - -
ns ns ns ns ns ns ns ns
16 16 13 15
tRWC tRWD tCWD tAWD tOEH
131 68 31 43 13
- - - - -
150 80 35 50 15
- - - - -
ns ns ns ns ns
15 15 15
tPC tCP tCPA tRAS tRHCP
35 10 - 50 30
- - 30 -
40 10 - 35
- - 35 -
ns ns ns ns
7
200k 60
200k ns
tPRWC tCPWD
71 48
- -
80 55
- -
ns ns
Semiconductor Group
8
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
AC Characteristics (cont'd) 5, 6 TA = 0 to 70 C, VCC = 3.3 V 0.3 V, tT = 5 ns Parameter Symbol min. CAS-before-RAS Refresh Cycle CAS setup time CAS hold time RAS to CAS precharge time Write to RAS precharge time Write hold time referenced to RAS CAS-before-RAS Counter Test Cycle CAS precharge time Test Mode Write command setup time Write command hold time Limit Values -50 -60 max. max. min. Unit Note
tCSR tCHR tRPC tWRP tWRH
10 10 5 10 10
- - - - -
10 10 5 10 10
- - - - -
ns ns ns ns ns
tCPT
35
-
40
-
ns
tWTS tWTH
10 10
- -
10 10
- -
ns ns
Semiconductor Group
9
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
Notes All voltages are referenced to VSS. ICC1, ICC3, ICC4 and ICC6 depend on cycle rate. ICC1 and ICC4 depend on output loading. Specified values are measured with the output open. Address can be changed once or less while RAS = VIL. In the case of ICC4 it can be changed once or less during a fast page mode cycle (tPC). 5. An initial pause of 200 s is required after power-up followed by 8 RAS cycles of which at least one cycle has to be a refresh cycle, before proper device operation is achieved. In case of using internal refresh counter, a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required. 6. AC measurements assume tT = 5 ns. 7. VIH (MIN.) and VIL (MAX.) are reference levels for measuring timing of input signals. Transition times are also measured between VIH and VIL. 8. Measured with a load equivalent to 100 pF and at VOH = 2.0 V (IOH = - 2 mA), VOL = 0.8 V (IOL = 2 mA). 9. Operation within the tRCD (MAX.) limit ensures that tRAC (MAX.) can be met. tRCD (MAX.) is specified as a reference point only: If tRCD is greater than the specified tRCD (MAX.) limit, then access time is controlled by tCAC. 10.Operation within the tRAD (MAX.) limit ensures that tRAC (MAX.) can be met. tRAD (MAX.) is specified as a reference point only: If tRAD is greater than the specified tRAD (MAX.) limit, then access time is controlled by tAA. 11.Either tRCH or tRRH must be satisfied for a read cycle. 12.tOFF (MAX.) and tOEZ (MAX.) define the time at which the outputs achieve the open-circuit condition and are not referenced to output voltage levels. 13.Either tDZC or tDZO must be satisfied. 14.Either tCDD or tODD must be satisfied. 15.tWCS, tRWD, tCWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS > tWCS (MIN.), the cycle is an early write cycle and the I/O pin will remain open-circuit (high impedance) through the entire cycle; if tRWD > tRWD (MIN.), tCWD > tCWD (MIN.), tAWD > tAWD (MIN.) and tCPWD > tCPWD (MIN.), the cycle is a readwrite cycle and I/O pins will contain data read from the selected cells. If neither of the above sets of conditions is satisfied, the condition of the I/O pins (at access time) is indeterminate. 16.These parameters are referenced to the CAS leading edge in early write cycles and to the WE leading edge in read-write cycles. 1. 2. 3. 4.
Semiconductor Group
10
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
t RC t RAS VIH
RAS
t RP
VIL t CSH t RCD VIH
CAS
t RSH t CAS
t CRP
VIL t RAD t ASR VIH
Address Row Column Row
t RAL t CAH t ASR
t ASC
VIL
t RAH t RCS t RRH t AA t OEA
t RCH
VIH
WE
VIL VIH
OE
VIL
t DZC t DZO t ODD
t CDD
I/O (Inputs)
VIH VIL t CAC t CLZ t OEZ
Valid Data OUT Hi Z
t OFF
VOH I/O (Outputs) V OL
Hi Z
t RAC
"H" or "L"
SPT03025
Read Cycle
Semiconductor Group
11
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
t RC t RAS VIH
RAS
t RP
VIL t CSH t RCD VIH
CAS
t RSH t CAS
t CRP
VIL t RAD t ASR VIH
Address Row Column Row
t RAL t CAH t ASR
t ASC
VIL
t RAH t WCS
t CWL t WP t WCH t RWL
VIH
WE
VIL
VIH
OE
VIL t DS
I/O (Inputs)
t DH
VIH
Valid Data IN
VIL
Hi Z
VOH I/O (Outputs) V OL
"H" or "L"
SPT03026
Write Cycle (Early Write)
Semiconductor Group
12
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
t RC t RAS VIH
RAS
t RP
VIL t CSH t RCD VIH
CAS
t RSH t CAS t RAL t CAH
t CRP
VIL t RAD t ASR VIH
Address Row Column Row
t ASC
t ASR
VIL
t RAH
t CWL t RWL t WP
VIH
WE
VIL t OEH VIH
OE
VIL t DZO t DZC
I/O (Inputs)
t ODD t DS
t DH
VIH
Valid Data
VIL t CLZ t OEA t OEZ
VOH I/O (Outputs) V OL
Hi Z
Hi Z
"H" or "L"
SPT03027
Write Cycle (OE Controlled Write)
Semiconductor Group
13
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
t RWC t RAS VIH
RAS
VIL t CSH t RSH t RCD VIH
CAS
t RP t CAS t CRP
VIL t ASR VIH
Address Row
t RAH t ASC
Column
t CAH t ASR
Row
VIL t RAD t AWD t CWD t RWD VIH
WE
t CWL t RWL t WP
VIL t RCS
t AA t OEA t OEH
VIH
OE
VIL
t DZC t DZO
t DS t DH
Valid Data IN
I/O (Inputs)
VIH VIL t CAC t CLZ t ODD t OEZ
Data OUT
VOH I/O (Outputs) V OL t RAC
"H" or "L"
SPT03028
Read-Write (Read-Modify-Write) Cycle
Semiconductor Group
14
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
t RASP VIH
RAS
VIL t PC t CAS t CP VIH
CAS
t RHCP t CAS t RSH t CAS
t RP t CRP
t RCD
VIL t RAH t ASR VIH
Address Row Column Column Column Row
t ASC
t CSH t CAH
t ASC
t CAH t ASC
t CAH
t ASR
VIL t RAD t RCS VIH
WE
t RCH t RCS t RCS t RRH
t RCH
VIL t AA t OEA VIH
OE
t CPA t AA t OEA
t CPA t AA t OEA
VIL
t DZC t DZO
t DZC t DZO t ODD
t DZC t DZO t ODD t ODD
t CDD
I/O (Inputs)
VIH VIL t OFF t OEZ t RAC t CAC t CLZ t CAC t CLZ
Valid Data OUT "H" or "L"
SPT03029
t OFF t OEZ t CAC t CLZ
Valid Data OUT
t OFF t OEZ
VOH I/O (Outputs) V OL
Valid Data OUT
Fast Page Mode Read Cycle
Semiconductor Group
15
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
t RASP VIH
RAS
VIL t PC t CAS t RCD VIH
CAS
t RP t CAS t CP t RSH t CAS t CRP
VIL t RAH t ASR VIH
Address Row Column Column Column Row
t RAL t CAH t ASC t CAH t ASC t CAH t ASR
t ASC
VIL t RAD t WCS t CWL t WCH t WP VIH
WE
t WCS
t CWL t WCH t WP
t WCS
t RWL t CWL t WCH t WP
VIL VIH
OE
VIL t DS
I/O (Inputs)
t DH
Valid Data IN
t DS
t DH
Valid Data IN Hi Z
t DS
t DH
Valid Data IN
VIH VIL
VOH I/O (Outputs) V OL
"H" or "L"
SPT03030
Fast Page Mode Early Write Cycle
Semiconductor Group
16
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
t RAS VIH
RAS
VIL t CSH t RP
t CP
t RCD VIH
CAS
t PRWC t CAS t CAS
t RSH t CRP
t CAS
VIL t ASR VIH
Address Row Column Column Column Row
t RAD t RAH t ASC
t CAH
t CAH t ASC t ASC
t RAL t CAH t ASR
VIL t RWD t CWD t RCS VIH
WE
t CWL
t CPWD t CWD
t CWL
t CPWD t CWD
t RWL t CWL
VIL t AA
t AWD t OEA t OEH t WP
t AWD t OEA t OEH t WP
t AWD t OEA t WP t OEH
VIH
OE
VIL t DZC t DZO VIH I/O (Inputs) V IL t CAC t RAC VOH I/O (Outputs) V
OL
t CLZ
t CLZ t ODD t DZC
Data IN
t CLZ t CPA
t CPA
t ODD
Data IN
t DZC
t ODD
Data IN
t DH t DS t OEZ
Data OUT
t DH t AA t DS t OEZ
Data OUT
t CAC t AA t OEZ
Data OUT
t DH t DS
"H" or "L"
SPT03031
Fast Page Mode Read-Modify-Write Cycle
Semiconductor Group
17
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
t RC t RAS VIH
RAS
t RP
VIL t CRP t RPC VIH
CAS
VIL VIH
Address
t ASR
t RAH t ASR
Row Row
VIL VOH I/O (Outputs) V OL
Hi Z
"H" or "L"
SPT03032
RAS-Only Refresh Cycle
Semiconductor Group
18
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
t RC t RP VIH
RAS
t RAS
t RP
VIL t RPC t CP t CSR VIH
CAS
t CHR
t RPC
t CRP
VIL t WRH t WRP VIH
WE
VIL VIH
OE
VIL t ODD
I/O (Inputs)
VIH VIL t CDD t OEZ
I/O (Outputs) V OL
VOH t OFF
Hi Z
"H" or "L"
SPT03033
CAS-Before-RAS Refresh Cycle
Semiconductor Group
19
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
t RC t RP t RAS VIH
RAS
t RC t RP t RAS
VIL t RCD VIH
CAS
t RSH
t CHR
t CRP
VIL t RAD t ASC t RAH t ASR VIH
Address Row Column Row
t WRP t CAH t WRH t ASR
VIL VIH
WE
t RCS
t RRH
VIL t AA t OEA VIH
OE
VIL
t DZC t DZO
t CDD t ODD
I/O (Inputs)
VIH VIL t CLZ t RAC t CAC t OEZ
Valid Data OUT Hi Z
t OFF
VOH I/O (Outputs) V OL
"H" or "L"
SPT03034
Hidden Refresh Cycle (Read)
Semiconductor Group
20
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
t RC t RAS VIH
RAS
t RC t RP t RAS t RP
VIL t RCD VIH
CAS
t RSH
t CHR
t CRP
VIL t RAD t ASC t RAH t ASR VIH
Address Row Column Row
t CAH
t ASR
VIL
t WCS t WCH t WP t WRP t WRH
VIH
WE
VIL t DS t DH
I/O (Input)
VIN
Valid Data
VIL
Hi Z
VOH I/O (Output) V OL
"H" or "L"
SPT03035
Hidden Refresh Cycle (Early Write)
Semiconductor Group
21
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
Read Cycle
VIH
RAS
t RAS
t RP
VIL t CHR t CSR VIH
CAS
t RSH t CP t CAS t RAL t CAH t ASC t ASR
Row
VIL
VIH
Address Column
VIL VIH
WE
t WRP
t AA t CAC t OEA
t RRH
VIL VIH
OE
t WRH
t RCS
t RCH
VIL t DZC VIH I/O (Inputs) V IL t DZO t CLZ
I/O (Outputs) V
t CDD t ODD t OFF t OEZ
Data OUT
VOH
OL
t WCS t WRP t RWL t CWL t WCH t WRH t DH
Write Cycle
VIH
WE
VIL VIH
OE
VIL t DS
I/O (Inputs) V IL
VIH
Data IN Hi Z
VOH I/O (Outputs) V
OL
"H" or "L"
SPT03036
CAS-Before-RAS Refresh Counter Test Cycle Semiconductor Group 22 1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
t RC t RP VIH
RAS
t RAS
t RP
VIL t RPC t CP t CSR VIH
CAS
t RPC t CHR t CRP
VIL t RAH t ASR VIH
Address Row
VIL t WTH t WTS VIH
WE
VIL VIH
OE
VIL t ODD
I/O (Inputs)
VIH VIL
Hi Z
t CDD t OEZ VOH I/O (Outputs) V OL t OFF
Hi Z
"H" or "L"
SPT03042
Test Mode Entry
Semiconductor Group
23
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
Test Mode As the HYB 314400BJ is organized internally as 512k x 8-bits, a test mode cycle using 8:1 compression can be used to improve test time. Note that in the 1M x 4 version the test time is reduced by 1/2 for a linear test pattern. In a test mode "write" the data from each I/O1 pin is written into eight bits simultaneously (all "1" or all "0").The I/O2 - I/O4 inputs are not used for writing in test mode. In test mode "read" each I/O output is used for indicating the test mode result. If the internal eight bits are equal, the I/O would indicate a "1". If they were not equal, the I/O would indicate a "0". Note that in test mode "read" I/O1-I/O3 are always driven to "ones", i.e. all outputs will be "1" for a test mode "pass". The WCBR cycle (WE, CAS-before-RAS) puts the device into test mode. To exit from test mode, a "CAS-before-RAS refresh", "RAS-only refresh" or "Hidden refresh" can be used. Addresses A10R, A10C and A0C are don`t care during test mode.
Semiconductor Group
24
1998-10-01
HYB 314400BJ-50/-60 3.3 V 1M x 4 DRAM
Package Outlines Plastic Package, P-SOJ-26/20-2 (SMD) (Plastic small outline J-leaded)
0.8 min 2.75 3.75 -0.5 0.2 +0.1
0.25 B 0.18 B
GPJ09100
B
7.75 -0.25
0.6
1.27 0.51-0.1
0.85 max 0.2 20x 15.24 0.1 0.25 A
0.3
6.80.3 8.63 -0.25 26 22 18 14 1 1 5 9 13 17.27 -0.25 A
30
o1
Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book "Package Information". SMD = Surface Mounted Device Semiconductor Group 25
1.4
Index Marking
Dimensions in mm 1998-10-01


▲Up To Search▲   

 
Price & Availability of HYB314400BJ-50-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X