Part Number Hot Search : 
D1159Q BR1001 AN79N15 BXXXX SERIE MAX3620 TS79XXA MB8858
Product Description
Full Text Search
 

To Download HYB314175BJ-50- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM (Low power version with Self Refresh)
HYB 314175BJ-50/-55/-60 HYB 314175BJL-50/-55/-60
Preliminary Information
* * * *
262 144 words by 16-bit organization 0 to 70 C operating temperature Fast access and cycle time RAS access time: 50 ns (-50 version) 55 ns (-55 version) 60 ns (-60 version) CAS access time: 13ns (-50 & -55 version) 15 ns (-60 version) Cycle time: 89 ns (-50 version) 94 ns (-55 version) 104 ns (-60 version) Hype page mode (EDO) cycle time 20 ns (-50 & -55 version) 25 ns (-60 version) High data rate 50 MHz (-50 & -55 version) 40 MHz (-60 version) Single + 3.3 V (0.3 V) supply with a builtin VBB generator
*
*
*
* *
*
*
*
* * * * * *
*
Low Power dissipation max. 450 mW active (-50 version) max. 432 mW active (-55 version) max. 378 mW active (-60 version) Standby power dissipation 7.2 mW standby (TTL) 3.6 mW max. standby (CMOS) 0.72 mW max. standby (CMOS) for Low Power Version Output unlatched at cycle end allows twodimensional chip selection Read, write, read-modify write, CASbefore-RAS refresh, RAS-only refresh, hidden-refresh and hyper page (EDO) mode capability 2 CAS / 1 WE control Self Refresh (L-Version) All inputs and outputs TTL-compatible 512 refresh cycles / 16 ms 512 refresh cycles / 128 ms Low Power Version only Plastic Packages: P-SOJ-40-1 400mil width
The HYB 314175BJ/BJL is the new generation dynamic RAM organized as 262 144 words by 16-bit. The HYB 314175BJ/BJL utilizes CMOS silicon gate process as well as advanced circuit techniques to provide wide operation margins, both internally and for the system user. Multiplexed address inputs permit the HYB 314175BJ/BJL to be packed in a standard plastic 400mil wide P-SOJ-40-1 package. This package size provides high system bit densities and is compatible with commonly used automatic testing and insertion equipment. System oriented features include Self Refresh (L-Version), single + 3.3 V ( 0.3 V) power supply, direct interfacing with high performance logic device families.
Semiconductor Group
1
7.96
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Ordering Information Type HYB 314175BJ-50 HYB 314175BJ-55 HYB 314175BJ-60 HYB 314175BJL-50 HYB 314175BJL-55 HYB 314175BJL-60 Truth Table RAS H L L L L L L L L LCAS H H L H L L H L L UCAS H H H L L H L L L WE H H H H H L L L H OE H H L L L H H H H I/O1-I/O8 High-Z High-Z Dout High-Z Dout Din Don't care Din High-Z I/O9-I/O16 High-Z High-Z High-Z Dout Dout Don't care Din Din High-Z Operation Standby Refresh Lower byte read Upper byte read Word read Lower byte write Upper byte write Word write Ordering Code Q67100 - Q2148 on request Q67100 - Q2149 on request on request on request Package P-SOJ-40-1 P-SOJ-40-1 P-SOJ-40-1 P-SOJ-40-1 P-SOJ-40-1 P-SOJ-40-1 Description 3.3 V 50 ns 256 Kx16 EDO-DRAM 3.3 V 55 ns 256 Kx16 EDO-DRAM 3.3 V 60 ns 256 Kx16 EDO-DRAM 3.3 V 50 ns 256 Kx16 EDO- DRAM 3.3 V 55 ns 256 Kx16 EDO- DRAM 3.3 V 60 ns 256 Kx16 EDO-DRAM
Pin Names A0-A8 RAS UCAS, LCAS WE OE I/O1 - I/O16 Address Inputs Row Address Strobe Column Address Strobe Read/Write Input Output Enable Data Input/Output Power Supply (+ 3.3 V) Ground (0 V) No Connection
VCC VSS
N.C.
Semiconductor Group
2
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Pin Configuration (top view)
P-SOJ-40-1
Semiconductor Group
3
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Block Diagram
Semiconductor Group
4
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Absolute Maximum Ratings Operating temperature range ........................................................................................ 0 to + 70 C Storage temperature range..................................................................................... - 55 to + 150 C Input/output voltage ..................................................................................... - 1 to (VCC + 0.5, 4.6) V Power supply voltage................................................................................................... - 1 to + 4.6 V Data out current (short circuit) ................................................................................................ 50 mA Note: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage of the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC Characteristics TA = 0 to 70 C; VSS = 0 V; VCC = 3.3 V 0.3 V, tT = 2 ns Parameter Input high voltage Input low voltage LVTTL Output high voltage (IOUT = - 2.0 mA) LVTTL Output low voltage (IOUT = 2 mA) LVCMOS Output high voltage (IOUT = - 100 A) LVCMOS Output low voltage (IOUT = 100 A) Input leakage current, any input (0 V < VIN < 7 V, all other inputs = 0 V) Output leakage current (DO is disabled, 0 V < VOUT < VCC) Average VCC supply current: -50 version -55 version -60 version Standby VCC supply current (RAS = LCAS = UCAS = WE = VIH) Average VCC supply current during RAS-only refresh cycles: -50 version -55 version -60 version Symbol Limit Values min. max. 2.4 - 1.0 2.4 - 2.4 - - 10 - 10 - 125 120 105 mA
2, 3, 4
Unit Notes V V V V V V A A
1 1 1 1 1 1 1 1
VIH VIL VOH VOL VOH VOL II(L) IO(L) ICC1
VCC + 0.5
0.8 - 0.4 - 0.4 10 10
ICC2 ICC3
- -
2
mA
-
125 120 105
mA
2, 4
Semiconductor Group
5
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
DC Characteristics (cont'd) Parameter Average VCC supply current during hyper page mode (EDO) operation: -50 version -55 version -60 version Standby VCC supply current (RAS = LCAS = UCAS = WE = VCC - 0.2 V) Average VCC supply current during CAS-before-RAS refresh mode: -50 version -55 version -60 version Standby VCC current (L-version) (RAS = LCAS = UCAS = WE = VCC - 0.2 V) Self Refresh Current (L-version) (RAS, LCAS, UCAS = 0.2V A0 - A8 = VCC - 0.2 V or 0.2 V) Symbol - Limit Values min. max. Unit Test Condition
2, 3, 4
ICC4
115 115 100 mA
ICC5
- -
1
mA
1 2, 4
ICC6
125 120 105 - - 200 250
mA
ICC5 ICCS
A A
Capacitance TA = 0 to 70 C; VCC = 3.3 V 0.3 V, f = 1 MHz Parameter Input capacitance (A0 to A8) Input capacitance (RAS, UCAS, LCAS, WE, OE) Output capacitance (l/O1 to l/O16) Symbol Limit Values min. max. 5 7 7 pF pF pF - - - Unit
CI1 CI2 CIO
Semiconductor Group
6
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
AC Characteristics 5) 6) TA = 0 to 70 C; VSS = 0 V; VCC = 3.3 V 0.3 V, tT = 2 ns Parameter Symbol -50 Limit Values -55 -60 min max min max min max Unit Note
Common Parameters
Random read or write cycle time RAS precharge time RAS pulse width CAS pulse width Row address setup time Row address hold time Column address setup time Column address hold time RAS to CAS delaytime RAS to column address delay time RAS hold time CAS hold time CAS to RAS precharge time Transition time(rise and fall) Refresh period Refresh period (L-version)
tRC tRP tRAS tCAS tASR tRAH tASC tCAH tRCD tRAD tRSH tCSH tCRP tT tREF tREF
89 35 50 8 0 8 0 8 12 10 13 40 5 1 - -
- - 10k 10k - - - - 37 25 - - - 50 16 128
94 35 55 8 0 8 0 8 12 10 13 45 5 1 - -
- - 10k 10k - - - - 43 30 - - - 50 16 128
104 40 60 10 0 10 0 10 14 12 15 50 5 1 - -
- - 10k 10k - - - - 45 30 - - - 50 16 128
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms
7
Read Cycle
Access time from RAS Access time from CAS Access time from column address OE access time Column address to RAS lead time Read command setup time Read command hold time Read command hold time ref. to RAS CAS to output inlow-Z
tRAC tCAC tAA tOEA tRAL tRCS tRCH tRRH tCLZ
- - - - 25 0 0 0 0
50 13 25 13 - - - - -
- - - - 25 0 0 0 0
55 13 25 13 - - - - -
- - - - 30 0 0 0 0
60 15 30 15 - - - - -
ns ns ns ns ns ns ns ns ns
8, 9 8, 9 8,10
11 11 8
Semiconductor Group
7
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Parameter
Symbol -50
Limit Values -55 0 0 0 10 10 13 13 - - - 0 0 0 13 13 -60 15 15 - - - min max min max min max
Unit Note
Output buffer turn-off delay from CAS Data to OE low delay CAS high to data delay OE high to data delay
tOFF
0 0 0 10 10
13 13 - - -
ns ns ns ns ns
12 12 13 14 14
Output buffer turn-off delay from OE tOEZ
tDZO tCDD tODD
Write Cycle
Write command hold time Write command pulse width Write command setup time Write command to RAS lead time Write command to CAS lead time Data setup time Data hold time Data to CAS low delay
tWCH tWP tWCS tRWL tCWL tDS tDH tDZC
8 8 0 13 13 0 8 0
- - - - - - - -
8 8 0 13 13 0 8 0
- - - - - - - -
10 10 0 15 15 0 10 0
- - - - - - - -
ns ns ns ns ns ns ns ns
16 16 13 15
Read-modify-Write Cycle
Read-write cycle time RAS to WE delay time CAS to WE delay time Column address to WE delay time OE command hold time
tRWC tRWD tCWD tAWD tOEH
118 64 27 39 10
- - - - -
122 69 27 39 10
- - - - -
138 77 32 47 13
- - - - -
ns ns ns ns ns
15 15 15
Hyper Page Mode (EDO) Cycle
Hyper page mode cycle time CAS precharge time Access time from CAS precharge Output data hold time RAS pulse width in hyper page mode
tHPC tCP tCPA tCOH tRAS
20 8 - 5 50 27
- - 27 -
20 8 - 5
- - 27 -
25 10 - 5
- - 32 -
ns ns ns ns
7
200k 55
200k 60
200k ns
RAS hold time from CAS precharge tRHCP
-
27
-
32
-
ns
Semiconductor Group
8
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Parameter
Symbol -50
Limit Values -55 -60 min max min max min max
Unit Note
Hyper Page Mode (EDO) Read-Modify-Write Cycle
Hyper page mode read/write cycle time CAS precharge to WE delay time
tPRWC tCPWD
58 41
- -
58 41
- -
68 49
- -
ns ns
CAS before RAS Refresh Cycle
CAS setup time CAS hold time RAS to CAS precharge time Write to RAS precharge time Write to RAS hold time
tCSR tCHR tRPC tWRP tWRH
5 10 5 10 10
- - - - -
5 10 5 10 10
- - - - -
5 10 5 10 10
- - - - -
ns ns ns ns ns
CAS-before-RAS Counter Test Cycle
CAS precharge time
tCPT
35
-
35
-
40
-
ns
Self Refresh Cycle (L-Version only)
RAS pulse width RAS precharge time CAS hold time
tRASS tRPS tCHS
100 95
- -
100 110
- -
100 110
- -
s ns ns
- 50 -
- 50 -
- 50 -
Semiconductor Group
9
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Notes:
1) All voltages are referenced to VSS. 2) ICC1, ICC3, ICC4 and ICC6 depend on cycle rate. 3) ICC1 and ICC4 depend on output loading. Specified values are obtained with the output open. 4) Address can be changed once or less while RAS = Vil. In case of ICC4 it can be changed once or less during a hyper page mode (EDO) cycle 5) An initial pause of 200 s is required after power-up followed by 8 RAS cycles of which at least one cycle has to be a refresh cycle, before proper device operation is achieved. In case of using the internal refresh counter, a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required. 6) AC measurements assume tT = 2 ns. 7) VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Transition times are also measured between VIH and VIL. 8) Measured with the specified current load and 100 pF at Vol = 0.8 V and Voh = 2.0 V. Access time is determined by the latter of tRAC, tCAC, tAA, tCPA , tOEA. tCAC is measured from tristate. 9) Operation within the tRCD (max.) limit ensures that tRAC (max.) can be met. tRCD (max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by tCAC. 10) Operation within the tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by tAA. 11) Either tRCH or tRRH must be satisfied for a read cycle. 12) tOFF (max.), tOEZ (max.) define the time at which the output achieves the open-circuit conditions and are not referenced to output voltage levels. tOFF is referenced from the rising edge of RAS or CAS, whichever occurs last. 13) Either tDZC or tDZO must be satisfied. 14) Either tCDD or tODD must be satisfied. 15) tWCS, tRWD, tCWD and tAWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS > tWCS (min.), the cycle is an early write cycle and data out pin will remain open-circuit (high impedance) through the entire cycle; if tRWD > tRWD (min.), tCWD > tCWD (min.) and tAWD > tAWD (min.), the cycle is a read-write cycle and I/O will contain data read from the selected cells. If neither of the above sets of conditions is satisfied, the condition of I/O (at access time) is indeterminate. 16) These parameters are referenced to the CAS leading edge in early write cycles and to the WE leading edge in read-write cycles.
Semiconductor Group
10
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Read Cycle Semiconductor Group 11
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Write Cycle (Early Write)
Semiconductor Group
12
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Write Cycle (OE Controlled Write)
Semiconductor Group
13
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Read-Write (Read-Modify-Write) Cycle
Semiconductor Group
14
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Hyper Page Mode (EDO) Read Cycle
Semiconductor Group
15
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Hyper Page Mode (EDO) Early Write Cycle
Semiconductor Group
16
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Hyper Page Mode (EDO) Late Write and Read-Modify-Write Cycles
Semiconductor Group
17
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
RAS-Only Refresh Cycle
Semiconductor Group
18
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
CAS-Before-RAS Refresh Cycle
Semiconductor Group
19
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
CAS before RAS Self Refresh Cycle (L-version only)
Semiconductor Group
20
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Hidden Refresh Cycle (Read)
Semiconductor Group
21
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Hidden Refresh Cycle (Early Write)
Semiconductor Group
22
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
CAS/-Before-RAS Refresh Counter Test Cycle
Semiconductor Group
23
HYB 314175BJ/BJL-50/-55/-60 3.3V 256K x 16 EDO-DRAM
Package Outline Plastic Package, P-SOJ- 40-1 (SMD) (Plastic Small Outline J-leaded Package)
Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book "Package Information". SMD = Surface Mounted Device Semiconductor Group 24
Dimensions in mm
GPJ09018


▲Up To Search▲   

 
Price & Availability of HYB314175BJ-50-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X