Part Number Hot Search : 
TC6930CD 1620C 12W2828 BU4348 2SK2376 CS101 PE7620DV LB1943
Product Description
Full Text Search
 

To Download HER0801G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER0801G THRU HER0808G
8.0 AMPS. Glass Passivated High Efficient Rectifiers
Voltage Range 50 to 1000 Volts Current 8.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
TO-220
Mechanical Data
Case: TO-220 molded plastic Epoxy: UL 94V-O rate flame retardant Terminals: Leads solderable per MIL-STD202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260oC/10 seconds .16",(4.06mm) from case. Weight: 2.24 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol HER HER HER Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TC = 100 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 4.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Typical Thermal Resistance (Note 3)
HER
HER
HER
HER
HER
0801G 0802G 0803G 0804G 0805G 0806G 0807G 0808G
Units V V V A A
VRRM VRMS VDC I(AV) IFSM VF IR
50 35 50
100 200 300 400 600 800 1000 70 140 210 280 420 560 700 100 200 300 400 600 800 1000
8.0 125 1.0 1.3 10.0 400 50 80 80 50 1.7
V uA uA nS pF /W
Trr Cj
RJC
3.0 Operating Temperature Range TJ -65 to +150 Storage Temperature Range TSTG -65 to +150 Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.
- 288 -
RATINGS AND CHARACTERISTIC CURVES (HER0801G THRU HER0808G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
10 8 6 4 2 0
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT. ( A)
Tj=125 0C
100
10
0
50
100
o
150
Tj=25 0C
CASE TEMPERATURE. ( C)
PEAK FORWARD SURGE CURRENT. (A)
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
150 125 100 75 50 25
8.3ms Single Half Sine Wave JEDEC Method
1
0.1
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL FORWARD CHARACTERISTICS
100
1
2
5
10
20
50
100
INSTANTANEOUS FORWARD CURRENT. (A)
30 10
NUMBER OF CYCLES AT 60Hz
FIG.5- TYPICAL JUNCTION CAPACITANCE
240 200
3.0 1.0
CAPACITANCE.(pF)
160 120 80 40 0 1 2
HE R0
0.3 0.1
HE
R0
801
G~
HE
80
R0
HE R0 80 1G ~H ER 08 04 G
HE R0 80
G 08 08 ER ~H 6G 80 R0 HE
5G
6G
805
~H
G
0.03 .01
ER
08
08
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0
G
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
5
10
20
50
100
200
500
FORWARD VOLTAGE. (V)
REVERSE VOLTAGE. (V)
- 289 -


▲Up To Search▲   

 
Price & Availability of HER0801G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X