Part Number Hot Search : 
CA511 00225 XMEGA RFPP2870 CHU2277A ICL8021 MUX08EP T1200
Product Description
Full Text Search
 

To Download GBL02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBL005 - GBL10
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers GBL
C2.5
.146(3.70) .130(3.30)
.799(20.3) .776(19.7)
Features
UL Recognized File # E-96005 Glass passivated chip junction Ideal for printed circuit board High case dielectric strength Plastic material has Underwriters Laboratory Flammability Classification 94V-0 Typical IR less than 0.1A High surge current capability High temperature soldering guaranteed: 260 oC / 10 seconds / .375", (9.5mm) lead lengths.
.106(2.70) .091(2.30) .067(1.70) .051(1.30) .043(1.10) .035(0.90)
.106(2.70) .091(2.30)
.445(11.3) .421(10.7)
.047(1.20) .031(0.80)
.551(14.0) .512(13.0)
.024(0.60) .016(0.40)
1
2
205(5.20) 189(4.80)
3
4
1 2 3 4
.205(5.20) .205(5.20) .189(4.80) .189(4.80)
Mechanical Data
Case: Molded plastic body. Terminals: Pure tin plated, Lead free. leads solderable per MIL-STD-750, Method 2026. Weight: 0. 071 ounce, 2.0 grams Mounting position: Any
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Symbol GBL GBL GBL GBL GBL GBL GBL Units 10 005 01 02 04 06 08 Maximum Recurrent Peak Reverse Voltage V RRM 50 100 200 400 600 800 1000 V Maximum RMS Voltage V RMS 35 70 140 280 420 560 700 V Maximum DC Blocking Voltage V DC 50 100 200 400 600 800 1000 V
Type Number
Maximum Average Forward Rectified Current @T C = 50 o C (Note 1) @T A = 40 oC (Note 2) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated o Load (JEDEC method ) T J =150 C Rating for fusing (t<8.3ms) Maximum Instantaneous Forward Voltage @ 2.0A @ 4.0A Maximum DC Reverse Current @ T A =25 oC at Rated DC Blocking Voltage @ T A =125 oC Typical Junction Capacitance Per Leg at 4.0V, 1MHz
Typical Thermal Resistance Per Leg (Note 1) (Note 2)
I(AV)
4.0 3.0 150 93 1.0 1.1 5.0 500 95 22 3.5 -55 to +150 -55 to + 150 40
o
A
IFSM It VF IR
2
A A 2 sec V uA uA pF C/W
o o
Cj
R JA R JL TJ
Operating Temperature Range
Storage Temperature Range T STG 1. Unit Mounted on 2" x 3" x 0.25" Al. plate. Notes 2. Units Mounted on P.C.B. 0.5 x 0.5 " (12x12mm) Copper Pads, 0.375"(9.5mm) Lead Length
C C
Version: A06
RATINGS AND CHARACTERISTIC CURVES (GBL005 THRU GBL10 )
FIG.1- DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
AVERAGE FORWARD RECTIFIED CURRENT. (A)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE LEAKAGE CURRENT. (mA)
500
5.0
60 Hz Resistive or Inductive Load
4.0
100
Heat-Sink Mounting 2.0 x 3.0 x 0.25" Aluminum Substrate
10
Tj=125 0C
3.0
1
2.0
50 600
400V 1000V
1.0
P.C.B. Mounting 0.47 x 0.47" (12 x 12mm) Copper pads with 0.375" (9.5mm) lead length
0 50 100 O AMBIENT TEMPERATURE. ( C) 150
0.1 Tj=25 0C 0.01 0 80 20 40 60 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%) 100
0
150
FIG.3-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
1000
FIG.4- TYPICAL JUNCTION CAPACTITANCE PER LEG
Tj=25 C
JUNCTION CAPACITANCE (pF)
f = 1 MHz Vsig = 50mVp-p
PEAK FORWARD SURGE CURRENT. (A)
Tj=40 C Single Half Sine-Wave (JEDEC Method)
100
O
100
50
1 Cycle
0 1 10 NUMBER OF CYCLES 100 10 0.1
50 600
400V 1000V
1 10 REVERSE VOLTAGE. (V) 100
100
FIG.5- TYPICAL FORWARD VOLTAGE CHARACTERISTICS PER LEG
INSTANTANEOUS FORWARD CURRENT. (A)
10
1
0.1
Tj=25 C
Pulse Width=300ms 1% Duty Cycle 0.01 0.4 0.6
1.4 0.8 1.0 1.2 INSTANTANEOUS FORWARD VOLTAGE. (V)
1.6
Version: A06


▲Up To Search▲   

 
Price & Availability of GBL02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X