Part Number Hot Search : 
S1201 24LC00 G952T63U BUL66B D1978 MB86961 A3425EL SB315
Product Description
Full Text Search
 

To Download FM5822-AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Formosa MS FM5820-AL THRU FM5822-AL
Chip Schottky Barrier Diodes Silicon epitaxial planer type
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current.
SMA-L
0.205(5.2) 0.189(4.8)
0.012(0.3) Typ.
0.110(2.8) 0.094(2.4)
0.181(4.6) 0.165(4.2)
0.075(1.9) 0.067(1.7)
0.034(0.85) 0.024(0.60)
0.034(0.85) 0.024(0.60)
Mechanical data
Case : Molded plastic, JEDE DO-214AC C Terminals : Solder plated, s olderable per MIL-STD-750, Method 2026 Polarity : Indicated by cathode band Mounting P osition : Any Weight : 0.0015 ounce, 0.15 gr am
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Forward rectified current Forward surge current See Fig.1 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = 25o C CONDITIONS Symbol IO IFSM MIN. TYP. MAX. 3.0 80 0.5 20 Rq JA CJ TSTG -55 250 +150 80
o
UNIT A A mA mA C/w pF
o
Reverse current Thermal resistance Diode junction capacitance Operating temperature
VR = VRRM TA = 125o C Junction to ambient f=1MHz and applied 4vDC reverse voltage
IR
C
SYMBOLS
MARKING CODE SK32 SK33 SK34
VRRM
20 30 40
*1
VRMS
14 21 28
*2
VR
*3
VF
*4
Storage temperature (oC)
*1 Repetitive peak reverse voltage *2 RMS voltage
(V) FM5820-AL FM5821-AL FM5822-AL
(V)
(V) 20 30 40
(V) 0.475 0.500 0.525
-55 to +125
*3 Continuous reverse voltage *4 Maximum forward voltage
RATING AND CHARACTERISTIC CURVES (FM5820-AL THRU FM5822-AL)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
3.0 2.5
50
INSTANTANEOUS FORWARD CURRENT,(A)
2.0 1.5 1.0 0.5
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE ( C) FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
100
0.1
80
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
FORWARD VOLT AGE,(V)
60
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
40
20
FIG.5 - TYPICAL REVERSE
0 1 5 10 50 100
CHARACTERISTICS 100
NUMBER OF CYCLES AT 60Hz
FIG.4-TYPICAL JUNCTION CAPACITANCE
700 600 500 400 300 200 100 0
JUNCTION CAPACITANCE,(pF)
REVERSE LEAKAGE CURRENT, (mA)
10
1.0
Tj=75 C
.1
Tj=25 C
.01
.05
.1
.5
1
5
10
50
100
.01 0
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENTAGE RATED PEAK REVERSE VOL TAGE


▲Up To Search▲   

 
Price & Availability of FM5822-AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X