Part Number Hot Search : 
FZT788 LT3032 AAT31 35391 HVM11 2SC2295 2N649 104KA
Product Description
Full Text Search
 

To Download ED2100002-LNX-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EDS1100 & EDS2100
Hybrid Ethernet Terminal & MultiPort Device Servers
REMOtELyMONItOR,MANAgEANdCONtROLyOuRdEVICES The EDS1100 and EDS2100 are unique, hybrid Ethernet terminal/multiport device servers which allow remote access to and management of virtually any IT/networking equipment or edge device such as medical equipment, POS terminals or security equipment.
The EDS provides bullet-proof security by offering a variety of robust data encryption and authentication options. Featuring TM Lantronix' powerful Evolution OS, with AES, SSH and SSL built in, the EDS provides enterprise-level security allowing safe remote access and management from practically anywhere. What's more, the option to run Linux, with IPv6 built in, enables you to deploy custom applications and take advantage of large feature-libraries available for Linux developers. With no special software required, setup is a breeze with the TM included Windows-based DeviceInstaller. The EDS can also be set up locally via a serial port, or remotely over a network using Telnet, SSH, or a web browser (HTTP and HTTPS) or SNMP. The EDS also includes Lantronix' patent pending VIP (virtual IP) AccessTM technology, which allows for seamless integration with the ManageLinx(R) remote services enablement platform. Included, Lantronix' proprietary Com Port RedirectorTM virtualization software, allows existing serial port applications to work with the EDS with no code modifications.
+ Quicklyconnectanydevicewithaserialporttothe networkusingrobustSSHorSSLenterprise-levelsecurity + RunLinuxorLantronixEvolutionOSfortheultimatein applicationdevelopmentflexibility + Simpledeviceset-up,configurationandmonitoringwith powerful,industry-standardmanagementtools(Web,CLI, XML,SNMP) + VIPAccesstechnologyseamlesslyintegrateswith Lantronix'ManageLinxremoteservicesenablement platform
deviceLinx
(R)
Think it. Connect it. Control it.
deviceLinx
(R)
EDS1100 & EDS2100
FEAtuRES
+ Highperformance32-bitprocessor + On-boardmemory * 8MB SDRAM/8MB Flash + SerialInterface * Modes: Software selectable RS232, RS422 or RS485 (2- and 4-wire configurations supported) * Software selectable RS485/422 termination and biasing * Standard and customizable serial data rates from 300 to 921kbps * Characters: 7 or 8 data bits * Parity: Odd, Even, None * Stop Bits: 1 or 2 * Modem Control Signals: CTS, RTS, DTR/DCD * Flow Control: XON/XOFF (software), CTS/RTS (hardware) + SerialConnectors * EDS1100 (Single-port): 1 x DM25F (DCE) * EDS2100 (Dual-port): 2 x DB9M (DTE) + NetworkInterface * 10BaseT and 100Base-TX Link * Protocols: HTTP, HTTPS, FTP, TFTP, Telnet, TCP/IP, UDP/IP, LPD,DHCP, SSHv2, SSLv3, SNMP v2, Auto IP, RSS, ARP, ICMP, SYSLOG, AES, SMTP, DNS, BOOTP, PPP, RFC2217 + Security * SSL v3, SSH v2 Client & Server, Selectable 128/256/512/1024 Bit certificates * Encryption: AES, 3DES, RC4 * Authentication: SHA-1, MD5, Base-64 User Access Lists + VIPAccessTMEnabled * Seamless integration with ManageLinxTM remote service enablement platform + Software * Windows 98/NT/2000/XP/Vista-Based DeviceInstallerTM * ComPort RedirectorTM * Secure ComPort Redirector + Management * Internal Web Manager (SSL Option for secure login) * CLI (over Serial Ports, Telnet or SSH) * XML Configuration Records via CLI or FTP * DeviceInstaller software * Firmware: Upgradeable via FTP, TFTP, Web, and Serial Port * Flash wear leveling and erase cycle statistics + InternalWebServer * Customizable with CGI * Web content on local file system and updatable through ftp + Environmental * Extended Temp: -40 to 85 C (-40 to 185 F) * Storage: -40 to 85 C (-40 to 185 F) * Relative Humidity: 5 to 95%, non-condensing * IP Rating: 30 + Power * Input supply: 9-30 VDC * Power Consumption: 1.8 Watts maximum + dimensions EdS1100 * Size: 9.0 cm (3.5 in) L x 6.4 cm (2.5 in) W x 2.3 cm (0.9 in) H * Weight: 0.20 kg (0.45 lb) EdS2100 * Size: 9.5 cm (3.7 in) L x 7.2 cm (2.8 in) W x 2.3 cm (0.9 in) H * Weight: 0.4 kg (0.9 lb) + RegulatoryApprovals * FCC Part 15, Subpart B, Class A * EN55022, Class A * EN55022 and EN55024 * EN61000-4-2, EN6100-4-3, EN61000-4-4, EN61000-4-5, EN61000-4-6, EN61000-4-6, EN61000-4-11, EN61000-4-11 * ICES-003 Issue 4 * AS/NZS CISPR22, VCCI * CSA C22.2 No. 60950-1-3 * UL 60950-1, EN60950-1 (Eu) * CE, C-Tick + 2-yearlimitedWarranty
ORdERINgINFORMAtION
+ PartNumber ED1100002-01
+ description EDS1100 One-port, secure device server, 100-240 VAC International power supply with regional, RoHS, w/Evolution OS ED1100002-LNX-01 EDS1100 One-port, secure device server, 100-240 VAC International power supply with regional, RoHS, w/Linux OS ED2100002-01 EDS2100 Two-port, secure device server, 100-240 VAC International power supply with regional, RoHS, w/Evolution OS ED2100002-LNX-01 EDS2100 Two-port, secure device server, 100-240 VAC International power supply with regional, RoHS, w/ Linux OS + Accessories 500-163-R DB25M to DB9F serial cable 500-164-R DB9F to DB9F Null modem cable 500-171-R DB25M to RS485 and 9-30 VDC power input screw terminal adapter ACDIN1001-01 Optional DIN-rail mount
CORPORATE HEADQUARTERS
167 Technology Drive | Irvine | CA 92618 | USA | t: 800.422.7055 | f: 949.450.7232 | sales@lantronix.com | www.lantronix.com
(c)2010, Lantronix, Inc. Lantronix is a registered trademark, and DeviceInstaller, Evolution OS and Com Port Redirector are trademarks of Lantronix, Inc. All other trademarks are the property of their respective owners. Specifications subject to change without notice. All rights reserved. 920-009 07/10


▲Up To Search▲   

 
Price & Availability of ED2100002-LNX-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X