Part Number Hot Search : 
H3545 TFS300A 2N3369 BZV55B24 QI2NA90 BZV55B24 AMDL190J 1N5819
Product Description
Full Text Search
 

To Download E13002TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER TRANSISTOR E13002
SWITCHING REGULATOR APPLICATION
* High speed switching * Suitable for switching regulator and motor control * Case : TO-92 molded plastic body
A
DIM
SEATING PLANE
TO-92
INCHES MIN MAX 0.175 0.205 0.290 0.310 0.125 0.165 0.018 0.022 0.016 0.019 0.045 0.055 0.095 0.105 0.018 0.024 0.500 --0.250 --0.080 0.105 --0.100 0.135 --0.135 --MILLIMETERS MIN MAX 4.44 5.21 7.37 7.87 3.18 4.19 0.46 0.56 0.41 0.48 1.15 1.39 2.42 2.66 0.46 0.61 12.70 --6.35 --2.04 2.66 --2.54 3.43 --3.43 ---
R P F L
B
K
G H V
D J NC
A B C D F G H J K L N P R V
NPN SILICON TRANSISTOR FEATURES
Tc=25 C unless otherwise specified
o
123
N
Parameter
Power dissipation Collector current Operating and storage junction temperature range
Symbol
PCM ICM TJ, TSTG
o
Value
1.0 1.0 -55 C to +150 C
o
UNIT
W A
o
C
ELECTRICAL CHARACTERISTICS
Parameter
Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Fall time Storage time
Tc=25 C unless otherwise specified
o
Symbol
V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) hFE(2) hFE(3) VCEsat VBEsat fT tf ts
Test conditions
IC=100i , IE=0 A IC=1mA , IB=0 IE=100i , IC=0 A VCB=600V , IE=0 VEB=6V , IC=0 VCE=10V , IC=100mA VCE=10V , IC=200mA VCE=10V , IC=10mA IC=200mA , IB=40mA IC=200mA , IB=40mA VCE=10V , IC=100mA f=1MHz IC=1A , IB1=-IB2=0.2A , VCC=100V
MIN
600 400 6
MAX
UNIT
V V V
100 100 8 9 6 0.8 1.1 5 0.5 2.5 60 40
i A i A
V V MHz
i S i S
RATINGS AND CHARACTERISTIC CURVES E13002


▲Up To Search▲   

 
Price & Availability of E13002TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X