Part Number Hot Search : 
AP3105NA AD678JN HC402 AD70806 D612K 70T03 40118 BT132
Product Description
Full Text Search
 

To Download D965-TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO.,LTD
TO-92 Plastic-Encapsulate Transistors
D965
FEATURES
TRANSISTORNPN (c)
TO 92
1.EMITTER
Power dissipation PCM : 0.75 W Tamb=25ae(c) Collector current ICM : 5 A Collector-base voltage V(BR)CBO : 42 V Operating and storage junction temperature range T J T stg: -55aeto +150ae ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO HFE(c) 1 DC current gain HFE(c) 2 HFE(c) 3 Collector-emitter saturation voltage VCE(sat)
2. COLLECTOR
3. BASE
123
unless
Test
otherwise
MIN 42 22 6
specified(c)
TYP MAX UNIT V V V 0.1 0.1 |I A |I A
conditions
Ic=1m AIE=0 Ic= 1 IE= 10 mAIB=0 |I AIC=0
VCB= 30 V , IE=0 VEB= 6 VIC=0 VCE= 2 V, mA VCE= 2V, VCE= 2V, mA IC= 0.15 150 340 150
IC = 500 mA IC = 2000
950
IC=3000mA,IB=100 mA
0.35
V
CLASSIFICATION OF H FE(2)
Rank Range R 340-600 T 560-950
TO-92 PACKAGE OUTLINE DIMENSIONS
D
D1
A
A1
E
b |O
e e1
Symbol A A1 b c D D1 E e e1 L O
Dimensions In Millimeters Min 3.300 1.100 0.380 0.360 4.400 3.430 4.300 1.270TYP 2.440 14.100 0.000 2.640 14.500 1.600 0.380 4.700 Max 3.700 1.400 0.550 0.510 4.700 Min
L
Dimensions In Inches Max 0.146 0.055 0.022 0.020 0.185 0.185 0.050TYP 0.096 0.555 0.000 0.104 0.571 0.063 0.015 0.130 0.043 0.015 0.014 0.173 0.135 0.169
C


▲Up To Search▲   

 
Price & Availability of D965-TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X