Part Number Hot Search : 
200100 DD98N 0G107 KT837W51 KT837L51 200100 S271M AOD413A
Product Description
Full Text Search
 

To Download D44C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220 package www..com *Complement to type D45C Series *Very low collector saturation voltage *Fast switching APPLICATIONS *Designed for various specific and general purpose application *Shunt and switching regulators *Low and high frequency inverters converters and etc.
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
D44C Series
Absolute maximum ratings (Ta=25 )
SYMBOL PARAMETER D44C1,2,3 VCBO Collector-base voltage D44C4,5,6 D44C7,8,9 D44C10,11,12 D44C1,2,3 VCEO Collector-emitter voltage D44C4,5,6 D44C7,8,9 D44C10,11,12 VEBO IC ICM IB PD Tj Tstg Emitter-base voltage Collector current (DC) Collector current -peak Base current (DC) Total power dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE 40 55 70 90 30 45 60 80 5 4 6 1 30 150 -55~150 V A A A W V V UNIT
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER D44C2,3,5,6,8,9,11,12 D44C1,4,7,10 CONDITIONS IC=1A ;IB=50mA MIN
www..com
D44C Series
SYMBOL
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
0.5 IC=1A ;IB=0.1A IC=1A ;IB=0.1A VCE=Rated VCES; VEB=5V; IC=0 40 IC=0.2A ; VCE=1V 100 25 IC=1A ; VCE=1V IC=2A ; VCE=1V IC=20mA;VCE=4V; f=1.0MHz 10 20 50 1.3 100 10 120 220
V
VBEsat ICES IEBO
Base-emitter saturation voltage Collector cut-off current Emitter cut-off current D44C3,6,9,12
V A A
hFE-1
DC current gain
D44C2,5,8,11 D44C1,4,7,10 D44C1,4,7,10
hFE-2
DC current gain D44C2,3,5,6,8,9,11,12
fT
Transition frequency
MHz
Switching times tr ts tf Rise time Storage time Fall time IC=1.0A; VCC=20V IB1=-IB2=0.1A 0.3 0.7 0.4 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
www..com
D44C Series
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of D44C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X