Part Number Hot Search : 
M68SD HCF4538 625ETT DTC123Y LG12864 ENC680D AN6884 L6925D04
Product Description
Full Text Search
 

To Download D32FU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fixed Inductors for EL Lamp Driver
D32FU
Inductance Range: 330~3300H
DIMENSIONS
Recommended patterns
3.5 Max. 2.2 Max.
0.5
3.3 0.5
1.9
0.4
0.8
(Unit: mm)
1.5 Resist Zone 3.9 0.6
(Unit: mm)
FEATURES
* Low profile (3.5mm Max. square, 2.2mm Max. height). * Ideal for a variety EL lamp inverter inductor application * RoHS compliant. * * *
SELECTION GUIDE FOR STANDARD COILS
TYPE D32FU (Quantity/reel; 2,000 PCS)
TOKO Part Number #887FU-331M #887FU-391M #887FU-471M #887FU-561M #887FU-681M #887FU-821M #887FU-102M #887FU-122M #887FU-152M #887FU-182M #887FU-222M #887FU-252M #887FU-272M #887FU-332M Inductance (1) (H) 330 390 470 560 680 820 1000 1200 1500 1800 2200 2500 2700 3300 Tolerance (%) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 DC Resistance (2) () Max. 9.7 12.0 14.0 18.0 20.0 30.0 34.0 35.0 56.0 59.0 67.0 81.0 93.0 113.0 Rated DC Current(3) (mA) Max. 109 96 90 81 74 61 56 57 42 43 42 37 33 30
(1) Inductance is measured with a LCR meter 4284A (Agilent Technologies) or equivalent. Test frequency at 100kHz (2) DC resistance is measured with a Digital Multimeter TR6871 (Advantest) or equivalent. (3) The maximum allowable current is a DC current which causes initial inductance to decrease by 10%, or coil temperature to rise by 40C, whichever is smaller. (the ambient reference temperature: 20C)
1.6 3.3


▲Up To Search▲   

 
Price & Availability of D32FU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X