Part Number Hot Search : 
2SK996 BF800 AT54C EL4544 100CTF AAT3783 20030 S1503
Product Description
Full Text Search
 

To Download BCD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCD
RTD
100mA SILICON CARTRIDGE RECTIFIERS
SMALL SIZE MOLDED PACKAGE PRV 8,000 TO 60,000 VOLTS FAST RECOVERY (RTD SERIES) LOW LEAKAGE
EDI Type Number
Peak Reve rse V olta ge PRV (V olts )
Max. Forward Voltage o Drop at 25 C And 100 mA VF (Vol ts)
Leng th L Fig. 3
BC D08 BC D10 BC D12 BC D15 BC D20 BC D25 BC D30 BC D35 BC D40 BC D45 BC D50 BC D60 RTD08 RTD10 RTD12 RTD15 RTD20 RTD25 RTD30 RTD35 RTD40 RTD45 RTD50 RTD60
STANDARD RECOVERY 8, 000 13 10,0 00 13 12,0 00 13 15,0 00 20 20,0 00 26 33 25,000 30,0 00 40 35,0 00 46 40,0 00 53 45,0 00 60 50,0 00 66 60,0 00 73 200 N AN OSE CO ND R EC OVE RY (F IG .4 ) 8, 000 20 10,0 00 20 12,0 00 20 15,0 00 30 20,0 00 40 25,0 00 50 30,0 00 60 35,0 00 70 40,0 00 80 45,0 00 90 50,0 00 100 60,0 00 110
BCD SERIES STANDARD RECOVERY
1. 00 1. 00 1. 00 1. 63 2. 13 2. 63 3. 13 3. 63 4. 13 4. 63 5. 13 6. 13 1. 00 1. 00 1. 00 1. 63 2. 13 2. 63 3. 13 3. 63 4. 13 4. 63 5. 13 6.13
RTD SERIES FAST RECOVERY
ELECTRICAL CHARACTERISTICS (at TA=25 C Unless Otherwise Specified)
o Max. DC Reverse Current @ PRV and 25 C, IR
ELECTRICAL CHARACTERISTICS (at TA=25 C Unless Otherwise Specified)
Max. DC Reverse Current @ PRV and 25 C, IR
o
2
100
o
A A
o
2
A
Max. DC Reverse Current @ PRV and 100 C, IR
Ambient Operating Temperature Range,TA
o
Max. DC Reverse Current @ PRV and 100 C, IR
o
100 A
-55 C to +125 C -55 C to +150 C 10 Amps 3 Amps
o o
Max. Reverse Recovery Time , Trr (Fig.4)
200 nanosec
-55 oC to +125 oC -55 oC to +150 oC 10 Amps 3 Amps
Storage Temperature Range, TSTG Max.One-Half Cycle Surge Current, I FM (Surge )@ 60Hz Forward Current Repetitive Peak,I FRM
Ambient Operating Temperature Range,TA
Storage Temperature Range, TSTG Max.One-Half Cycle Surge Current, I FM (Surge )@ 60Hz Forward Current Repetitive Peak,I FRM
EDI reserves the right to change these specifications at any time without notice.
BCD
FIG.1
OUTPUT CURRENT vs AMBIENT TEMPERATURE % RATED FWD CURRENT
100
100
RTD
FIG.2
NON-REPETITIVE SURGE CURRENT RATINGS
0.1SEC 1.0SEC
75
50
% MAXIMUM SURGE
0 25 50 75 100
(OC)
75
50
25
25
0 125 150
0 1 2 3 4 5 6 7 8 9 10 20 30 40 50 60
AMBIENT TEMPERATURE
CYCLES(60 Hz)
FIG.3 PACKAGE STYLE
.030 .033
DIA.
_ L + .02
1.0 MIN.
0.39 MAX. DIA.
ALL DIMENSIONS IN INCHES Maximum lead and terminal temperature for soldering,3/8 inch form case, 5 seconds at 250 O C
TEST CIRCUIT FIG.4
TYPICAL REVERSE RECOVERY WAVEFORM
TRR
R1 50 OHM D.U.T. PULSE GENERATOR R2 1 OHM SCOPE
+
150mA
ZERO REFERENCE
-
300mA 75 mA
R1,R 2 NON-INDUCTIVE RESISTORS PULSE GENERATOR - HEWLETT PACKARD 214A OR EQUIV. IKC REP.RA TE, 10 SEC. PULSE WIDTH ADJUST PULSE AMPLITUDE FOR PEAK IR
Reverse recovery time measured on individual rectifiers prior to assembly. ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
21 GRAY OAKS AVENUE * YONKERS. NEW YORK 10710 914-965-4400 * FAX 914-965-5531 * 1-800-678-0828
Ee-mail:sales@edidiodes.com *Wwebsite:http://www.edidiodes.com


▲Up To Search▲   

 
Price & Availability of BCD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X