Part Number Hot Search : 
FN2459 AD705AQ TR13F AN665 HT48R54A S3N80 HT12D SMB43A
Product Description
Full Text Search
 

To Download BAS40W-06-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Lead-free Green
BAS40W/-04/-05/-06
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
* * * * * *
Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package PN Junction Guard Ring for Transient and ESD Protection Lead Free/RoHS Compliant (Note 3) "Green" Device (Note 4 and 5)
A C BC
SOT-323 Dim A B C D
B G H K M E
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
Mechanical Data
* * * * * * * *
Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: See Diagrams Below Marking: See Diagrams Below &Page 3 Weight: 0.006 grams (approximate)
0.65 Nominal
E G H J K L M a
J
D
F
L
TOP VIEW
All Dimensions in mm
BAS40W Marking: K43
BAS40W-04 Marking: K44
BAS40W-05 Marking: K45
BAS40W-06 Marking: K46
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating Temperature Range Storage Temperature Range @ t = 1.0s Symbol VRRM VRWM VR VR(RMS) IFM IFSM Pd RqJA Tj TSTG Value 40 28 200 600 200 625 -55 to +125 -65 to +150 Unit V V mA mA mW C/W C C
Electrical Characteristics @ TA = 25C unless otherwise specified
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Leakage Current (Note 2) Total Capacitance Reverse Recovery Time
Notes: 1. 2. 3. 4. 5.
Symbol V(BR)R VF IR CT trr
Min 40 3/4 3/4 3/4 3/4
Max 3/4 380 1000 200 5.0 5.0
Unit V mV mV nA pF ns
Test Condition IR = 10mA IF = 1.0mA, tp < 300ms IF = 40mA, tp < 300ms VR = 30V VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W
Device mounted on FR4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Short duration test pulse used to minimize self-heating effect. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30114 Rev. 12 - 2
1 of 3 www.diodes.com
BAS40W/-04/-05/-06
a Diodes Incorporated
IR, INSTANTANEOUS REVERSE CURRENT (nA)
IF, INSTANTANEOUS FORWARD CURRENT (A)
1
10000
TA = 125C
1000
TA = 75C
0.1
100
0.01
TA = -40C TA = 0C TA = 25C
TA = 25C
10
TA = 0C
0.001
1
TA = -40C
TA = 75C TA = 125C
0.0001 0 0.2 0.4 0.6 0.8 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Voltage
0.1 0 10 20 30 40 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
250
3 CT, TOTAL CAPACITANCE (pF)
f = 1MHz
Pd, POWER DISSIPATION (mW)
0 10 20 30 40
200
2
150
100
1
50
0
0 0 40 80 120 160 200
VR, REVERSE VOLTAGE (V) Fig. 3 Typical Capacitance
TA, AMBIENT TEMPERATURE (C) Fig. 4 Power Derating Curve, Total Package
DS30114 Rev. 12 - 2
2 of 3 www.diodes.com
BAS40W/-04/-05/-06
Ordering Information (Note 5 and 6)
Device BAS40W-7-F BAS40W-04-7-F BAS40W-05-7-F BAS40W-06-7-F
Notes:
Packaging SOT-323 SOT-323 SOT-323 SOT-323
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
5. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code (See Sheet 1 Diagrams) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code 2000 L Jan 1 2001 M Feb 2 2002 N 2003 P March 3 Apr 4 2004 R 2005 S May 5 2006 T Jun 6 2007 U Jul 7 2008 V Aug 8 2009 W Sep 9 2010 X Oct O 2011 Y Nov N 2012 Z Dec D
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30114 Rev. 12 - 2
YM
IMPORTANT NOTICE
3 of 3 www.diodes.com
BAS40W/-04/-05/-06


▲Up To Search▲   

 
Price & Availability of BAS40W-06-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X