Part Number Hot Search : 
378FCT1G IL358N 3SRW4CM LTC680 658C2I2 BU902 BU902 BR108
Product Description
Full Text Search
 

To Download BA6428F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 99W122A
Single phase full-wave driver IC for fan motor
BA6428F
Description The BA6428F is a single phase full-wave fan motor driver. It has motor protection functions such as a lock detector, automatic restart, and an output terminal that alarms when the motor is locked. This IC makes sets smaller, due to the compact SOP8 package and the requirement of few external components.
Dimension (Units : mm)
Features 1) Built-in power Tr 2) Lock detector, Automatic restart function 3) Built-in thermal shut down 4) Alarm output terminal
SOP8
Applications Fan motor
Absolute Maximum Ratings (Ta=25 C)
Parameter Supply voltage Power dissipation Operating temperature range Storage temperature range Symbol VCC Pd Topr Tstg Limits 15 687 -40 ~ -55 ~
*
Unit V mW C C
+85 +150
* Derating: 5.5mW/C for operation above Ta=25 C.
Recommended Operating Conditions (Ta=25 C)
Parameter Supply voltage Symbol VCC Min. 3.0 Typ. 5.0 Max. 14.0 Unit V
January, 2000
Electrical characteristics (Unless otherwise noted, Ta=25C, Vcc=5V)
Parameter For lock detector Circuit current Capacitor charging current Capacitor discharging current Capacitor charge/discharge current Capacitor clamp voltage Capacitor comparator voltage Symbol ICC ILDC ILDD rCD VLDCL VLDCP VOL VOH VALL IALL Min. 2.2 1.60 0.24 4.5 1.27 0.47 -- 3.9 -- -- Typ. 4.5 2.90 0.48 6.0 1.93 0.76 0.2 4.1 0.3 0 Max. 9.0 4.64 0.80 10.0 2.60 1.06 0.3 -- 0.5 50 Unit mA A A -- V V V V V A IO=200mA IO=200mA IAL=5mA VAL=15V Conditions Output=OFF VLD=1.1V VLD=1.1V rCD=ILDC/ILDD
Output L voltage Output H voltage Alarm output terminal L voltage Alarm output terminal leak current
Block Diagram


▲Up To Search▲   

 
Price & Availability of BA6428F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X