Part Number Hot Search : 
BFXXXX IRG4BC30 DAC8043 FP104 HT12F MBRF3010 00RTJ060 2520E
Product Description
Full Text Search
 

To Download ACPL-847-06GE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ACPL-8x7
Multi-Channel Full-Pitch Phototransistor Optocoupler
Data Sheet
Lead (Pb) Free RoHS 6 fully compliant
RoHS 6 fully compliant options available; -xxxE denotes a lead-free product
Description
The ACPL-827 is a DC-input dual channel full-pitch phototransistor optocoupler which contains two light emitting diode optically coupled to two separate transistor. It is packaged in a 8-pin DIP package. Likewise, the ACPL-847 is a DC-input quad channel fullpitch phototransistor optocoupler which contains four light emitting diode optically coupled to four separate transistor. It is packaged in a 16-pin DIP package For both types, it is also available in wide-lead spacing option and lead bend SMD option with input-output isolation voltage at 5000 Vrms. Response time, tr, is typically 4 s and minimum CTR is 50% at input current of 5 mA
Features
* Current transfer ratio (CTR: min. 50% at IF = 5mA, VCE = 5V) * High input-output isolation voltage (VISO = 5,000VRMS) * Response time (tr: typ. 4s at VCE = 2V, IC = 2mA, RL= 100W) * Compact dual-in-line package * Safety and regulatory approvals - CSA - UL 1577 - IEC/EN/DIN EN 60747-5-2 * Options available: - Leads with 0.4" (10.16 mm) spacing (W00) - Lead bend for surface mounting (300) - Tape and reel for SMD (500) - available only for ACPL-827 - IEC/EN/DIN EN 60747-5-2 approved (060) - Lead-Free (000E)
ACPL-827 pin layout
8 7 6 5
1
2
3
4
* * * *
Pin1,3 Pin2,4 Pin5,7 Pin6,8
Anode Cathode Emitter Collector
Applications
* I/O Interface for Programmable controllers, computers. * Sequence controllers * System appliances, measuring instruments * Signal transmission between circuits of different potentials and impedances.
ACPL-847 pin layout
16 15 14 13 12 11 10 9
1
2
3
4
5
6
7
8
* * * *
Pin1,3,5,7 Pin2,4,6,8 Pin9,11,13,15 Pin10,12,14,16
Anode Cathode Emitter Collector
1
Ordering Information
ACPL-8x7 is UL Recognized with 5000 Vrms for 1 minute per UL1577 and is approved under CSA Component Acceptance Notice #5, File CA 88324.
RoHS Compliant Option Rank `0' 50% -000E -300E -500E ACPL-827 -060E -360E -560E -W00E -W60E -000E -300E ACPL-847 -060E -360E -W00E -W60E
Part number
Rank `B' 130% -00BE -30BE -50BE -06BE -36BE -56BE -W0BE -W6BE
Rank `C' 200% -00CE -30CE -50CE -06CE -36CE -56CE -W0CE -W6CE
Rank `G' 130% Package
300mil DIP-8 300mil DIP-8 300mil DIP-8 300mil DIP-8 300mil DIP-8 300mil DIP-8 400mil DIP-8 400mil DIP-8
No. of Channels
Surface Mount
x X
Gull Wing
X X X X
Tape & Reel
IEC/EN/ DIN EN 60747-5-2
Quantity
50 pcs per tube 50 pcs per tube
X X X X X X
1000 pcs per reel 50 pcs per tube 50 pcs per tube 1000 pcs per reel 50 pcs per tube 50 pcs per tube 25 pcs per tube 25 pcs per tube X 25 pcs per tube 25 pcs per tube 25 pcs per tube X 25 pcs per tube X
Dual
x x
-00GE -30GE -06GE -36GE -W0GE -W6GE
300mil DIP-16 300mil DIP-16 300mil DIP-16 300mil DIP-16 400mil DIP-16 400mil DIP-16 Quad X X X X
To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-827-36GE to order product of 300mil DIP-8 Dual Channel DC Gull Wing Surface Mount package in Tube packaging with 130%2
Package Outline Drawings
ACPL-827 Package Outline
LEAD FREE DATE CODE
PIN ONE DOT
A 827 YYWW
6.50 0.50 0.256 0.020
RANK
9.68 0.50 0.381 0.020 3.50 0.50 0.138 0.020
7.62 0.30 0.30 0.01
0.50 0.02
TYP 0.26 0.01
2.80 0.50 0.11 0.02 2.54 0.25 0.10 0.01
3.30 0.50 0.130 0.020
0.50 0.10 0.02 0.00
[7.62 - 9.98] 0.3 - 0.39
DIMENSIONS IN [MILLIMETERS] AND INCHES
ACPL-827 Package Outline - Option 060
LEAD FREE DATE CODE
PIN ONE DOT
A 827 V YYWW
6.50 0.50 0.256 0.020
RANK
9.68 0.50 0.381 0.020 3.50 0.50 0.138 0.020 7.62 0.30 0.30 0.01
0.50 0.02
TYP 0.26 0.01
2.80 0.50 0.11 0.02 2.54 0.25 0.10 0.01
3.30 0.50 0.130 0.020
0.50 0.10 0.02 0.00
[7.62 - 9.98] 0.3 - 0.39
DIMENSIONS IN [MILLIMETERS] AND INCHES
3
ACPL-827 Package Outline - Option W00
LEAD FREE DATE CODE
PIN ONE DOT
A 827 YYWW
6.50 0.256
RANK
9.68 0.50 0.381 0.020
7.62 0.30 0.30 0.01
3.50 0.50 0.138 0.020
6.90 0.50 0.272 0.020 2.30 0.50 0.09 0.02 0.26 0.01 10.16 0.50 0.40 0.02
2.80 0.50 0.11 0.02
2.54 0.25 0.10 0.01
0.50 0.10 0.02 0.00
DIMENSIONS IN [MILLIMETERS] AND INCHES
ACPL-827 Package Outline - Option 300
LEAD FREE DATE CODE
PIN ONE DOT
A 827 YYWW
6.50 0.50 0.256 0.020
RANK
9.68 0.50 0.381 0.020
7.62 0.30 0.30 0.01
3.50 12.70 0.138 0.500 0.35 0.25 0.014 0.010 1.20 0.10 0.047 0.004 2.54 0.25 0.10 0.01
0.26 0.01 1 0.25 0.039 0.010
10.16 0.50 0.40 0.02
DIMENSIONS IN [MILLIMETERS] AND INCHES
4
ACPL-847 Package Outline
LEAD FREE DATE CODE
PIN ONE DOT
A 847 YYWW
6.50 0.50 0.256 0.020
RANK
19.84 0.50 0.781 0.020
7.62 0.30 0.30 0.01
3.50 0.50 0.138 0.020
0.50 0.02
TYP
2.80 0.50 0.11 0.02
3.30 0.50 0.130 0.020
0.26 0.01 [7.62 - 9.98] 0.3 - 0.39
2.54 0.25 0.10 0.01
0.50 0.10 0.02 0.00
DIMENSIONS IN [MILLIMETERS] AND INCHES
ACPL-847 Package Outline - Option 060
LEAD FREE DATE CODE
PIN ONE DOT
A 847 V YYWW
6.50 0.50 0.256 0.020
RANK
19.84 0.50 0.781 0.020
7.62 0.30 0.30 0.01
3.50 0.50 0.138 0.020
0.50 0.02
TYP
2.80 0.50 0.11 0.02
3.30 0.50 0.130 0.020
0.26 0.01 [7.62 - 9.98] 0.3 - 0.39
2.54 0.25 0.10 0.01
0.50 0.10 0.02 0.00
DIMENSIONS IN [MILLIMETERS] AND INCHES
5
ACPL-847 Package Outline - Option W00
LEAD FREE DATE CODE
PIN ONE DOT
A 847 YYWW
6.50 0.50 0.256 0.020
RANK
7.62 0.30 0.30 0.01 19.84 0.50 0.781 0.020 3.50 0.50 0.138 0.020 6.90 0.50 0.272 0.020 2.80 0.50 0.11 0.02 2.54 0.25 0.10 0.01 0.50 0.10 0.02 0.00 10.16 0.50 0.40 0.02
DIMENSIONS IN [MILLIMETERS] AND INCHES
ACPL-847 Package Outline - Option 300
LEAD FREE DATE CODE
PIN ONE DOT
A 847 YYWW
6.50 0.50 0.256 0.020
RANK
19.84 0.50 0.781 0.020 7.62 0.30 0.30 0.01
3.50 0.50 0.138 0.020
1.20 0.10 0.05 0.00
2.54 0.25 0.10 0.01
0.35 0.25 0.01 0.01
1 0.25 0.039 0.010
10.16 0.30 0.40 0.01
0.26 0.01
DIMENSIONS IN [MILLIMETERS] AND INCHES
Solder Reflow Temperature Profile
1. One-time soldering reflow is recommended within the condition of temperature and time profile shown at right. 2. When using another soldering method such as infrared ray lamp, the temperature may rise partially in the mold of the device. Keep the temperature on the package of the device within the condition of (1) above.
Note: Non-halide flux should be used.
250C
30 seconds 260 C (Peak Temperature)
Temperature (C)
217C 200C
150C 60 sec
25C 60 ~ 150 sec 90sec Time (sec) 60 sec
6
Absolute Maximum Ratings
Parameter
Storage Temperature Operating Temperature Average Forward Current Input Power Dissipation Input Reverse Voltage Collector Current Collector-Emitter Voltage Emitter-Collector Voltage Isolation Voltage (AC for 1min, R.H. 40~60%) Collector Power Dissipation Total Power Dissipation Lead Solder Temperature
Symbol
TS TA IF(AVG) PI VR IC VCEO VECO VISO PC PTOT
Min.
-55 -30 -
Max.
125 100 50 70 6 50 70 6 5000 150 200
Units
C C mA mW V mA V V VRMS mW mW
Note
260C for 10 sec., 1.6 mm below seating plane
Electrical Specifications (DC)
Over recommended operating conditions unless otherwise specified. Parameter
Forward Voltage Reverse Current Terminal Capacitance Collector Dark Current Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector Current Current Transfer Ratio Collector-Emitter Saturation Voltage Isolation Resistance Floating Capacitance Cut-off Frequency (-3dB) Response Time (Rise) Response Time (Fall)
Symbol
VF IR Ct ICEO BVCEO BVECO IC CTR VCE(sat) RISO CF FC tr tf
Min.
-
Typ.
1.2 30 -
Max.
1.4 10 250 100 30 600 0.2 1 18 18
Units
V mA pF nA V V mA % V W pF KHz ms ms
Test Conditions
IF = 20mA VR = 4V V = 0, f = 1KHz VCE = 20V, IF = 0 mA IC = 0.1 mA, IF = 0 mA IE = 10 mA, IF = 0 mA IF = 5 mA, VCE = 5V IF = 20 mA, IC = 1mA DC500V, R.H. 40~60% V = 0, f = 1MHz VCE = 5V, IC = 2 mA, RL = 100W VCE = 2V, IC = 2 mA, RL = 100W
Note
70 6 2.5 50 5x1010 -
0.1 1x1011 0.6 80 4 3
CTR=(IC/IF )* 100%
See fig 13 See fig 12
7
60
200
Collector Power dissipation Pc (mW)
0 25 50 75
o
50
Forward current IF (mA)
40 30 20 10 0 -30 100 125
150
100
50
0 -30
0
25
50
75
o
100
125
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Figure 1. Forward Current vs. Ambient Temperature.
Collecotr-emitter saturation voltage VCE (sat) (V)
6 5 4 3 2 1 0 0 5 10 15
Figure 2 Collector Power Dissipation vs. Ambient Temperature
500
1mA 3mA 5mA
7mA
Ic=0.5mA
Ta=25 C
O
Forward current I F(mA)
200 100 50 20 10 5 2 1 0
Ta=75 C 50 C
o
o
25 C 0C -25 C
o o o
0.5
1.0
1.5
2.0
2.5
3.0
Forward current I F(mA)
Forward voltage VF (V)
Figure 3. Collector-emitter Saturation Voltage vs. Forward Current
200 180 160 140 120 100 80 60 40 20 0 1 2 5 10 20 50
Figure 4. Forward Current vs. Forward Voltage
30 25
V CE=5V Ta=25 C
o
I F=30mA 20mA
Ta=25 C Pc(MAX.)
o
Current transfer ratio CTR (%)
Collector current Ic (mA)
20 15 10 5 0 0 1 2 3 4 10mA 5mA
5
6
7
8
9
Forward current I F(mA)
Collector-emitter voltage VCE (V)
Figure 5. Current Transfer Ratio vs. Forward Current
Figure 6. Collector Current vs. Collector-emitter Voltage.
8
I F =5mA V CE=5V
Collector-emitter saturation voltage VCE (sat) (V)
150
0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0 -25 0 25 50
Relative current transfer ratio (%)
I F=20mA Ic=1mA
100
50
0
-30
0
25
50
o
75
100
75
o
100
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Figure 7. Relative Current Transfer Ratio vs. Ambient Temperature
10
-5
Figure 8. Collector-emitter Saturation Voltage vs. Ambient Temperature
500 200 100 50 VCE =2V Ic=2mA Ta=25 C
o
Collector dark current I CEO (A)
10 10 10 10 10 10
-6
V CE=20V
-7
Response time (s)
tr tf td ts
-8
20 10 5 2 1 0.5 0.2 0.05
-9
-10
-11
-25
0
25
50
o
75
100
0.1 0.2
0.5
1
2
5
10
Ambient temperature Ta ( C)
Load resistance R L(k)
Figure 9. Collector Dark Current vs. Ambient Temperature
VCE =2V Ic=2mA Ta=25 C
o
Figure 10. Response Time vs. Load Resistance
Input Output Output td tr ts tf
0
Vcc Input RD RL
Voltage gain Av (dB)
10% 90%
10
RL =10k 1k 100
20 0.5 1 2 5 10 20 50 100 500
Figure 12. Test Circuit for Response Time
Vcc RD RL Output
Frequency f (kHz)
Figure 11. Frequency Response
Figure 13. Test Circuit for Frequency Response
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries. Data subject to change. Copyright (c) 2005-2008 Avago Technologies. All rights reserved. Obsoletes AV01-0612EN AV02-1429EN - December 22, 2008


▲Up To Search▲   

 
Price & Availability of ACPL-847-06GE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X