Part Number Hot Search : 
KMM366 C3216 SMCJ90A NCP62306 CNY17 ON0898 3200A MP2060
Product Description
Full Text Search
 

To Download 821 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INIATURE FUSEHOLDERS MINIATURE FUSEHOLDERS
Holder / No. 821
Panel Mount , for 5x20mm Fuses
Uberstand distance Einsatztrager eingesetzt
max. 0,2
Specifications
Packaging
0 bulk (100 pcs.)
Standard
IEC 60127-6 UL 512 CSA C22.2. No.39
o15
fuse-carrier inserted Renkverschlu bayonet-joint
Approvals
10
o16
Mounting
Geratewand panel mounting
M12,7x1,5(P0,75)
1...4,5
12.7mm diameter D-hole or double D-hole (panel 1mm - 4.5mm) Admissible torque on plastic hex nut is 1.2Nm Solderable or 4.8mm quick connect - fits 0.5mm tab IP 40 (IEC 60529) PC2 (IEC 60127-6)
32
5
SW14
-0,1 -0,1
Te r m i n a l s
4,45
0,5
o12,7
o12,7
2,5 3,2
8
R1
P.
7,620,1
Protection Class & Category Materials
11,7
-0,15
12
-0,1
4,80,1
Cap / No. 835
Schlitz fur Schraubendreher Slot for screw-driver Renkverschlunase Bayonet-connector-nose O 9,2
Holder/Cap: Thermoplastic Polyamide PA 6.6, UL94 V-0, black Metal Parts: Copper alloy, corrosion protected Terminals: solderable, tinned Rated Voltage: 250V Rated Current: 6.3A (VDE/SEMKO) 16A (UL/CSA) Rated Power : 4W (SEMKO) 2.5W (VDE) -25C to +70C (consider de-rating) -25C/+70C/21 days (IEC 60068-2-1...3) +10C to +60C relative humidity 75% yearly average, without dew, maximum value for 30 days - 95% 24 cycles at 15 min. each (IEC 60068-2-6) 10 - 60Hz at 0.75mm amplitude 60 - 2000Hz at 10g acceleration 5m
1,5
Electrical Data (23C)
max. 20,5
Temperature Operating Temperature Test Climatic Test
7
Type Flush Mount Type
Cap / No. 837
1,2
Stock Conditions
1,5
O 9,2
Schlitz fur Schraubendreher Slot for screw-driver Renkverschlussnase Bayonet-connector-nose
Vibration Resistance
Contact Resistance Dielectric Strength
> 1.5 kV
27,4
Impulse Voltage
7
4 kV with 1,2s/50s > 10 M (500VDC, 1 min.) 235 C, 2 sec. (soldering bath) (IEC 60068-2-20) 350 C, 3 sec. (soldering iron) (IEC 60068-2-20) 260C, 5 sec. (IEC 60068-2-20) Conductor - 2.5mm 2 821, 250V, Approvals 4.0g (821) / 1.6g (835) / 2.2g (837) Specifications are subject to change without notice
Insulation Resistance Solderability
1,2
Soldering Heat Resistance Type Finger Grip Type Minimum Cross Section Marking
Order Info Qty. Order Number Series
Unit Weight
0000
00
Packaging 0
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
050906
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
WebSite www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of 821

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X