Part Number Hot Search : 
IF140A 2SC3583 MOC8080 LUR61D TSC1220 2309NZ N2003AN AP450
Product Description
Full Text Search
 

To Download 8050S-TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
8050S
TRANSISTORNPN (c)
TO 92
FEATURES Power dissipation PCM : 0.625 W Tamb=25ae(c) Collector current ICM : 0.5 A Collector-base voltage V(BR)CBO : 40 V Operating and storage junction temperature range T J T stg: -55aeto +150ae ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(c) 1 DC current gain hFE(c) 2 Collector-emitter saturation voltage Base-emitter saturation voltage VCE(sat) VBE(sat)
1.EMITTER
2. COLLECTOR
3.BASE
123
unless
Test
otherwise
MIN 40 25 5
specified(c)
TYP MAX UNIT V V V 0.1 0.1 0.1 |I A |I A |I A
conditions
Ic= 100|I , IE=0 A Ic= 1 mA IB=0 IE= 100|I A IC=0 VCB= 40 V , VCE= 20 V , IE=0 IB=0
VEB= 3 V IC=0 VCE= 1 V, IC= 50m A VCE= 1 V, IC= 500m A IC=500mA, IB=50 mA IC=500mA, IB=50 mA VCE= 6 V, IC=20mA 85 50
300
0.6 1.2
V V
Transition frequency
fT f =30MHz
150
MHz
CLASSIFICATION OF hFE(1)
Rank Range B 85-160 C 120-200 D 160-300


▲Up To Search▲   

 
Price & Availability of 8050S-TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X