Part Number Hot Search : 
B80N0 SMARTI 5ETTT 322125 MC9S12 AS1538 R30R160 LNK302P
Product Description
Full Text Search
 

To Download 7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The finest hose clip in the world
yy AA @@
yy AA @@
Hose Clips
J
ubilee is the original worm drive hose clip and for more than seventy years the company has supplied both original equipment and resale customers worldwide. From the original patents to the current BS requirements the company has led the world with consistent high quality; combined with this has been eye catching point of sale material and practical packaging. The comprehensive range of products enables users everywhere to be confident that Jubilee has a clip to suit their application.
Jubilee the original -- beware of imitations!
(R)
BS 5315: 1991
J
ubilee clips are Kitemarked to BS 5315:1991 and the company is licensed to BS EN ISO 9002. Jubilee were instrumental in the formulation of the original British Standards and as user customers all over the world will testify, the consistent high level of reliability has set Jubilee apart from its competitors.
CERTIFIED PRODUCT LICENCE NO. 6246
Reg. No. FM 547 QAS 3640/65
Jubilee(R) Range
s s s s s s s Mild Steel Zinc Plated Clips 304 Stainless Steel Clips 316 Stainless Steel Clips Nut and Bolt Clips Aircraft Standard Clips Jubilee Clipdrivers and Flexidrivers Continuous Banding 9.5mm to 318mm 9.5mm to 318mm 9.5mm to 318mm 7mm to 14mm 2SP91/SP144 with 7mm socket heads ask for details
Hose Clip -- Components
Screw
The specially designed 14 TPI screw form allows maximum working engagement with the band serrations which ensures smooth efficient transfer of torque to sealing ability. The 7mm hexagonal head screw has a screwdriver slot providing a variety of tightening methods Five sizes of housings ensure the correct shape throughout the range. The unique Jubilee `Crimp' not only retains the screw but also provides the maximum thrust area for the screw collar.
Test Performance
Ultimate Breaking Torque Graph
15 Jubilee (Average) BS Requirement 12
Housing
BS 5315:1991
Torque (Nm)
9
MADE IN U.K.
6
Band
By pressing precisely formed serrations into the bands of strictly controlled 40--48 tons per sq. in. tensile steel a constant thread form is achieved which is further strengthened by work hardening.
3
OOO - OO O - OX 1A - 1M 2A - 2X 3-6 Housing Group Sizes
6X - 121/2"
straight line test
The performance of hose clips is determined by the hose type, spigot, tightening torque and hose working pressures -- phone for technical advice.
Z 16mm Max 14mm Max
Contact
The assembly of the 3 components is the basis for the high level of quality in the finished Jubilee clip. Without adherence to tolerances and strict inspection/quality assurance systems, constant performance would not be achieved.
Hexagon Head 7mm A/F
13.2mm Max
Zinc Plated Mild Steel & Stainless Steel Clips
JUBILEE
Size No. BS No. Adjustment mm 9.5 -- 12 11 -- 16 13 -- 20 16 -- 22 18 -- 25 22 -- 30 25 -- 35 30 -- 40 32 -- 45 35 -- 50 40 -- 55 45 -- 60 55 -- 70 60 -- 80 70 -- 90 85 -- 100 90 -- 120 110 -- 140 130 -- 150 135 -- 165 158 -- 190 184 -- 216 210 -- 242 235 -- 267 260 -- 292 286 -- 318
3 1
RANGE
Band Thickness mm 0.762 0.762 0.762 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 0.914 10's Pack Sizes Bulk Weights per 100 (Kgs) 500 500 450 500 450 350 275 200 175 150 125 250 200 150 125 100 100 75 50 50 50 50 50 50 50 50 1.2 1.3 1.3 2.2 2.3 2.8 3.0 3.1 3.2 3.9 4.0 4.2 4.5 4.8 5.1 5.4 6.0 6.9 7.1 7.6 8.5 9.1 9.9 10.5 11.3 12.2 Size No.
Inches
1/2 /8 -- 5/8 /2 -- 1/2 -- 3/4 5/8 -- 7/8 3 /4 -- 1 7 /8 -- 11/8 1 -- 13/8 11/8 -- 15/8 11/4 -- 13/4 11/4 -- 17/8 11/2 -- 21/8 13/4 -- 23/8 2 -- 23/4 23/8 -- 31/8 23/4 -- 31/2 31/4 -- 4 33/4 -- 41/2 41/4 -- 51/2 5 -- 53/4 51/4 -- 61/2 61/4 -- 71/2 71/4 -- 81/2 81/4 -- 91/2 91/4 -- 101/2 101/4 -- 111/2 111/4 -- 121/2
Band Width mm 9 9 9 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13
`Z' Max.
OOO MOO OO O OX 1A 1 1X 1M 2A 2 2X 3 3X 4 4X 5 6 6X 7 71/2 81/2 91/2 101/2 111/2 121/2
12 16 20 22 25 30 35 40 45 50 55 60 70 80 90 100 120 140 150 165 190 216 242 267 292 318
21 21 21 25 25 29 29 29 29 33 33 33 33 33 33 33 33 33 33 33 33 33 33 33 33 33
10-- 10-- 10-- 10-- 10-- 10-- 10-- 10-- 10-- 10-- 10-- 10-- 10-- - - - - - - - - - - - - -
100 100 100 100 100 100 100 100 100 100 100 100 100
OOO MOO OO O OX 1A 1 1X 1M 2A 2 2X 3 3X 4 4X 5 6 6X 7 71/2 81/2 91/2 101/2 111/2 121/2
SPECIFICATION
Material
Band Housing Screw Zinc Finish
Mild Steel
BS1449 Pt. 1 BS1449 Pt. 1 BS3111 Meets BS7479 48 Hrs NSS
304 Stainless Steel
All components Type 304 BS1449 Pt. 2 DIN 1.4301 A2
316 Stainless Steel
All components Type 316 BS1449 Pt. 2 DIN 1.4401 A4
Jubilee Wingspade(R) Clips
SPECIFICATION
Range 000/12 M00/16 00/20 0X/25 1A/32 1X/40 2A/50 2X/60 3/70 Working Dia. (mm) 8 -- 12 10 -- 16 12 -- 20 16 -- 25 20 -- 32 25 -- 40 32 -- 50 40 -- 60 50 -- 70 Band/Screw/Housing: Mild Steel Zinc Plated Wingspade: Acetal Plastic Colour Blue (other colours on request)
For colours other than blue, minimum order quantity 10,000 in 1 size.
Junior Clips
SPECIFICATION
Range
NB NB NB NB NB NB NB NB NB NB 0709 0810 0911 1012 1113 1214 1315 1416 1517 1618
Working Dia. (mm)
7 8 9 10 11 12 13 14 15 16 -- -- -- -- -- -- -- -- -- -- 9 10 11 12 13 14 15 16 17 18
Tightening Torque Maximum: 1.2 Nm Screw 7mm A/F Material Zinc finished mild steel
These products are used on fuel pipes and similar applications.
Jubilee Flexidriver(R) & Jubilee Clipdriver(R)
R
apid easy adjustment of Jubilee clips is made possible with our Flexidriver/Clipdriver range. All are high quality precision products incorporating a 7mm A/F socket head especially designed for Jubilee hose clips. The three types suit most workshops, maintenance and DIY applications.
Manufactured outside the BSI Scheme.
Sales Support Dispensers
Clip Dispenser
Handy Pack
Small Wall Box Dispenser
Large Wall Box Dispenser
Rotary Box Dispenser
L. Robinson & Co (Gillingham) Ltd,
London Chambers, Mill Road, Gillingham, Kent ME7 1HJ, England. Tel: 01634 851182 Fax: 01634 280101 E-mail: jubilee regd@clips.demon.co.uk
b
imitations! eware of
/96
(R) `Jubilee', `Jubilee Wingspade', `Jubilee Flexidriver', `Jubilee Clipdriver' and `Jubilee LR' are registered trademarks of L. Robinson & Co. (Gillingham) Limited. We reserve the right without prior notice to alter the materials used to accord with new and/or improved specifications.


▲Up To Search▲   

 
Price & Availability of 7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X