Part Number Hot Search : 
MPC9331 166Y06 5932B 4ALVCH 2SC2898 2SC184 N5333 SG2626T
Product Description
Full Text Search
 

To Download 24AA01-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M
FEATURES
24AA01/02
1K 1.8V I2CTM Serial EEPROM
PACKAGE TYPES
PDIP A0 A1 A2 VSS 1 24AA01/02 2 3 4 8 7 6 5 VCC WP SCL SDA
* Single supply with operation down to 1.8V * Low power CMOS technology - 1 mA active current typical - 10 A standby current typical at 5.5V - 3 A standby current typical at 1.8V * Organized as a single block of 128 bytes (128 x 8) or 256 bytes (256 x 8) * 2-wire serial interface bus, I2CTM compatible * Schmitt trigger, filtered inputs for noise suppression * Output slope control to eliminate ground bounce * 100 kHz (1.8V) and 400 kHz (5V) compatibility * Self-timed write cycle (including auto-erase) * Page-write buffer for up to 8 bytes * 2 ms typical write cycle time for page-write * Hardware write protect for entire memory * Can be operated as a serial ROM * ESD protection > 3,000V * 1,000,000 ERASE/WRITE cycles guaranteed * Data retention > 200 years * 8-pin DIP or SOIC package * Available for extended temperature ranges - Commercial (C): 0C to +70C - Industrial (I): -40C to +85C
SOIC 1
24AA01/02
A0 A1 A2 VSS
8 7 6 5
VCC WP SCL SDA
2 3 4
DESCRIPTION
The Microchip Technology Inc. 24AA01 and 24AA02 are 1K bit and 2K bit Electrically Erasable PROMs. The devices are organized as a single block of 128 x 8-bit or 256 x 8-bit memory with a two wire serial interface. Low-voltage design permits operation down to 1.8 volts with standby and active currents of only 3 A and 1 mA, respectively. The 24AA01 and 24AA02 also have pagewrite capability for up to 8 bytes of data. The 24AA01 and 24AA02 are available in the standard 8-pin DIP and 8-pin surface mount SOIC packages.
BLOCK DIAGRAM
WP HV GENERATOR
I/O CONTROL LOGIC
MEMORY CONTROL LOGIC
XDEC
EEPROM ARRAY PAGE LATCHES
SDA
SCL YDEC
VCC VSS
SENSE AMP R/W CONTROL
I2C is a trademark of Philips Corporation
(c) 1998 Microchip Technology Inc.
Powered by ICminer.com Electronic-Library Service CopyRight 2003
DS21052H-page 1
24AA01/02
1.0
1.1
ELECTRICAL CHARACTERISTICS
Maximum Ratings*
other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
TABLE 1-1:
Name VSS SDA SCL WP VCC A0, A1, A2
PIN FUNCTION TABLE
Function Ground Serial Address/Data/I/O Serial Clock Write Protect Input +1.8V to 5.5V Power Supply No Internal Connection
VCC...................................................................................7.0V All inputs and outputs w.r.t. VSS ................-0.6V to VCC +1.0V Storage temperature .....................................-65C to +150C Ambient temp. with power applied.............. -65C to +125CC Soldering temperature of leads (10 seconds) ............. +300C ESD protection on all pins .................................................. 4 kV
*Notice: Stresses above those listed under "Maximum ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any
TABLE 1-2:
DC CHARACTERISTICS
VCC = +1.8V to +5.5V Commercial (C):Tamb = 0C to +70C Industrial (I): Tamb = -40C to +85C
Parameter WP, SCL and SDA pins: High level input voltage Low level input voltage Hysteresis of Schmitt trigger inputs Low level output voltage Input leakage current Output leakage current Pin capacitance (all inputs/outputs) Operating current
Symbol VIH VIL VHYS VOL ILI ILO CIN, COUT ICC Write ICC Read
Min .7 VCC -- .05 VDD -- -10 -10 -- -- -- -- -- -- -- --
Typ -- -- -- -- -- -- -- -- 0.5 -- 0.05 -- -- 3
Max -- .3 VCC -- .40 10 10 10 3 -- 1 -- 100 30 --
Units V V V V A A pF mA mA mA mA A A A
Conditions
(Note) IOL = 3.0 mA, VCC = 1.8V VIN = .1V to 5.5V VOUT = .1V to 5.5V Vcc = 5.0V (Note 1) Tamb = 25C, FLCK = 1 MHz VCC = 5.5V, SCL = 400 kHz VCC = 1.8V, SCL = 100 kHz VCC = 5.5V, SCL = 400 kHz VCC = 1.8V, SCL = 100 kHz VCC = 5.5V, SDA = SCL = VCC VCC = 3.0V, SDA = SCL = VCC VCC = 1.8V, SDA = SCL = VCC WP = VSS
Standby current
ICCS
Note:This parameter is periodically sampled and not 100% tested.
FIGURE 1-1:
BUS TIMING START/STOP
VHYS
SCL
TSU:STA THD:STA TSU:STO
SDA
START
STOP
DS21052H-page 2
Powered by ICminer.com Electronic-Library Service CopyRight 2003
(c) 1998 Microchip Technology Inc.
24AA01/02
TABLE 1-3: AC CHARACTERISTICS
Standard Mode Parameter Clock frequency Clock high time Clock low time SDA and SCL rise time SDA and SCL fall time START condition hold time START condition setup time Data input hold time Data input setup time STOP condition setup time Output valid from clock Bus free time Symbol Min FCLK THIGH TLOW TR TF THD:STA TSU:STA THD:DAT TSU:DAT TSU:STO TAA TBUF -- 4000 4700 -- -- 4000 4700 0 250 4000 -- 4700 Max 100 -- -- 1000 300 -- -- -- -- -- 3500 -- VCC = 4.5 - 5.5V Fast Mode Min -- 600 1300 -- -- 600 600 0 100 600 -- 1300 Max 400 -- -- 300 300 -- -- -- -- -- 900 -- kHz ns ns ns ns ns ns ns ns ns ns ns (Note2) Time the bus must be free before a new transmission can start (Note 1), CB 100 pF (Note 3) Byte or Page mode (Note 1) (Note 1) After this period the first clock pulse is generated Only relevant for repeated START condition (Note 2) Units Remarks
Output fall time from VIH min to VIL max Input filter spike suppression (SDA and SCL pins) Write cycle time Endurance
TOF TSP TWR --
-- -- -- 1M
250 50 10 --
20 +0.1 CB -- -- 1M
250 50 10 --
ns ns ms
cycles 25C, Vcc = 5.5V, Block Mode (Note 4)
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF. 2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions. 3: The combined TSP and VHYS specifications are due to new Schmitt trigger inputs which provide improved noise spike suppression. This eliminates the need for a TI specification for standard operation. 4: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific application, please consult the Total Endurance Model which can be obtained on our BBS or website.
FIGURE 1-2:
BUS TIMING DATA
TF THIGH TLOW TR
SCL TSU:STA THD:STA SCL IN TSP TAA TBUF THD:DAT TSU:DAT TSU:STO
TAA SDA OUT
THD:STA
(c) 1998 Microchip Technology Inc.
Powered by ICminer.com Electronic-Library Service CopyRight 2003
DS21052H-page 3
24AA01/02
2.0 FUNCTIONAL DESCRIPTION
3.4 Data Valid (D)
The 24AA01/02 supports a bi directional 2-wire bus and data transmission protocol. A device that sends data onto the bus is defined as transmitter, and a device receiving data as receiver. The bus has to be controlled by a master device which generates the serial clock (SCL), controls the bus access, and generates the START and STOP conditions, while the 24AA01/02 works as slave. Both, master and slave can operate as transmitter or receiver but the master device determines which mode is activated. The state of the data line represents valid data when, after a START condition, the data line is stable for the duration of the HIGH period of the clock signal. The data on the line must be changed during the LOW period of the clock signal. There is one clock pulse per bit of data. Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of the data bytes transferred between the START and STOP conditions is determined by the master device and is theoretically unlimited, although only the last 16 will be stored when doing a write operation. When an overwrite does occur it will replace data in a first in first out fashion.
3.0
BUS CHARACTERISTICS
The following bus protocol has been defined: * Data transfer may be initiated only when the bus is not busy. * During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data line while the clock line is HIGH will be interpreted as a START or STOP condition. Accordingly, the following bus conditions have been defined (Figure 3-1).
3.5
Acknowledge
Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each byte. The master device must generate an extra clock pulse which is associated with this acknowledge bit. Note: The 24AA01/02 does not generate any acknowledge bits if an internal programming cycle is in progress.
3.1
Bus not Busy (A)
Both data and clock lines remain HIGH.
3.2
Start Data Transfer (B)
A HIGH to LOW transition of the SDA line while the clock (SCL) is HIGH determines a START condition. All commands must be preceded by a START condition.
3.3
Stop Data Transfer (C)
The device that acknowledges, has to pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse. Of course, setup and hold times must be taken into account. A master must signal an end of data to the slave by not generating an acknowledge bit on the last byte that has been clocked out of the slave. In this case, the slave must leave the data line HIGH to enable the master to generate the STOP condition.
A LOW to HIGH transition of the SDA line while the clock (SCL) is HIGH determines a STOP condition. All operations must be ended with a STOP condition.
FIGURE 3-1:
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
DSCL or MSCL
(A)
(B)
(D)
(D)
(C)
(A)
DSCL or MSCL
START CONDITION
ADDRESS OR ACKNOWLEDGE VALID
DATA ALLOWED TO CHANGE
STOP CONDITION
DS21052H-page 4
Powered by ICminer.com Electronic-Library Service CopyRight 2003
(c) 1998 Microchip Technology Inc.
24AA01/02
3.6 Device Address
4.0
4.1
WRITE OPERATION
Byte Write
The 24AA01/02 are software-compatible with older devices such as 24C01A, 24C02A, 24LC01, and 24LC02. A single 24AA02 can be used in place of two 24LC01's, for example, without any modifications to software. The "chip select" portion of the control byte becomes a don't care. After generating a START condition, the bus master transmits the slave address consisting of a 4-bit device code (1010) for the 24AA01/02, followed by three don't care bits. The eighth bit of slave address determines if the master device wants to read or write to the 24AA01/02 (Figure 3-2). The 24AA01/02 monitors the bus for its corresponding slave address all the time. It generates an acknowledge bit if the slave address was true and it is not in a programming mode. Operation Read Write Control Code 1010 1010 Chip Select XXX XXX R/W 1 0
Following the start signal from the master, the device code (4 bits), the don't care bits (3 bits), and the R/W bit which is a logic low is placed onto the bus by the master transmitter. This indicates to the addressed slave receiver that a byte with a word address will follow after it has generated an acknowledge bit during the ninth clock cycle. Therefore the next byte transmitted by the master is the word address and will be written into the address pointer of the 24AA01/02. After receiving another acknowledge signal from the 24AA01/02 the master device will transmit the data word to be written into the addressed memory location. The 24AA01/02 acknowledges again and the master generates a stop condition. This initiates the internal write cycle, and during this time the 24AA01/02 will not generate acknowledge signals (Figure 4-1).
4.2
Page Write
FIGURE 3-2:
START
CONTROL BYTE ALLOCATION
READ/WRITE
SLAVE ADDRESS
R/W
A
1
0
1
0
X
X
X
The write control byte, word address and the first data byte are transmitted to the 24AA01/02 in the same way as in a byte write. But instead of generating a stop condition the master transmits up to eight data bytes to the 24AA01/02 which are temporarily stored in the on-chip page buffer and will be written into the memory after the master has transmitted a stop condition. After the receipt of each word, the three lower order address pointer bits are internally incremented by one. The higher order five bits of the word address remains constant. If the master should transmit more than eight words prior to generating the stop condition, the address counter will roll over and the previously received data will be overwritten. As with the byte write operation, once the stop condition is received an internal write cycle will begin (Figure 7-1). Note: Page write operations are limited to writing bytes within a single physical page, regardless of the number of bytes actually being written. Physical page boundaries start at addresses that are integer multiples of the page buffer size (or Opage sizeO) and end at addresses that are integer multiples of [page size - 1]. If a page write command attempts to write across a physical page boundary, the result is that the data wraps around to the beginning of the current page (overwriting data previously stored there), instead of being written to the next page as might be expected. It is therefore necessary for the application software to prevent page write operations that would attempt to cross a page boundary.
X = Don't care
(c) 1998 Microchip Technology Inc.
Powered by ICminer.com Electronic-Library Service CopyRight 2003
DS21052H-page 5
24AA01/02
FIGURE 4-1:
BUS ACTIVITY MASTER
BYTE WRITE
S T A R T CONTROL BYTE WORD ADDRESS DATA S T O P
SDA LINE
S
A C K A C K A C K
P
BUS ACTIVITY
FIGURE 4-2:
BUS ACTIVITY MASTER
PAGE WRITE
S T A R T CONTROL BYTE WORD ADDRESS (n) DATA n DATA n + 1 DATA n + 7 S T O P
SDA LINE BUS ACTIVITY
S
A C K A C K A C K A C K A C K
P
DS21052H-page 6
Powered by ICminer.com Electronic-Library Service CopyRight 2003
(c) 1998 Microchip Technology Inc.
24AA01/02
5.0 ACKNOWLEDGE POLLING 7.0 READ OPERATION
Since the device will not acknowledge during a write cycle, this can be used to determine when the cycle is complete (this feature can be used to maximize bus throughput). Once the stop condition for a write command has been issued from the master, the device initiates the internally timed write cycle. ACK polling can be initiated immediately. This involves the master sending a start condition followed by the control byte for a write command (R/W = 0). If the device is still busy with the write cycle, then no ACK will be returned. If the cycle is complete, then the device will return the ACK and the master can then proceed with the next read or write command. See Figure 5-1 for flow diagram. Read operations are initiated in the same way as write operations with the exception that the R/W bit of the slave address is set to one. There are three basic types of read operations: current address read, random read, and sequential read.
7.1
Current Address Read
FIGURE 5-1:
ACKNOWLEDGE POLLING FLOW
Send Write Command
The 24AA01/02 contains an address counter that maintains the address of the last word accessed, internally incremented by one. Therefore, if the previous access (either a read or write operation) was to address n, the next current address read operation would access data from address n + 1. Upon receipt of the slave address with R/W bit set to one, the 24AA01/ 02 issues an acknowledge and transmits the eight bit data word. The master will not acknowledge the transfer but does generate a stop condition and the 24AA01/ 02 discontinues transmission (Figure 7-1).
7.2
Send Stop Condition to Initiate Write Cycle
Random Read
Send Start
Send Control Byte with R/W = 0
Random read operations allow the master to access any memory location in a random manner. To perform this type of read operation, first the word address must be set. This is done by sending the word address to the 24AA01/02 as part of a write operation. After the word address is sent, the master generates a start condition following the acknowledge. This terminates the write operation, but not before the internal address pointer is set. Then the master issues the control byte again but with the R/W bit set to a one. The 24AA01/02 will then issue an acknowledge and transmits the eight bit data word. The master will not acknowledge the transfer but does generate a stop condition and the 24AA01/02 discontinues transmission (Figure 7-2).
No
Did Device Acknowledge (ACK = 0)? Yes Next Operation
7.3
Sequential Read
Sequential reads are initiated in the same way as a random read except that after the 24AA01/02 transmits the first data byte, the master issues an acknowledge as opposed to a stop condition in a random read. This directs the 24AA01/02 to transmit the next sequentially addressed 8-bit word (Figure 7-3). To provide sequential reads the 24AA01/02 contains an internal address pointer which is incremented by one at the completion of each operation. This address pointer allows the entire memory contents to be serially read during one operation.
6.0
WRITE PROTECTION
The 24AA01/02 can be used as a serial ROM when the WP pin is connected to VCC. Programming will be inhibited and the entire memory will be write-protected.
7.4
Noise Protection
The 24AA01/02 employs a VCC threshold detector circuit which disables the internal erase/write logic if the VCC is below 1.5 volts at nominal conditions. The SCL and SDA inputs have Schmitt trigger and filter circuits which suppress noise spikes to assure proper device operation even on a noisy bus.
(c) 1998 Microchip Technology Inc.
Powered by ICminer.com Electronic-Library Service CopyRight 2003
DS21052H-page 7
24AA01/02
FIGURE 7-1: CURRENT ADDRESS READ
BUS ACTIVITY MASTER S T A R T CONTROL BYTE S T O P
DATA n
SDA LINE
S
A C K N O A C K
P
BUS ACTIVITY
FIGURE 7-2:
RANDOM READ
S T A R T CONTROL BYTE WORD ADDRESS (n) S T A R T CONTROL BYTE S T O P
BUS ACTIVITY MASTER
DATA (n)
S
SDA LINE A C K A C K
S
A C K N O A C K
P
BUS ACTIVITY
FIGURE 7-3:
BUS ACTIVITY MASTER SDA LINE BUS ACTIVITY
SEQUENTIAL READ
CONTROL BYTE S T O P
DATA n
DATA n + 1
DATA n + 2
DATA n + X
P
A C K A C K A C K A C K N O A C K
8.0
8.1
PIN DESCRIPTIONS
SDA Serial Address/Data Input/Output
8.3
WP
This pin must be connected to either VSS or VCC. If tied to VSS, normal memory operation is enabled (read/write the entire memory). If tied to VCC, WRITE operations are inhibited. The entire memory will be write-protected. Read operations are not affected. This feature allows the user to use the 24AA01/02 as a serial ROM when WP is enabled (tied to VCC).
This is a bi-directional pin used to transfer addresses and data into and data out of the device. It is an open drain terminal, therefore the SDA bus requires a pullup resistor to VCC (typical 10K for 100 kHz, 2K for 400 kHz). For normal data transfer SDA is allowed to change only during SCL low. Changes during SCL high are reserved for indicating the START and STOP conditions.
8.4
A0, A1, A2
8.2
SCL Serial Clock
These pins are not used by the 24AA01/02. They may be left floating or tied to either VSS or VCC.
This input is used to synchronize the data transfer from and to the device.
DS21052H-page 8
Powered by ICminer.com Electronic-Library Service CopyRight 2003
(c) 1998 Microchip Technology Inc.
24AA01/02
NOTES:
(c) 1998 Microchip Technology Inc.
Powered by ICminer.com Electronic-Library Service CopyRight 2003
DS21052H-page 9
24AA01/02
NOTES:
DS21052H-page 10
Powered by ICminer.com Electronic-Library Service CopyRight 2003
(c) 1998 Microchip Technology Inc.
24AA01/02
24AA01/02 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.. 24AA01/02 -- /P Package: Temperature Range: P = Plastic DIP (300 mil Body), 8-lead SN = Plastic SOIC (150 mil Body), 8-lead SM = Plastic SOIC (207 mil Body), 8-lead Blank = 0C to +70C I = -40C to +85C 24AA01 24AA01T 24AA02 24AA02T 1.8V, 1K I2C Serial EEPROM 1.8V, 1K I2C Serial EEPROM (Tape and Reel) 1.8V, 2K I2C Serial EEPROM 1.8V, 2K I2C Serial EEPROM (Tape and Reel)
Device:
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office 2. The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277 3. The Microchip Worldwide Site (www.microchip.com) Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
(c) 1998 Microchip Technology Inc.
Powered by ICminer.com Electronic-Library Service CopyRight 2003
DS21052H-page 11
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
Microchip Technology Inc. 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-786-7200 Fax: 480-786-7277 Technical Support: 480-786-7627 Web Address: http://www.microchip.com
AMERICAS (continued)
Toronto
Microchip Technology Inc. 5925 Airport Road, Suite 200 Mississauga, Ontario L4V 1W1, Canada Tel: 905-405-6279 Fax: 905-405-6253
ASIA/PACIFIC (continued)
Singapore
Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore 188980 Tel: 65-334-8870 Fax: 65-334-8850
ASIA/PACIFIC
Hong Kong
Microchip Asia Pacific Unit 2101, Tower 2 Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2-401-1200 Fax: 852-2-401-3431
Taiwan, R.O.C
Microchip Technology Taiwan 10F-1C 207 Tung Hua North Road Taipei, Taiwan, ROC Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Atlanta
Microchip Technology Inc. 500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307
Boston
Microchip Technology Inc. 5 Mount Royal Avenue Marlborough, MA 01752 Tel: 508-480-9990 Fax: 508-480-8575
EUROPE
United Kingdom
Arizona Microchip Technology Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44 118 921 5858 Fax: 44-118 921-5835
Beijing
Microchip Technology, Beijing Unit 915, 6 Chaoyangmen Bei Dajie Dong Erhuan Road, Dongcheng District New China Hong Kong Manhattan Building Beijing 100027 PRC Tel: 86-10-85282100 Fax: 86-10-85282104
Chicago
Microchip Technology Inc. 333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
India
Microchip Technology Inc. India Liaison Office No. 6, Legacy, Convent Road Bangalore 560 025, India Tel: 91-80-229-0061 Fax: 91-80-229-0062
Denmark
Microchip Technology Denmark ApS Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45 4420 9895 Fax: 45 4420 9910
Dallas
Microchip Technology Inc. 4570 Westgrove Drive, Suite 160 Addison, TX 75248 Tel: 972-818-7423 Fax: 972-818-2924
Japan
Microchip Technology Intl. Inc. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa 222-0033 Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
France
Arizona Microchip Technology SARL Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Dayton
Microchip Technology Inc. Two Prestige Place, Suite 150 Miamisburg, OH 45342 Tel: 937-291-1654 Fax: 937-291-9175
Detroit
Microchip Technology Inc. Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea Tel: 82-2-554-7200 Fax: 82-2-558-5934
Germany
Arizona Microchip Technology GmbH Gustav-Heinemann-Ring 125 D-81739 Munchen, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44
Los Angeles
Microchip Technology Inc. 18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
Italy
Arizona Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-039-65791-1 Fax: 39-039-6899883
11/15/99
Shanghai
Microchip Technology RM 406 Shanghai Golden Bridge Bldg. 2077 Yan'an Road West, Hong Qiao District Shanghai, PRC 200335 Tel: 86-21-6275-5700 Fax: 86 21-6275-5060
New York
Microchip Technology Inc. 150 Motor Parkway, Suite 202 Hauppauge, NY 11788 Tel: 631-273-5305 Fax: 631-273-5335
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
Microchip received QS-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona in July 1999. The Company's quality system processes and procedures are QS-9000 compliant for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs and microperipheral products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001 certified.
All rights reserved. (c) 1999 Microchip Technology Incorporated. Printed in the USA. 11/99
Printed on recycled paper.
Information contained in this publication regarding device applications and the like is intended for suggestion only and may be superseded by updates. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights. The Microchip logo and name are registered trademarks of Microchip Technology Inc. in the U.S.A. and other countries. All rights reserved. All other trademarks mentioned herein are the property of their respective companies.
1999 Microchip Technology Inc.
Powered by ICminer.com Electronic-Library Service CopyRight 2003


▲Up To Search▲   

 
Price & Availability of 24AA01-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X