Part Number Hot Search : 
UN421E AN2544 MAX4120 A1540 BT148W HCD190 FX502 MAX27
Product Description
Full Text Search
 

To Download 119Y30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Sound Distribution (117-119 Series)
LINE MATCHING AUDIO TRANSFORMERS
* Couple 3.2, 8 or 16 ohm speakers to 25 or 70 volt line outputs of amplifiers. * Up to 5 power tap levels available (except 117F2 which has 4). * Primary taps marked in watts (no calculation necessary), to match speaker power. * Frequency response 100 Hz. to 9 Khz. (1 db. reference @1 Khz.) * Insertion loss less than 2 db. * Distortion is less than 1.25% @ 100 Hz. at maximum power. * Horizontal, channel bracket, 2-hole (.187" dia.) mounting. * All models have solder lugs, also suitable for slip on jumper connections. * Total power requirements of speakers should not exceed the rated power of each transformer or rated power of the amplifier.
Part No. 117F2 117E4 117F4 117E8 117F8 117E16 117F16 117G16 117F32 117J4 117K4 117J8 117K8 117K16 117K32 System Volts 70 70 70 70 70 70 70 70 70 25 25 25 25 25 25 Power Rating Watts 2 4 4 8 8 16 16 16 32 4 4 8 8 16 32 Audio Power Taps 2, 1, 1/2, 1/4 4, 2, 1, 1/2, 1/4 4, 2, 1, 1/2, 1/4 8, 4, 2, 1, 1/2 8, 4, 2, 1, 1/2 16, 8, 4, 2, 1 16, 8, 4, 2, 1 16, 8, 4, 2, 1 32, 16, 8 ,4, 2 4, 2, 1, 1/2, 1/4 4, 2, 1, 1/2, 1/4 8, 4, 2, 1, 1/2 8, 4, 2, 1, 1/2 16, 8, 4, 2, 1 32, 16, 8, 4, 2 Voice Coil Impedance Ohms 8 3.2 8 3.2 8 3.2 8 16 8 3.2 8 3.2 8 8 8 Mounting Centers 2.00 2.38 2.38 2.81 2.81 3.13 3.13 3.13 3.56 2.38 2.38 2.81 2.81 3.13 3.56 Wt. Lbs. 0.5 0.6 0.6 0.9 0.9 1.5 1.5 1.5 2.3 0.6 0.6 0.6 0.6 1.5 2.3 Dimensions (Inches) A 2.38 2.81 2.81 3.25 3.25 3.69 3.69 3.69 4.03 2.81 2.81 3.25 3.25 3.69 4.03 B 1.38 1.50 1.50 1.75 1.75 2.00 2.00 2.00 2.25 1.50 1.50 1.75 1.75 2.00 2.25 C 1.38 1.69 1.69 2.00 2.00 2.31 2.31 2.31 2.63 1.69 1.69 2.00 2.00 2.31 2.63 D 2.00 2.38 2.38 2.81 2.81 3.13 3.13 3.13 3.56 2.38 2.38 2.81 2.81 3.13 3.56
Power Taps
1
2 4 8 16 com.
Primary Secondary
Audio
8 Ohms
Typical Winding (117F16)
MATCHING AUTO 25V OR 70V LINE AUDIO TRANSFORMERS
* Suitable for driving from solid state amplifiers where isolated windings are not required or can be used with our "Classic" 1600 tube output transformers to provide a 25V or 70V line output. * 8 or 16 ohm input, 25V or 70V line output. * Frequency response 50 Hz. to 10 Khz. at full ratings * Leads 6" long minimum * Can be reversed for operation at high power speaker locations. * For speaker matching from older "classic" equipment check out our 119DA matching transformer.
Figure 1
Grn 70V Brn 16 Ohm Orn 25 V * Wht 8 Ohm Blk Common * 25V tap on 119Y30 & 119Y60
Figure 2
Max Part No. Output Watts 119Y30 30 119Y60 60 119Y100 100 119Y250 250
Line Output 70 & 25V 70 & 25V 70V only 70V only
Mtg. Wt. Hole/Slot Lbs. G Bracket 3.56 0.187 2.4 X Mtg. 2.00 x 2.19 .203 x .38 3.3 X Mtg. 2.50 x 2.19 .203 x .38 4.7 X Mtg. 2.50 x 2.94 .203 x .38 6.7 Mtg. Type Mtg. Centers
Dwg. Fig. 1 2 2 2
Dimensions (Inches) A 4.03 2.50 3.13 3.13 B 2.25 3.25 3.50 4.25 C 2.63 3.06 3.81 3.81 D E 3.56 2.00 2.19 2.50 2.19 2.50 2.94
Guelph, Ontario (519) 822-2960 St. Laurent, Quebec (514) 343-9010 (c) Cheektowaga, NY (716) 630-7030
CANADA USA
www.hammondmfg.com
Basingstoke, UK 01256 812812 Queenstown, Australia 61-8-8240-2244
EUROPE
78
AUSTRALIA


▲Up To Search▲   

 
Price & Availability of 119Y30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X