Part Number Hot Search : 
C3406 REF02EH UZ790HR2 325025 ON2782 40N10 NJM2172 TLP260J
Product Description
Full Text Search
 

To Download UM4J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM Crystal Formed Leads
UM-1J, UM-4J & UM-5J
Specifications
UM-1J: 8.0mm maximum body length UM-4J: 4.8mm maximum body length UM-5J: 6.0mm maximum body length
Parameters
0.60 2.00 0.60
Product UM-1J UM-4J UM-5J UM-1J UM-4J UM-5J
Option Code
Package:
3.20
ACTUAL SIZE
7.80 (max)
Frequency range: 3.579 ~ 300MHz 10.0 ~ 300MHz Calibration tolerance: 5ppm 7.5ppm 10ppm 20ppm 30ppm Other values (3ppm ~ 100ppm) 5ppm 7.5ppm 10ppm 20ppm 30ppm Other values (3ppm ~ 100ppm) L M 1 2 3 specify L M 1 2 3 specify 0 1 2 3 4 specify B D F J S specify F 3 5 7
0.20
0.15 3.75
3.50 (max)
1.30
L
2.30
Temperature stability:
Package UM-1J UM-4J UM-5J
Length L 8.00 max 4.80 max 6.00 max
Scale 2:1
90 cranked leads are available as an option to save approx 1mm in overall length. Contact our sales office for more details.
Features
Operating temperature range: 0 to +50C -10 to +60C -20 to +70C -30 to +80C -40 to +85C Other values Circuit condition: 12pF 16pF 20pF 30pF Series resonant Other values Fundamental 3rd overtone 5th overtone 7th overtone 7pF max

Ideal for custom frequencies & specifications Wide frequency range Tight specifications available Fundamental mode up to 55.0MHz
Oscillation mode:
ESR Values
The table shows the maximum ESR values in ohms for each package across the available frequency range.
Frequency 3.5 ~ 4.99 5.0 ~ 5.99 6.0 ~ 6.99 7.0 ~ 7.99 8.0 ~ 9.99 10.0 ~ 15.9 16.0 ~ 55.0 30.0 ~ 49.9 50.0 ~ 100 60.0 ~ 150 130 ~ 300 Mode Fundamental Fundamental Fundamental Fundamental Fundamental Fundamental Fundamental 3rd overtone 3rd overtone 5th overtone 7th overtone UM-1J 200 150 120 100 90 40 30 45 60 90 150 UM-4J 60 40 50 60 120 150 UM-5J 60 40 50 60 120 150
Static capacitance (C0):
Equivalent series resistance (max): see table Ageing: 3ppm max first year 100W
Test drive level:
Soldering conditions: 260C, 10sec max x 2 Standard. Optional - Please specify required code(s) when ordering
Ordering Information
Product name + option codes + frequency eg: UM-1J/231JF 16.0MHz 20/30/10/30-F
Available on T&R - 1k pcs per reel. Refer to our website for T&R and soldering details. Some combinations of stability and temperature range may not be available. Please check with us before ordering.
Tel: +44 1460 256 100
19 Jul 2002
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of UM4J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X