Part Number Hot Search : 
D1065 S2568 TC358762 5KP24A CT2040 MBDQ01 B1608 AU103
Product Description
Full Text Search
 

To Download TDA8425 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA8425 Hi-fi stereo audio processor; I2C-bus
Product specification File under Integrated Circuits, IC02 October 1988
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
GENERAL DESCRIPTION The TDA8425 is a monolithic bipolar integrated stereo sound circuit with a loudspeaker channel facility, digitally controlled via the I2C-bus for application in hi-fi audio and television sound. Feature: * Source and mode selector for two stereo channels * Pseudo stereo, spatial stereo, linear stereo and forced mono switch * Volume and balance control * Bass, treble and mute control * Power supply with power-on reset
QUICK REFERENCE DATA PARAMETER Supply voltage (pin 4) Input signal handling Input sensitivity full power at the output stage Signal plus noise-to-noise ratio Total harmonic distortion Channel separation Volume control range Treble control range Bass control range PACKAGE OUTLINE 20-lead dual in-line; plastic (SOT146); SOT146-1; 1996 November 26. Vi (S+N)/N THD G G G - - - - -64 -12 -12 300 86 0.05 80 - - - - - - - 6 12 15 mV dB % dB dB dB dB VCC Vl SYMBOL 2 MIN. 10.8 - TYP. 12.0 - MAX. 13.2 V V UNIT
October 1988
2
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
October 1988
3
Fig.1 Block diagram.
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
PINNING
TDA8425
Fig.2 Pinning diagram.
FUNCTIONAL DESCRIPTION Source selector The input to channel 1 (CH1) and channel 2 (CH2) is determined by the source selector. The selection is made from the following AF input signals: * IN 1 L (pin 18); IN1 R (pin 20) or * IN2 L (pin 1); IN2 R (pin 3) Mode selector The mode selector selects between stereo, sound A and sound B (in the event of bilingual transmission) for OUT R and OUT L. Volume control and balance The volume control consists of two stages (left and right). In each part the gain can be adjusted between +6 dB and -64 dB in steps of 2 dB. An additional step allows an attenuation of 80 dB. Both parts can be controlled independently over the whole range, which allows the balance to be varied by controlling the volume of left and right output channels. Linear stereo, pseudo stereo, spatial stereo and forced mono mode(1) It is possible to select four modes: linear stereo, pseudo stereo, spatial stereo or forced mono. The pseudo stereo mode handles mono transmissions, the spatial stereo mode handles stereo transmissions and the forced mono can be used in the event of stereo signals.
(1) During forced mono mode the pseudo stereo mode cannot be used.
October 1988
4
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
Bass control
TDA8425
The bass control stage can be switched from an emphasis of 15 dB to an attenuation of 12 dB for low frequencies in steps of 3 dB. Treble control The treble control stage can be switched from +12 dB to -12 dB in steps of 3 dB. Bias and power supply The TDA8425 includes a bias and power supply stage, which generates a voltage of 0.5 x VCC with a low output impedance and injector currents for the logic part. Power-on reset The on-chip power-on reset circuit sets the mute bit to active, which mutes both parts of the treble amplifier. The muting can be switched by transmission of the mute bit. I2C-bus receiver and data handling Bus specification The TDA8425 is controlled via the 2-wire I2C-bus by a microcomputer. The two wires (SDA - serial data, SCL - serial clock) carry information between the devices connected to the bus. Both SDA and SCL are bidirectional lines, connected to a positive supply voltage via a pull up resistor. When the bus is free both lines are HIGH. The data on the SDA line must be stable during the HIGH period of the clock. The HIGH or LOW state of the data line can only change when the clock signal on the SCL line is LOW. The set up and hold times are specified in AC CHARACTERISTICS. A HIGH-to-LOW transition of the SDA line while SCL is HIGH is defined as a start condition. A LOW-to-HIGH transition of the SDA line while SCL is HIGH is defined as a stop condition. The bus receiver will be reset by the reception of a start condition. The bus is considered to be busy after the start condition. The bus is considered to be free again after a stop condition. Module address Data transmission to the TDA8425 starts with the module address MAD.
Fig.3 TDA8425 module address.
October 1988
5
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
Subaddress After the module address byte a second byte is used to select the following functions: * Volume left, volume right, bass, treble and switch functions
TDA8425
The subaddress SAD is stored within the TDA8425. Table 1 defines the coding of the second byte after the module address MAD. Table 1 Second byte after module address MAD 128 MSB function volume left volume right bass treble switch functions 7 0 0 0 0 0 6 0 0 0 0 0 5 0 0 0 0 0 4 0 0 0 0 0 3 0 0 0 0 1 2 0 0 0 0 0 1 0 0 1 1 0 0 0 1 0 1 0 64 32 16 8 4 2 1 LSB
subaddress SAD The automatic increment feature of the slave address enables a quick slave receiver initialization, within one transmission, by the I2C-bus controller (see Fig.5). Definition of 3rd byte A third byte is used to transmit data to the TDA8425. Table 2 defines the coding of the third byte after module address MAD and subaddress SAD. Table 2 Third byte after module address MAD and subaddress SAD MSB function volume left volume right bass treble switch functions VL VR BA TR S1 7 1 1 1 1 1 6 1 1 1 1 1 5 V05 V15 1 1 MU 4 V04 V14 1 1 EFL 3 V03 V13 BA3 TR3 STL 2 V02 V12 BA2 TR2 ML1 1 V01 V11 BA1 TR1 ML0 LSB 0 V00 V10 BA0 TR0 IS
October 1988
6
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
Truth tables Truth tables for the switch functions Table 3 Source selector ML1 1 1 0 1 0 1 ML0 1 1 1 0 1 0 IS 0 1 0 0 1 1 1 2 1 1 2 2 channel
TDA8425
function stereo stereo sound A sound B sound A sound B Table 4
Pseudo stereo/spatial stereo/linear stereo/forced mono choice STL 1 1 0 0 1 0 1 0 EFL
spatial stereo linear stereo pseudo stereo forced Table 5 mono(1) Mute mute active; automatic after POR(2) not active Notes
MU 1 0
1. Pseudo stereo function is not possible in this mode. 2. Where: POR = Power-ON Reset. Truth tables for the volume, bass and treble controls Table 6 Volume control 2 dB/step (dB) 6 4 -62 -64 -80 -80 1 1 0 0 0 0 Vx5 1 1 1 1 1 0 Vx4 1 1 1 1 1 0 Vx3 1 1 1 1 0 0 Vx2 1 1 0 0 1 0 Vx1 1 0 1 0 1 0 Vx0
October 1988
7
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
Table 7 Bass control BA3 1 1 1 0 0 0 Treble control TR3 1 1 0 0 0 1 0 1 0 0 TR2 1 1 1 1 0 TR2 1 0 0 0 0 TR0 1 0 0 1 0 0 BA2 1 1 1 1 1 0 BA2 1 1 0 0 0 0 BA0
TDA8425
3 dB/step (dB) 15 15 12 0 -12 -12 Table 8
3 dB/step (dB) 12 12 0 -12 -12
October 1988
8
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
Sequence of data transmission
TDA8425
After a power-on reset all five functions have to be adjusted with five data transmissions. It is recommended that data information for switch functions are transmitted last because all functions have to be adjusted when the muting is switched off. The sequence of transmission of other data information is not critical. The order of data transmission is shown in Figures 4 and 6. The number of data transmissions is unrestricted but before each data byte the module address MAD and the correct subaddress SAD is required.
Fig.4 Data transmission after a power-on reset.
Fig.5 Data transmission after a power-on reset with auto increment.
Fig.6 Data transmission except after power-on reset.
October 1988
9
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
RATINGS Limiting values in accordance with the Absolute Maximum System (IEC 134) PARAMETER Supply voltage Voltage range for pins with external capacitors Voltage range for pins 11 and 12 Voltage range at pins 1, 3, 9, 11, 12, 13, 18 and 20 Output current at pins 9 and 13 Total power dissipation at Tamb < 70 C Operating ambient temperature range Storage temperature range Electrostatic handling, classification Note 1. Human body model: C = 100 pF, R = 1.5 k and V 4 kV; charge device model: C = 200 pF, R = 0 and V 500 V. DC CHARACTERISTICS VCC = 12 V; Tamb = 25 C; unless otherwise specified PARAMETER Supply voltage Supply current at VCC = 12 V Internal reference voltage Internal voltage at pins 1, 3, 18 and 20 DC voltage internally generated; capacitive coupling recommended Internal voltage at pins 9 and 13 SDA; SCL (pins 11 and 12) input voltage HIGH input voltage LOW input current HIGH input current LOW Output voltage at pins with external capacitors pins 6 to 8, 14 to 17, 19, pin 2 Vcap.n Vcap.2 - - VREF VCC-0.3 - - V V VIH VIL IIH IIL 3.0 -0.3 - -10 - - - - VCC 1.5 +10 - V V A A Vl VO - - VREF VREF - - V V ICC Vref - 5.4 26 0.5 x VCC 35 6.6 mA V SYMBOL VCC MIN. 10.8 12.0 TYP. MAX. 13.2 V UNIT A(1) SYMBOL VCC Vcap VSDA, SCL VI/O IO Ptot Tamb Tstg 0 0 0 0 - - 0 -25 MIN. MAX. 16 VCC VCC VCC 45 450 70 +150 V V V V mA mW C C UNIT
October 1988
10
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
AC CHARACTERISTICS (1) VCC = 12 V; bass/treble in linear position; pseudo and spatial stereo off; RL > 10 k; CL < 1000 pF; Tamb = 25 C; unless otherwise specified PARAMETER I2C bus timing (see Fig.7) SDA, SCL (pin 11 and 12) Clock frequency range The HIGH period of the clock The LOW period of the clock SCL rise time SCL fall time Set-up time for start condition Hold time for start condition Set-up time for stop condition Time bus must be free before a new transmission can start Set-up time DATA INPUTS IN1 L (pin 18) IN1 R (pin 20); IN2 L (pin 1) IN2 R (pin 3) Input signal handling (RMS value) at Vu = -12 dB; THD 0.5% Input resistance Frequency response (-0,5 dB) bass and treble in linear position; stereo mode; effects off OUTPUTS OUT R (pin 9); OUT L (pin 13) Output voltage range (rms value) at THD 0.7%; Vi(max) 2 V Load resistance Output impedance Signal plus noise-to-noise ratio (weighted according to CCIR 468-2); VO = 600 mV gain = 6 dB gain = 0 dB gain = -20 dB Crosstalk between inputs at gain = 0 dB; 1 kHz; opposite inputs grounded (50 ); IN1L (pin 18) to IN2L (pin1) or IN1R (pin 20) to IN2R (pin 3) cr - 100 - (S+N)/N (S+N)/N (S+N)/N - - - 78 86 68 - - - Vo(rms) RL ZO 0.6 10 - - - - - - f 20 - Vi(rms) Ri 2 20 - 30 - 40 tBUF tSU; DAT 4.7 250 - - - - fSCL tHIGH tLOW tr tf tSU; STA tHD; STA tSU; STO 0 4 4.7 - - 4.7 4 4.7 - - - - - - - - SYMBOL MIN. TYP.
TDA8425
MAX.
UNIT
100 - - 1 0.3 - - -
kHz s s s s s s s s ns
V k
20 000
Hz
V k
100
dB dB dB
dB
October 1988
11
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
PARAMETER Total harmonic distortion (f = 20 Hz to 12.5 kHz) for Vi(rms) = 0.3 V; gain = +6 dB to -40 dB for Vi(rms) = 0.6 V; gain = 0 dB to -40 dB for Vi(rms) = 2.0 V; gain = -12 dB to -40 dB Channel separation at 10 kHz gain = 0 dB Ripple rejection (gain = 0 dB; bass and treble in linear position) fripple = 100 Hz Crosstalk attenuation from logic inputs to AF outputs (gain = 0 dB; bass and treble in linear position) VOLUME CONTROL For truth table see Table 6 Control range at f = 1 kHz (36 steps) maximum voltage gain (6 dB step) minimum voltage gain (-64 dB step) mute position Gain tracking error; balance in mid-position Step resolution gain from 6 dB to -40 dB gain from -42 dB to -64 dB TREBLE CONTROL For truth table see Table 8 Control range for C8-5; C14-5 = 5.6 nF Maximum emphasis at 15 kHz with respect to linear position Maximum attenuation at 15 kHz with respect to linear position Resolution G G L cs
SYMBOL
MIN.
TYP.
MAX.
UNIT
THD THD THD
- - - -
0.05 0.07 0.1 80
- 0.4 - -
% % % dB
RR100
-
50
-
dB
-
100
-
dB
Gmax Gmin Gmute G Gstep Gstep
5 -63 -80 - 1.5 1.0
6 -64 -90 - 2.0 2.0
- - - 2 2.5 3.0
dB dB dB dB dB/step dB/step
11 11 2.5
12 12 3.0
13 13 3.5
dB dB dB/step
Gstep
October 1988
12
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
PARAMETER BASS CONTROL For truth table see Table 7 Control range for C6-7; C15-16 = 33 nF Maximum emphasis at 40 Hz with respect to linear position Maximum attenuation at 40 Hz with respect to linear position Resolution SPATIAL AND PSEUDO FUNCTION Spatial: Antiphase crosstalk Pseudo: Phase shift (see Fig.8) Note to the AC characteristics G G
SYMBOL
MIN.
TYP.
MAX.
UNIT
14 11 2.5
15 12 3.0
16 13 3.5
dB dB dB/step
Gstep
-
52
-
%
1. Balance is realized via software by different volume settings in both channels (left and right).
tSU; STA = start code set-up time. tHD; STA = start code hold time. tSU; STO = stop code set-up time.
tBUF = bus free time. tSU; DAT = data set-up time. tHD; DAT = data hold time.
Fig.7 Timing requirements for I2C-bus.
October 1988
13
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
curve 1 2 3
pin 17 (nF) 15 5.6 5.6
pin 19 (nF) 15 47 68 normal
effect
intensified more intensified
Fig.8
Pseudo (phase in degrees) as a function of frequency (left output).
Fig.9
Input signal handling capability; gain = -10 dB; RS = 600 ; RL = 10k; bass/treble = 0 dB; VCC = 12 V.
October 1988
14
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
Fig.10 Input signal handling capability plotted against gain setting; THD = -60 dB; f = 1 kHz; RS = 600 ; RL = 10 k; bass/treble = 0 dB; VCC = 12 V.
Fig.11 Output signal handling capability; gain = 6 dB; RS = 600 ; RL = 10 k, bass/treble = 0 dB, VCC = 12 V.
October 1988
15
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
Fig.12 Source selector separation (channel 2 and channel 1); gain = 0 dB; Vi1 = 0 V; Vi2 = 1 V, RS = 0 ; RL = 10 k; bass/treble = 0 dB; VCC = 12 V.
(1) gain = 0 dB; Vi = 1.0 V. (2) gain = 6 dB; Vi = 0.5 V.
Fig.13 Stereo channel separation as a function of frequency; RS = 0 , RL = 10 k; bass/treble = 0 dB; VCC = 12 V.
October 1988
16
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
Fig.14 Mute signal rejection as a function of frequency; gain = 0 dB; Vi = 1.0 V; RS = 0 ; RL = 10 k; bass/treble = 0 dB; VCC = 12 V.
Fig.15 Ripple rejection as a function of frequency; voltage ripple = 0.3 V (rms); RS = 0 ; RL = 10 k; bass/treble = 0 dB; VCC = 12 V.
October 1988
17
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
Fig.16 Noise output voltage as a function of gain; weighted CCIR468 quasi peak gain, + 6 dB to -64 dB; Vi = 0 V, RS = 0 ; RL = 10 k; bass/treble = 0 dB; VCC = 12 V.
Fig.17 Frequency response of bass and treble control; bass and treble gain settings = -12 to +15 dB; gain is 0 dB; Vi = 0.1 V; RS9 = 600 ; RL = 10 k; VCC = 12 V.
October 1988
18
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
Fig.18 Tone control with T-filter.
Fig.19 Tone control.
October 1988
19
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
Fig.20 Turn-on behaviour; C = 2.2 F; RL = 10 k.
Fig.21 Turn-off behaviour; without modulation.
Fig.22 Turn-off behaviour; with modulation (shaded area).
October 1988
20
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
ICC = 25 mA Iload = 239 mA ton = 15 ms toff = 110 ms
Fig.23 Turn-on/off power supply circuit diagram.
Fig.24 Level diagram.
October 1988
21
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
Fig.25 Test and application circuit diagram.
October 1988
22
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
PACKAGE OUTLINE DIP20: plastic dual in-line package; 20 leads (300 mil)
TDA8425
SOT146-1
D seating plane
ME
A2
A
L
A1
c Z e b1 b 20 11 MH wM (e 1)
pin 1 index E
1
10
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 4.2 0.17 A1 min. 0.51 0.020 A2 max. 3.2 0.13 b 1.73 1.30 0.068 0.051 b1 0.53 0.38 0.021 0.015 c 0.36 0.23 0.014 0.009 D
(1)
E
(1)
e 2.54 0.10
e1 7.62 0.30
L 3.60 3.05 0.14 0.12
ME 8.25 7.80 0.32 0.31
MH 10.0 8.3 0.39 0.33
w 0.254 0.01
Z (1) max. 2.0 0.078
26.92 26.54 1.060 1.045
6.40 6.22 0.25 0.24
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT146-1 REFERENCES IEC JEDEC EIAJ SC603 EUROPEAN PROJECTION
ISSUE DATE 92-11-17 95-05-24
October 1988
23
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "IC Package Databook" (order code 9398 652 90011). Soldering by dipping or by wave The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
TDA8425
with the joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds. The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. Repairing soldered joints Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds.
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. PURCHASE OF PHILIPS I2C COMPONENTS
Purchase of Philips I2C components conveys a license under the Philips' I2C patent to use the components in the I2C system provided the system conforms to the I2C specification defined by Philips. This specification can be ordered using the code 9398 393 40011.
October 1988
24


▲Up To Search▲   

 
Price & Availability of TDA8425

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X