Part Number Hot Search : 
THC63LV 2N3045 SHM50UF PS1201 181RSA O55CC UESP12J O55CC
Product Description
Full Text Search
 

To Download SW-233-PIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SW-233-PIN / SW-236-PIN
Matched GaAs SPDT Switch, 5 - 2000 MHz
Features
* * * * * * Low Insertion Loss, 1.0 dB Typical Fast Switching Speed, 20 nS Typical Ultra Low DC Power Consumption, 0.12 mA Typical Integral TTL (SW-233) or CMOS (SW-236) Driver 50 Ohm Nominal Impedance MIL-STD-883 screening available Rev. V3
Functional Block Diagram
Description
Truth Table
Control Input Condition of Switch RF Common to Each RF Port RF1
ON OFF OFF OFF
Ordering Information
Part Number
SW-233-PIN SW-236-PIN
"1" = Logic High TTL (SW-233) CMOS (SW-236) Package
FP-16 FP-16
CTL 1
1 0
CTL 2
0 1 0 0
CTL 3
0 0 1 0
CTL 4
0 0 0 1
RF2
OFF ON OFF OFF
RF3
OFF OFF ON OFF
RF4
OFF OFF OFF ON
Note: Reference Application Note M513 for reel size information. Note: Die quantity varies.
0 0
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-233-PIN / SW-236-PIN
Matched GaAs SPDT Switch, 5 - 2000 MHz
Electrical Specifications: TA = -55C to +85C 1
Parameter
Insertion Loss
Rev. V3
Test Conditions
--
Frequency
5 - 2000 MHz 5 - 1000 MHz 5 - 500 MHz 5 - 2000 MHz 5 - 1000 MHz 5 - 500 MHz 5 - 2000 MHz 5 - 1000 MHz 5 - 500 MHz 500 - 2000 MHz 50 MHz 500 - 2000 MHz 50 MHz
Units
dB dB dB Ratio Ratio Ratio dB dB dB dBm dBm dBm dBm
Min
1.5 1.2 1.1 -- -- -- 40 45 53 -- -- -- --
Typ
-- -- -- -- -- -- -- -- -- +68 +60 +46 +40
Max
-- -- -- 1.9:1 1.5:1 1.4:1 -- -- -- -- -- -- --
VSWR
--
Isolation
--
IP2
For two tone input power up to +13 dBm
IP3
For two tone input power up to +13 dBm
1. All specifications apply when operated with bias voltages of +5 VDC (SW-205) or +8 VDC (SW-206) and 50 ohm impedance at all RF ports.
SW-233
Parameter
Trise, Tfall Ton, Toff Transients 1 dB Compression
Test Conditions
Frequency
-- -- -- 500 - 2000 MHz 50 MHz --
Units
nS nS mV dBm dBm mA
Min
-- -- -- -- -- --
Typ
7 20 100 +27 +21 --
Max
-- -- -- -- -- 1
50% CTL to 90/10% RF In-band Input Power
Bias Power
+5 VDC @ 0.12 mA Typ
SW-236
Parameter Test Conditions Frequency Units Min Typ Max
Trise, Tfall Ton, Toff Transients 1 dB Compression
50% CTL to 90/10% RF In-band Input Power
-- -- -- 500 - 2000 MHz 50 MHz --
nS nS mV dBm dBm mA
-- -- -- -- -- --
20 40 70 +33 +26 --
-- -- -- -- -- 1
Bias Power
+5 to +8 VDC @ 0.12 to 0.40 mA Typ
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-233-PIN / SW-236-PIN
Matched GaAs SPDT Switch, 5 - 2000 MHz
Typical Performance Curves Insertion Loss Isolation
+ 8 5 C 2.0 + 2 5 C - 55 C
Rev. V3
80 70
Insertion Loss (dB)
1.5
Isolation (dB)
60 50 40 30 20 0.005
1.0
0.5
0.0 0.005
0.50
1.00
1.50
2.00
0.50
1.00
1.50
2.00
F requency (M H z)
F re que nc y ( M H z)
VSWR
2.0 1.8
VSWR
1.6 1.4 1.2
RF4 RF3
Schematic
1.0 0.005
0.50
1.00
1.50
2.00
GND 50
CTL4
F reque ncy (M H z)
GND
RF Common
50
CTL3
CTL2
GND 50
CTL1 50
GND
+VDC NC
GND
RF1
RF2
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of SW-233-PIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X