|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SAM15 - SAM40 and SAM15SMS - SAM40SMS 2 Amp 1500 4000 VOLTS 5 sec HIGH VOLTAGE RECTIFIER FEATURES: Standard Recovery: 5 sec Maximum PIV to 4000 Volts Hermetically Sealed Void-Free Construction Metallurgically Bonded 175C Maximum Operating Temperature TX, TXV, and Space Level Screening Available 2/ Designer's Data Sheet Part Number / Ordering Information 1/ SAM __ __ __ Screening 2/ = None TX = TX Level TXV = TXV Level S = S Level Package ___ = Axial Leaded SMS = Surface Mount Square Tab 15 = 1500 20 = 2000 25 = 2500 30 = 3000 35 = 3500 40 = 4000 Voltage ELECTRICAL CHARACTERISTICS (at 25C unless otherwise specified) Part Number Symbol Units Conditions Peak Inverse Voltage PIV V A 25C Average Rectifier Current IO A 100C Maximum Reverse Current IR A @ PIV 25C @ PIV 100C Maximum Forward Voltage VF V @ IO Maximum Surge Current (1 Cycle) IFSM A Maximum Reverse Recovery Time tRR s IF= .5 A IR= 1 A IRR= .25 A Maximum Junction Capacitance CJ pF VR= 100 V fT= 1 MHZ Typical Thermal Resistance RJL / RJE C/W RJL: L=3/8" RJE: L=0" SAM15 SAM20 SAM25 SAM30 SAM35 SAM40 SAM15SMS SAM20SMS SAM25SMS SAM30SMS SAM35SMS SAM40SMS 1500 2000 2500 3000 3500 4000 1500 2000 2500 3000 3500 4000 2 2 2 2 2 2 2 2 2 2 2 2 1.5 1.5 1.5 1.5 1.5 1.5 1.7 1.7 1.7 1.7 1.7 1.7 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 25 25 25 25 25 25 25 25 25 25 25 25 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 60 60 60 60 60 60 60 60 60 60 60 60 5 5 5 5 5 5 5 5 5 5 5 5 Axial 15 15 15 15 15 15 15 15 15 15 15 15 12 12 12 12 12 12 6 6 6 6 6 6 SMS 1/ For Ordering Information, Price, Operating Curves and Availability - Contact Factory. 2/ Screening based on MIL-PRF-19500. Screening flows available on request. 3/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in a suitable dielectric material. 4/ Max. forward voltage measured with instantaneous forward pulse of 300sec minimum. 5/ Max. end tab temp. for soldering is 250C for 5 sec maximum. 6/ Operating and storage temperature: -65C to +175C. NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: RV0019C DOC Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SAM15 - SAM40 and SAM15SMS - SAM40SMS PACKAGE OUTLINE: Axial DIMENSIONS DIM A B C D MIN ----.055" .400" MAX .300" .320" .063" --- PACKAGE OUTLINE: Surface Mount Square Tab DIMENSIONS DIM A B C D MIN .195" .330" .020" .002" MAX .205" .410" .035" --- Dimensions prior to solder dipping NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: RV0019C DOC |
Price & Availability of SAM30SMS |