Part Number Hot Search : 
RFN20T2D SRR6603 ISLA216P 2SK2949 74LS2 90BAI 20080 TC626
Product Description
Full Text Search
 

To Download QP-150-3A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 150WQuadOutputwithPFCFunction 1 5 0 W Q u a d O u t put with PFC Function
Features:
Q P -- 1 5 0 qp 150

series series
..
SPECIFICATION
MODEL OUTPUTNUMBER DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER (max.) OUTPUT VOLTAGE ADJ.RANGE VOLTAGETOLERANCE Note.3 LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDTIME (Typ.) VOLTAGERANGE FREQUENCY RANGE POWERFACTOR (Typ.) INPUT EFFICIENCY (Typ.) ACCURRENT (Typ.) INRUSHCURRENT (Typ.) LEAKAGECURRENT OVERLOAD PROTECTION OVERVOLTAGE OVERTEMPERATURE(OPTION) WORKINGTEMP. WORKINGHUMIDITY ENVIRONMENT STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTANDVOLTAGE QP-150-3A CH1 5V 10A 3~15A 146W CH1:4.75~5.5VCH2:3.14~3.63V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% 6.0% 2.0% 6.0% 5.0% 1.0% 2.0% CH2 3.3V 10A 0~15A CH3 12V 5A 0.4~5A CH4 -5V 0.6A 0~1A QP-150-3B CH1 5V 10A 3~15A 150.2W CH1:4.75~5.5VCH2:3.14~3.63V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% 6.0% 2.0% 6.0% 5.0% 1.0% 2.0% CH2 3.3V 10A 0~15A CH3 12V 5A 0.4~5A CH4 -12V 0.6A 0~1A QP-150-3C CH1 5V 10A 3~15A 152W CH1:4.75~5.5VCH2:3.14~3.63V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% +8,-6% 2.0% 6.0% 5.0% 1.0% 2.0% CH2 3.3V 10A 0~15A CH3 15V 4A 0.4~5A CH4 -15V 0.6A 0~1A
RIPPLE&NOISE(max.) Note.2 100mVp-p 100mVp-p 150mVp-p 150mVp-p 100mVp-p 100mVp-p 150mVp-p 150mVp-p 100mVp-p 100mVp-p 150mVp-p 150mVp-p
800ms,50ms/230VAC
800ms,50ms/115VACatfullload
24ms/230VAC24ms/115VACatfullload 90~264VAC127~370VDC 47~63Hz PF>0.95/230VACPF>0.98/115VACatfullload 73% 2.5A/115VAC1.2A/230VAC COLDSTART 40A/230V <3.5mA /240VAC 105~150% ratedoutputpower Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved CH1:5.75~6.75VCH2:3.8~4.4V Protectiontype: Shutdowno/pvoltage,re-powerontorecover 95 5 (TSW1) Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown -10~+60 (Refertooutputloadderatingcurve) 20~90%RHnon-condensing -20~+85 ,10~95%RH 0.03%/ (0~50 ) 10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes UL60950-1, TUVEN60950-1 Approved I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC 75% 74%
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC SAFETY & ISOLATIONRESISTANCE EMICONDUCTION&RADIATION CompliancetoEN55022(CISPR22)ClassB EMC
(Note4)
HARMONICCURRENT EMSIMMUNITY MTBF
Complianceto EN61000-3-2,-3 Complianceto EN61000-4-2,3,4,5,6,8,11;ENV50204, EN55024,Lightindustrylevel,criteria A 141.5Khrsmin.MIL-HDBK-217F(25 199*99*50mm(L*W*H) 0.93Kg;20pcs/19.6Kg/1.28CUFT )
OTHERS
NOTE
DIMENSION PACKING

File Name:QP-150-SPEC 2005-09-13 300 Myles Standish Blvd., Taunton, MA 02780 ph: 1-800-823-8082 Fax: 508-823-8181
WWW.ASTRODYNE.COM
150WQuadOutputwithPFCFunction 1 5 0 W Q u a d O u t put with PFC Function
Features:
Q P --1 5 0 qp 150

series series
..
SPECIFICATION
MODEL OUTPUTNUMBER DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER (max.) OUTPUT VOLTAGE ADJ.RANGE VOLTAGETOLERANCE Note.3 LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDTIME (Typ.) VOLTAGERANGE FREQUENCY RANGE POWERFACTOR (Typ.) INPUT EFFICIENCY (Typ.) ACCURRENT (Typ.) INRUSHCURRENT (Typ.) LEAKAGECURRENT OVERLOAD PROTECTION OVERVOLTAGE OVERTEMPERATURE(OPTION) WORKINGTEMP. WORKINGHUMIDITY ENVIRONMENT STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTANDVOLTAGE QP-150-3D CH1 5V 10A 3~15A 150.2W CH1:4.75~5.5VCH2:3.14~3.63V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% 6.0% 2.0% 6.0% 5.0% 1.0% 2.0% CH2 3.3V 10A 0~15A CH3 24V 2.5A 0.3~3A CH4 -12V 0.6A 0~1A QP-150D CH1 5V 10A 3~15A 150.2W CH1:4.75~5.5VCH2:11.4~13.2V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% 6.0% 2.0% 6.0% 5.0% 1.0% 2.0% CH2 12V 4A 0~5A CH3 24V 2A 0.4~3A CH4 -12V 0.6A 0~1A QP-150F CH1 5V 10A 3~15A 152W CH1:4.75~5.5VCH2:14.3~16.5V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% 6.0% 2.0% 6.0% 5.0% 1.0% 2.0% CH2 15V 3A 0~5A CH3 24V 2A 0.4~3A CH4 -15V 0.6A 0~1A
RIPPLE&NOISE(max.) Note.2 100mVp-p 100mVp-p 150mVp-p 150mVp-p 120mVp-p 150mVp-p 200mVp-p 150mVp-p 120mVp-p 150mVp-p 200mVp-p 150mVp-p
800ms,50ms/230VAC
800ms,50ms/115VACatfullload
24ms/230VAC24ms/115VACatfullload 90~264VAC127~370VDC 47~63Hz PF>0.95/230VACPF>0.98/115VACatfullload 76% 2.5A/115VAC1.2A/230VAC COLDSTART 40A/230V <3.5mA /240VAC 105~150% ratedoutputpower Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved CH1:5.75~6.75VCH2:3.8~4.4V CH1:5.75~6.75VCH2:13.8~16.2V CH1:5.75~6.75VCH2:17.25~20.25V Protectiontype: Shutdowno/pvoltage,re-powerontorecover 95 5 (TSW1) Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown -10~+60 (Refertooutputloadderatingcurve) 20~90%RHnon-condensing -20~+85 ,10~95%RH 0.03%/ (0~50 ) 10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes UL60950-1, TUVEN60950-1 Approved I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC 78% 78%
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC SAFETY & ISOLATIONRESISTANCE EMICONDUCTION&RADIATION CompliancetoEN55022(CISPR22)ClassB EMC
(Note4)
HARMONICCURRENT EMSIMMUNITY MTBF
Complianceto EN61000-3-2,-3 Complianceto EN61000-4-2,3,4,5,6,8,11;ENV50204, EN55024,Lightindustrylevel,criteria A 141.5Khrsmin.MIL-HDBK-217F(25 199*99*50mm(L*W*H) 0.93Kg;20pcs/19.6Kg/1.28CUFT )
OTHERS
NOTE
DIMENSION PACKING

WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 ph: 1-800-823-8082 Fax: 508-823-8181
File Name:QP-150-SPEC 2005-09-13
1 5 0 W Q u a d O u t put with PFC Function 150WQuadOutputwithPFCFunction
MechanicalSpecification
199 20 55 15 168 65
qp Q P --115500 ss e irei e s er s
CaseNo.916BUnit:mm
LED 10 9 +V ADJ.2 +V ADJ.1
7.62
8 7 6 5
51 49.5 79
Airflow direction
2-M4
6.15
4 3 2 1 5-M3L=6mm
25
117
10
38
4-M4L=6mm
TerminalPinNo. Assignment:
PinNo. 1 2 3 Assignment AC/L AC/N FG PinNo. Assignment 4 DCOUTPUT V4 5 DCOUTPUT V3 6,7 DCOUTPUT V1 PinNo. Assignment 8,9 DCOUTPUT COM 10 DCOUTPUT V2
DeratingCurve
OutputDeratingVSInputVoltage
100
100 90
80
80 70
60
LOAD(%)
LOAD(%)
40
60 50 40
20
-10 -10
0 0
10
20
30
40
50
60 (HORIZONTAL)
90
100
115
135
12.5
155
25
37.5
230 264
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
WWW.ASTRODYNE.COM
300 Myles Standish File Name:QP-150-SPEC MA 02780 Blvd., Taunton, 2005-09-13 ph: 1-800-823-8082 Fax: 508-823-8181
50
99


▲Up To Search▲   

 
Price & Availability of QP-150-3A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X