|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Technical Data Sheet Photo link Light Receiver Unit PLR131 Features 1. High PD sensitivity optimized for red light 2. Data Rate up to 13.2Mbps at least (NRZ signal) 3. Low power consumption for extended battery life 4. Built-in threshold control for improved noise Margin 5. Pb Free Descriptions The optical receiver is packaged with custom optic data link interface, integrated on a proprietary CMOS PDIC process. The unit functions by converting optical signals into electric ones with data rate up to 13.2Mbps at least. The unit is operated at 5V and the signal output is TTL compatible with high performance at low power consumption. Applications 1. Digital Optical Data-Link 2. Dolby AC-3 Digital Audio Interface EVERLIGHT ELECTRONICS CO., LTD. Device NO: DPL-832-001 http://www.everlight.com Prepared Date:04-27-2004 Rev 1.2 Page: 1 of 5 Prepared By: Chin-Chia Hsu PLR131 Package Dimensions Pin Function 1. Vout 2. GND 3. Vcc 3 2 1 Notes : 1.All dimensions are in millimeters. 2.General Tolerance :0.2mm Absolute Maximum Ratings( Ta = 25) Parameter Supply Voltage Output Voltage Storage Temperature Operating Temperature Soldering Temperature * Soldering time 10 s. Symbol Vcc Vout Tstg Topr Tsol Rating 6 Vcc+0.3 -30 to 80 -20 to 70 260* Unit V V EVERLIGHT ELECTRONICS CO., LTD. Device NO: DPL-832-001 http://www.everlight.com Prepared Date:04-27-2004 Rev 1.2 Page: 2 of 5 Prepared By: Chin-Chia Hsu PLR131 Electro-Optical Characteristics(Ta=-10~70Vcc=50.25V) Parameter Power supply voltage Peak sensitivity wavelength Maximum receiver power Minimum receiver power Dissipation current High level output voltage Low level output voltage Rise time Fall time Propagation delay Low to High Propagation delay High to Low Pulse Width Distortion Jitter Transfer rate Symbol Vcc p Pc,max Pc,min Icc VOH VOL tr tf tpLH tpHL tw tj T Conditions Refer to Fig.1 Refer to Fig.1 Refer to Fig.2 Refer to Fig.3 Refer to Fig.3 Refer to Fig.3 Refer to Fig.3 Refer to Fig.3 Refer to Fig.3 Refer to Fig.3 Refer to Fig.4Pc=-15dBm Refer to Fig.4Pc=-22dBm MIN. TYP. MAX. Unit 4.75 -24 2.4 5.00 660 4 4.8 0.2 10 15 -30 0.1 1 5.25 -14 12 0.4 30 30 120 120 +30 30 30 13.2 V nm dBm dBm mA V V ns ns ns ns ns ns ns Mb/s NRZ signal Measuring Method *Fig.1 Measuring Method of Maximum and Minimum Input Power that Receiver Unit Need EVERLIGHT ELECTRONICS CO., LTD. Device NO: DPL-832-001 http://www.everlight.com Prepared Date:04-27-2004 Rev 1.2 Page: 3 of 5 Prepared By: Chin-Chia Hsu PLR131 *Fig.2 Measuring Method of Dissipation Current *Fig.3 Measuring Method of Output Voltage and Pulse EVERLIGHT ELECTRONICS CO., LTD. Device NO: DPL-832-001 http://www.everlight.com Prepared Date:04-27-2004 Rev 1.2 Page: 4 of 5 Prepared By: Chin-Chia Hsu PLR131 *Fig.4 Measuring Method of Jitter Application Circuit EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C Tel: 886-2-2267-2000, 2267-9936 Fax:886-2-2269-8114, 2267-6189, 2267-6306 http://www.everlight.com EVERLIGHT ELECTRONICS CO., LTD. Device NO: DPL-832-001 http://www.everlight.com Prepared Date:04-27-2004 Rev 1.2 Page: 5 of 5 Prepared By: Chin-Chia Hsu |
Price & Availability of PLR131 |