Part Number Hot Search : 
AHC1G0 6220G KA293 07364 MAX9016 2SB0930A D1200 KSD1589
Product Description
Full Text Search
 

To Download MAX7058ATG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3206; Rev 0; 1/08
KIT ATION EVALU ILABLE AVA
315MHz/390MHz Dual-Frequency ASK Transmitter
General Description Features
Switched 315MHz/390MHz Carrier Frequency Using One Crystal +2.1V to +3.6V Single-Supply Operation ASK/OOK Modulation Internal Switched Capacitors for Optimum DualFrequency Operation 8.0mA DC Current Drain (50% Duty Cycle OOK) 0.8A Standby Current Small 4mm x 4mm, 24-Pin Thin QFN Package
MAX7058
The MAX7058 UHF transmitter alternately transmits ASK/OOK data at 315MHz or 390MHz using a single crystal. The MAX7058 has internal tuning capacitors at the output of the power amplifier that can be programmed for matching to the antenna or load. The MAX7058 can transmit at a data rate up to 100kbps NRZ (50kbps Manchester coded). Typical transmitted power into a 50 load is +10dBm. The MAX7058 operates from +2.1V to +3.6V and draws under 8.0mA of current. The standby current is less than 1A at room temperature. A 15MHz crystal is used as the reference for 315MHz and 390MHz operation by selecting synthesizer-divide ratios of 21 and 26, respectively. The MAX7058 is available in a 4mm x 4mm, 24-pin thin QFN package and is specified to operate in the -40C to +125C automotive temperature range.
Applications
Garage Door Openers RF Remote Controls Home Automation Wireless Sensors Security Systems Automotive
PART
Ordering Information
TEMP RANGE PIN-PACKAGE 24 Thin QFN-EP* (4mm x 4mm) PKG CODE T2444+3
MAX7058ATG+ -40C to +125C
+Denotes a lead-free package. *EP = Exposed paddle.
Pin Configuration
N.C.
Functional Block Diagram
TOGGLE ENABLE N.C. N.C. 19 18 CRYSTAL OSCILLATOR DVDD 2 FREQUENCY /21 OR /26 FSEL 3 EXPOSED DIGITAL PADDLE CONTROL (GND) PFD CHARGE PUMP 16 VCO LOOP FILTER 15 ENVELOPE SHAPING 14 PAVDD AVDD XTAL2 17 XTAL1 N.C. DIN 22
ENABLE
TOGGLE
TOP VIEW
N.C. N.C. DIN
24
23
21
20
N.C.
+ 24 23
N.C. DVDD FSEL CAP1 CAP2 N.C. 1 2 3 4 5 6 7 N.C. EP* 8 CAP3
22
21
20
19 18 N.C. 17 XTAL1 16 XTAL2
N.C.
1
MAX7058
15 AVDD 14 PAVDD 13 N.C.
CAP1 4
PA
9 CAP4
10 PAOUT
11 ROUT
12 N.C.
CAP2
5
N.C.
6 7 N.C. 8 CAP3 9 CAP4 10 PAOUT 11 ROUT
MAX7058
12 N.C.
13
N.C.
TQFN *EP = EXPOSED PADDLE.
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
315MHz/390MHz Dual-Frequency ASK Transmitter MAX7058
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, AVDD, DVDD, PAVDD to GND (Exposed Paddle) .............................................................-0.3V to +4V All Other Pins ..............Exposed Paddle - 0.3V to (VDD + 0.3V) Continuous Power Dissipation (TA = +70C) 24-Pin TQFN (derate 20.8mW/C above +70C) .....1666.7mW Operating Temperature................................-40C to +125C Storage Temperature...................................-65C to +150C Lead Temperature (soldering, 10s) .............................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(Typical Operating Circuit, 50 system impedance, AVDD = DVDD = PAVDD = +2.1V to +3.6V, fRF = 315MHz or 390MHz, TA = -40C to +125C, unless otherwise noted. Typical values are at AVDD = DVDD = PAVDD = +2.7V, TA = +25C, unless otherwise noted. All min and max values are 100% tested at TA = +125C, and guaranteed by design and characterization over temperature, unless otherwise noted.)
PARAMETER Supply Voltage SYMBOL VDD CONDITIONS PAVDD, AVDD, and DVDD connected to power supply, VDD PA off, VDIN at 0% duty cycle fRF = 315MHz fRF = 390MHz fRF = 315MHz fRF = 390MHz fRF = 315MHz fRF = 390MHz VENABLE < VIL Standby Current DIGITAL I/O Input High Threshold Input Low Threshold Pulldown Sink Current VIH VIL 13 0.9 x DVDD 0.1 x DVDD V V A ISTDBY (Note 3) TA = +25C TA < +85C TA < +125C MIN 2.1 TYP 2.7 3.4 3.8 8.0 8.3 12.6 12.9 0.8 1.0 6.2 4.0 16.1 A MAX 3.6 5.4 6.3 13.7 14.2 21.9 22.1 mA UNITS V
VDIN at 50%, duty cycle (Notes 1, 2, 3) Supply Current IDD
VDIN at 100%, duty cycle (Note 1)
2
_______________________________________________________________________________________
315MHz/390MHz Dual-Frequency ASK Transmitter MAX7058
AC ELECTRICAL CHARACTERISTICS
(Typical Operating Circuit, 50 system impedance, AVDD = DVDD = PAVDD = +2.1V to +3.6V, fRF = 315MHz or 390MHz, TA = -40C to +125C, unless otherwise noted. Typical values are at AVDD = DVDD = PAVDD = +2.7V, TA = +25C, unless otherwise noted. All min and max values are 100% tested at TA = +125C, and guaranteed by design and characterization over temperature, unless otherwise noted.)
PARAMETER GENERAL CHARACTERISTICS Frequency Range ENABLE transition low-to-high, frequency settled to within 50kHz of the desired carrier Power-On Time tON ENABLE transition low-to-high, frequency settled to within 5kHz of the desired carrier Manchester encoded Nonreturn to zero (NRZ) Time from low-to-high or high-to-low transition of FSEL to frequency settled to within 5kHz of the desired carrier 300 315/390 110 s 250 50 100 30 kbps 450 MHz SYMBOL CONDITIONS MIN TYP MAX UNITS
Maximum Data Rate
Frequency Switching Time PHASE-LOCKED LOOP (PLL) VCO Gain KVCO
s
320 fRF = 315MHz 10kHz offset 1MHz offset 10kHz offset 1MHz offset -87 -98 -84 -98 600 500 21 26 15 4 (Note 4) 10
MHz/V
PLL Phase Noise fRF = 390MHz Loop Bandwidth Reference Frequency Input Level Frequency-Divider Range CRYSTAL OSCILLATOR Crystal Frequency Frequency Pulling by VDD Crystal Load Capacitance fXTAL
dBc/Hz
kHz mVP-P
MHz ppm/V pF
_______________________________________________________________________________________
3
315MHz/390MHz Dual-Frequency ASK Transmitter MAX7058
AC ELECTRICAL CHARACTERISTICS (continued)
(Typical Operating Circuit, 50 system impedance, AVDD = DVDD = PAVDD = +2.1V to +3.6V, fRF = 315MHz or 390MHz, TA = -40C to +125C, unless otherwise noted. Typical values are at AVDD = DVDD = PAVDD = +2.7V, TA = +25C, unless otherwise noted. All min and max values are 100% tested at TA = +125C, and guaranteed by design and characterization over temperature, unless otherwise noted.)
PARAMETER POWER AMPLIFIER TA = +25C (Note 3) Output Power (Note 1) POUT TA = +125C, PAVDD = AVDD = DVDD = +2.1V TA = -40C, PAVDD = AVDD = DVDD = +3.6V (Note 3) fRF = 315MHz fRF = 390MHz 4.2 3.0 10 5.9 13.3 80 With output matching network -28 -32 -48 16.4 dB dBc dBc 15.5 dBm SYMBOL CONDITIONS MIN TYP MAX UNITS
Modulation Depth Maximum Carrier Harmonics Reference Spur
Note 1: Supply current and output power are greatly dependent on board layout and PAOUT match. Note 2: 50% duty cycle at 10kHz ASK data (Manchester coded). Note 3: Guaranteed by design and characterization, not production tested. Note 4: Dependent on PCB trace capacitance.
4
_______________________________________________________________________________________
315MHz/390MHz Dual-Frequency ASK Transmitter
Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
MAX7058
SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX7058 toc01
SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX7058 toc02
SUPPLY CURRENT vs. SUPPLY VOLTAGE
18 17 SUPPLY CURRENT (mA) 16 15 14 13 12 11 10 9 TA = -40C TA = +85C TA = +25C TA = +125C fRF = 390MHz PA ON
MAX7058 toc03
18 17 SUPPLY CURRENT (mA) 16 15 14 13 12 11 10 9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 3.5 SUPPLY VOLTAGE (V) TA = -40C TA = +25C fRF = 315MHz PA ON TA = +85C and +125C
5.0 4.5 SUPPLY CURRENT (mA) 4.0 3.5 3.0 2.5 TA = -40C 2.0 2.1 2.6 3.1 TA = +25C fRF = 315MHz PA OFF TA = +125C TA = +85C
19
3.6
2.1
2.6
3.1
3.6
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
MAX7058 toc04
OUTPUT POWER vs. SUPPLY VOLTAGE
MAX7058 toc05
SUPPLY CURRENT vs. OUTPUT POWER
315MHz 12 SUPPLY CURRENT (mA) 10 8 6 4 2 0 50% PA
MAX7058 toc06
5.0 4.5 SUPPLY CURRENT (mA) 4.0 fRF = 390MHz PA OFF
TA = +85C and +125C
14 12 OUTPUT POWER (dBm) 10 8 315MHz AND 390MHz 6 4 2 0
14
TA = +25C 3.5 3.0 TA = -40C 2.5 2.0 2.1 2.6 3.1 3.6 SUPPLY VOLTAGE (V)
ON
2.1
2.6
3.1
3.6
-40
-30
-20
-10
0
10
20
SUPPLY VOLTAGE (V)
OUTPUT POWER (dBm)
SUPPLY CURRENT vs. OUTPUT POWER
MAX7058 toc07
PHASE NOISE vs. OFFSET FREQUENCY
MAX7058 toc08
PHASE NOISE vs. OFFSET FREQUENCY
390MHz -60 PHASE NOISE (dBc/Hz) -70 -80 -90 -100 -110 -120 -130
MAX7058 toc09
14 390MHz 12 SUPPLY CURRENT (mA) 10 ON 8 6 4 2 0 -30 -20 -10 0 10 50% PA
-50 315MHz -60 PHASE NOISE (dBc/Hz) -70 -80 -90 -100 -110 -120 -130
-50
20
100
1k
10k
100k
1M
10M
100
1k
10k
100k
1M
10M
OUTPUT POWER (dBm)
OFFSET FREQUENCY (Hz)
OFFSET FREQUENCY (Hz)
_______________________________________________________________________________________
5
315MHz/390MHz Dual-Frequency ASK Transmitter MAX7058
Typical Operating Characteristics (continued)
(TA = +25C, unless otherwise noted.)
REFERENCE SPUR MAGNITUDE vs. SUPPLY VOLTAGE
MAX7058 toc10
FREQUENCY STABILITY vs. SUPPLY VOLTAGE
MAX7058 toc11
EFFICIENCY vs. SUPPLY VOLTAGE
28 26 EFFICIENCY (%) 24 22 20 18 16 14 TA = +125C TA = +85C 315MHz 50% DUTY CYCLE TA = -40C
MAX7058 toc12
-45.5 REFERENCE SPUR MAGNITUDE (dBc) -46.0 -46.5 -47.0 -47.5 -48.0 -48.5 -49.0 -49.5 -50.0 2.1 2.6 3.1 315MHz 390MHz
4 3 FREQUENCY STABILITY (ppm) 2 1 0 -1 -2 -3 -4 390MHz 315MHz
30
TA = +25C
12 10 2.1 2.6 3.1 3.6 2.1 2.4 2.7 3.0 3.3 3.6 SUPPLY VOLTAGE (V) SUPPLY VOLTAGE (V)
3.6
SUPPLY VOLTAGE (V)
EFFICIENCY vs. SUPPLY VOLTAGE
MAX7058 toc13
EFFICIENCY vs. SUPPLY VOLTAGE
MAX7058 toc14
EFFICIENCY vs. SUPPLY VOLTAGE
31 29 EFFICIENCY (%) 27 25 23 21 19 17 15 3.6 2.1 2.4 2.7 TA = +125C TA = +85C TA = +25C 390MHz PA ON TA = -40C
MAX7058 toc15
40
315MHz PA ON TA = -40C
26 24 22 EFFICIENCY (%) 20 18 16 14 12 10
TA = +25C
35 EFFICIENCY (%)
390MHz 50% DUTY CYCLE TA = -40C
33
TA = +25C
30
25 TA = +125C TA = +85C 15 2.1 2.4 2.7 3.0 3.3 3.6 SUPPLY VOLTAGE (V)
20
TA = +85C 2.1 2.4 2.7
TA = +125C
3.0
3.3
3.0
3.3
3.6
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
6
_______________________________________________________________________________________
315MHz/390MHz Dual-Frequency ASK Transmitter
Pin Description
PIN 1, 6, 7, 12, 13, 18, 19, 24 2 NAME N.C. No Connection. Internally not connected. Digital Positive Supply Voltage. Bypass to GND with 0.1F and 0.01F capacitors placed as close to the pin as possible. Frequency Select. Internally pulled down to GND when the part is not in standby mode. Set FSEL = 0/TOGGLE = 0 to select continuous 390MHz, and FSEL = 1/TOGGLE = 0 to select continuous 315MHz. See Table 1 for detailed mode description. Output Capacitance Adjustment 1. Logic pin to control the capacitance on PAOUT (see Table 2). Set CAP1 = 1 to add 0.5pF shunt capacitance at PAOUT when at 315MHz. Internally pulled down to GND when the part is not in standby mode. Output Capacitance Adjustment 2. Logic pin to control the capacitance on PAOUT (see Table 2). Set CAP2 = 1 to add 1pF shunt capacitance at PAOUT when at 315MHz. Internally pulled down to GND when the part is not in standby mode. Output Capacitance Adjustment 3. Logic pin to control the capacitance on PAOUT (see Table 2). Set CAP3 = 1 to add 2pF shunt capacitance at PAOUT when at 315MHz. Internally pulled down to GND when the part is not in standby mode. Output Capacitance Adjustment 4. Logic pin to control the capacitance on PAOUT (see Table 2). Set CAP4 = 1 to add 4pF shunt capacitance at PAOUT when at 315MHz. Internally pulled down to GND when the part is not in standby mode. Power Amplifier Output. Requires a pullup inductor to the supply voltage or ROUT. The pullup inductor can be part of the output-matching network. Envelope-Shaping Output. ROUT controls the power amplifier envelope's rise and fall times. Connect ROUT to PA pullup inductor or optional power-adjust resistor. Bypass the inductor to GND as close to the inductor as possible with 680pF and 220pF capacitors. Power Amplifier Supply Voltage. Bypass to GND with 0.01F and 220pF capacitors placed as close to the pin as possible. Analog Positive Supply Voltage. Bypass AVDD to GND with 0.1F and 0.01F capacitors placed as close to the pin as possible. Crystal Input 2. XTAL2 can be driven from an AC-coupled external reference. Crystal Input 1. Bypass to GND if XTAL2 is driven from an AC-coupled external reference. Toggle Pin. Set TOGGLE = 1 to enable toggle operation (see the Detailed Description section and Table 1 for operating mode). Internally pulled down to GND when the part is not in standby mode. Enable Pin. Drive high for normal operation, and drive low or leave unconnected to put the device in standby mode. Internally pulled down to GND. ASK Data Input. Internally pulled down to GND. Auto power-up occurs upon activity (see the Detailed Description section.) No connection. Must remain unconnected. Exposed Paddle. Internally connected to ground (the only ground for the MAX7058.) Requires lowinductance path (e.g., one or more vias) to solid ground plane. Solder evenly to the board's ground plane for proper operation. FUNCTION
MAX7058
DVDD
3
FSEL
4
CAP1
5
CAP2
8
CAP3
9
CAP4
10
PAOUT
11
ROUT
14 15 16 17 20 21 22 23 --
PAVDD AVDD XTAL2 XTAL1 TOGGLE ENABLE DIN N.C. EP (GND)
_______________________________________________________________________________________
7
315MHz/390MHz Dual-Frequency ASK Transmitter MAX7058
Detailed Description
The MAX7058 alternately transmits OOK/ASK data at 315MHz or 390MHz using a single crystal. The device has integrated tuning capacitors at the output of the power amplifier to ensure high efficiency at each frequency. The crystal-based architecture of the MAX7058 eliminates many of the common problems with surface acoustic wave (SAW) transmitters, by providing greater modulation depth, faster frequency settling, tighter transmit frequency tolerance, and reduced temperature dependence. In particular, the tighter transmit frequency tolerance means that a super-heterodyne receiver with a narrower IF bandwidth (therefore lower noise bandwidth) can be used. The payoff is improved overall receiver performance when using a super-heterodyne receiver such as the MAX1471, MAX1473, MAX7033, MAX7034, or MAX7042. resolution of 0.5pF. When the MAX7058 operates at 315MHz, the capacitance added at PAOUT corresponds to the setting at CAP1-CAP4, as seen in Table 2. When the MAX7058 operates at 390MHz, the MAX7058 does not add any internal shunt capacitance at PAOUT. The MAX7058 supports ASK data rates up to 100kbps NRZ and features adjustable output power through an external resistor to more than +10dBm into a 50 load.
Power-Up and Standby Modes
The MAX7058 can be placed in either an enabled state (all circuit blocks necessary for transmission powered up) or a disabled state (low-current standby). The state selection can be controlled either by ENABLE (ENABLE method) or by activity on DIN (auto-power-up method). In either method, the MAX7058 can begin transmission within 250s after being enabled. Either method can be used with any TOGGLE/FSEL operating mode. In the ENABLE method, setting ENABLE to a logic-high state enables the MAX7058 and setting it to a logic-low state disables the MAX7058. To avoid conflict with the auto-power-up method, DIN must be set to a logic-low state before ENABLE is set to a logic-low state, and remains low until after ENABLE is set to a logichigh state. In the auto-power-up method, ENABLE can be hardwired to a logic-low state and a rising edge on DIN will enable the MAX7058. The MAX7058 will remain enabled until DIN is placed in a steady logic-low state for 222 cycles of the reference clock (279.62ms with a 15MHz crystal), at which time the MAX7058 will be disabled. When the MAX7058 is enabled, the active pulldowns at CAP1-CAP4, FSEL, and TOGGLE will be turned on. When the MAX7058 is disabled, these active pulldowns will be turned off. The active pulldowns at ENABLE and DIN are always turned on.
Dual Frequency
The MAX7058 is a crystal-referenced PLL VHF/UHF transmitter that transmits OOK/ASK data at 315MHz or 390MHz. Two fixed synthesizer-divide ratios of 21 and 26 can be selected, and a 15MHz crystal is used as the reference for 315MHz/390MHz operation. The FSEL pin is used to select the divide ratio. The MAX7058 can operate over a 300MHz to 450MHz range by using different crystal frequencies. The two operating frequencies are always related by a 26:21 ratio. An internal variable shunt capacitor is connected at the PA output. This capacitor is controlled by four external logic bits (CAP1-CAP4) to maintain highly efficient transmission at either 315MHz or 390MHz. This means that it is possible to change the frequency and retune the antenna to the new frequency in a very short time. The combination of rapid-antenna tuning ability with rapid-synthesizer tuning makes the MAX7058 a true frequency-agile transmitter. The tuning capacitor has a
8
_______________________________________________________________________________________
315MHz/390MHz Dual-Frequency ASK Transmitter
Operating Mode
TOGGLE and FSEL are two pins available for controlling the state of the toggle mode and the operating frequency. The following truth table defines the pin logic for the four possible operating states.
MAX7058
CASE 1: DIN PIN ONLY USED TO POWER UP THE MAX7058 DIN
Table 1. Toggle Pin Operation for MAX7058
TOGGLE PIN 0 0 1 1 FSEL PIN 0 1 0 1 OPERATING STATE Continuous fixed-frequency operation at 390MHz Continuous fixed-frequency operation at 315MHz Five packets toggle operation between 315MHz and 390MHz 100 packets toggle operation between 315MHz and 390MHz
ENABLE
POWER-UP (INTERNAL)
279.62ms (WITH 15MHz REFERENCE)
CASE 2: ENABLE PIN ONLY USED TO POWER UP THE MAX7058 DIN
ENABLE
POWER-UP (INTERNAL)
The internal variable shunt capacitor control pins (CAP1-CAP4) are used whenever the frequency setting is 315MHz, in either continuous (TOGGLE = 0, FSEL = 1) or toggle (TOGGLE = 1) mode.
FALLING EDGE OF ENABLE MUST COME AFTER LAST DIN FALLING EDGE
Figure 1. Power-Up Waveform with DIN/ENABLE for MAX7058
Toggle Definition
With TOGGLE/FSEL set to state 10, the MAX7058 is in 5-packet toggle mode; with TOGGLE/FSEL set to state 11, the MAX7058 is in 100-packet toggle mode. Upon power-up, the MAX7058 begins transmission at 315MHz within 250s. Packet termination is defined as the time duration of greater than 218 crystal oscillator reference clock cycles (17.49ms) with DIN continuously at logic 0. The frequency of operation toggles every five or 100 packets based on the logic level of FSEL.
When the output-matching network is properly tuned, the PA transmits +10dBm (typ), with a high overall efficiency. The efficiency of the PA itself is more than 40%. The output power can be adjusted by changing the impedance seen by the PA or by adjusting the value of an external resistor at PAOUT.
Envelope Shaping
The MAX7058 features an internal envelope-shaping resistor, which connects between PAVDD and ROUT. When connected to the PA pullup inductor, the envelope-shaping resistor slows the turn-on/turn-off time of the PA and results in a smaller spectral width of the modulated PA output signal.
Power Amplifier (PA)
The power amplifier (PA) of the MAX7058 is a highefficiency, open-drain, switching-mode amplifier. In a switching-mode amplifier, the gate of the final-stage FET is driven with a very sharp 25% duty-cycle square wave at the transmit frequency. This square wave is derived from the synthesizer circuit. When the matching network is tuned correctly, the output FET resonates the attached tank circuit with a minimum amount of power dissipated in the FET. With a proper output-matching network, the PA can drive a wide range of antenna impedances, which include a small-loop PCB trace and a 50 antenna. The output-matching network suppresses the carrier harmonics and transforms the antenna impedance to optimal impedance at PAOUT, which is from 125 to 250.
Variable Capacitor
The MAX7058 has a set of selectable internal shunt capacitors that can be switched in and out to present different capacitor values at the PA output. The capacitors are connected from the PA output to ground. This allows changing the tuning network, along with the synthesizer-divide ratio each time the transmitted frequency changes, making it possible to maintain maximum transmitter power while moving rapidly from one frequency to another.
_______________________________________________________________________________________
9
315MHz/390MHz Dual-Frequency ASK Transmitter MAX7058
When the particular capacitance control input pin is high, then the corresponding amount of capacitance is added at PAOUT; this capacitance tuning works only at 315MHz. The 16 capacitor values are selected by setting CAP1-CAP4; the capacitance resolution is 0.5pF. The total capacitance varies from 0 to 7.5pF. For example, if CAP1 and CAP3 are high and CAP4 and CAP2 are low when operating at 315MHz, then this circuit will add 2.5pF at PAOUT.
Crystal (XTAL) Oscillator
The crystal (XTAL) oscillator in the MAX7058 is designed to present a capacitance of approximately 6pF between XTAL1 and XTAL2. In most cases, this corresponds to an 8pF load capacitance applied to the external crystal when typical PCB parasitics are added. The MAX7058 is designed to operate with a typical 10pF load capacitance crystal. It is very important to use a crystal with a load capacitance equal to the capacitance of the MAX7058 crystal oscillator plus PCB parasitics. If a crystal designed to oscillate with a different load capacitance is used, the crystal is pulled away from its stated operating frequency, introducing an error in the reference frequency. A crystal designed to operate at a higher load capacitance than the value specified for the oscillator will always be pulled higher in frequency. Adding capacitance to increase the load capacitance on the crystal will increase the startup time and may prevent oscillation altogether. In actuality, the oscillator pulls every crystal. The crystal's natural frequency is really below its specified frequency, but when loaded with the specified load capacitance, the crystal is pulled and oscillates at its specified frequency. This pulling is already accounted for in the specification of the load capacitance. Additional pulling can be calculated if the electrical parameters of the crystal are known. The frequency pulling is given by: fp = Cm 1 1 0 - x 10 6 2 C case + C load C case + C spec
Table 2. Variable Capacitor Values and Control Input Pins
CAPACITOR CONTROL PIN STATE (CAP4-CAP1) 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011 1100 1101 1110 1111 ADDED SHUNT CAPACITANCE IN pF 315MHz (/21) 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 0 390MHz (/26)
where: fp is the amount the crystal frequency is pulled in ppm Cm is the motional capacitance of the crystal Ccase is the case capacitance Cload is the actual load capacitance Cspec is the specified load capacitance When the crystal is loaded as specified (i.e., Cload = Cspec), the frequency pulling equals zero.
Phase-Locked Loop
The MAX7058 utilizes a fully integrated, programmable PLL for its frequency synthesizer. All PLL components including the loop filter are included on-chip. The divide ratio is set at one of two fixed values: 21 (FSEL is set to high) or 26 (FSEL is set to low).
10
______________________________________________________________________________________
315MHz/390MHz Dual-Frequency ASK Transmitter
Applications Information
Output Matching to 50
When matched to a 50 system, the MAX7058's PA is capable of delivering +10dBm of output power at VDD = +2.7V. The output of the PA is an open-drain transistor, which has internal selectable shunt tuning capacitors for impedance matching (see the Variable Capacitor section). It is connected to VDD through a pullup inductor for proper biasing. The internal selectable shunt capacitors make it easy for tuning when changing the output frequency. The pullup inductance from the PAOUT to VDD or ROUT serves three main purposes: resonating the capacitive PA output, providing biasing for the PA, and acting as a high-frequency choke to prevent RF energy from coupling into VDD. The pi network between the PA output and the antenna also forms a lowpass filter that provides attenuation for the higher-order harmonics. nated to ground). In a typical application, the inductance of the loop antenna is approximately 50nH to 100nH. The radiative and lossy impedances may be anywhere from a few tenths of an ohm to 5 or 10.
MAX7058
Layout Considerations
A properly designed PCB is an essential part of any RF/microwave circuit. At high-frequency inputs and outputs, use controlled-impedance lines and keep them as short as possible to minimize losses and radiation. At high frequencies, trace lengths that are on the order of /10 or longer act as antennas, where is the wavelength. Keeping the traces short also reduces parasitic inductance. Generally, one inch of PCB trace adds about 20nH of parasitic inductance. The parasitic inductance can have a dramatic effect on the effective inductance of a passive component. For example, a 0.5in trace connecting to a 100nH inductor adds an extra 10nH of inductance, or 10%. To reduce parasitic inductance, use wider traces and a solid ground or power plane below the signal traces. Using a solid ground plane can reduce the parasitic inductance from approximately 20nH/in to 7nH/in. Also, use low-inductance connections to the ground plane and place decoupling capacitors as close as possible to all VDD pins.
Output Matching to PCB Loop Antenna
In many applications, the MAX7058 must be impedance-matched to a small loop antenna. The antenna is usually fabricated out of a copper trace on a PCB in a rectangular, circular, or square pattern. The antenna has impedance that consists of a lossy component and a radiative component. To achieve high radiating efficiency, the radiative component should be as high as possible, while minimizing the lossy component. In addition, the loop antenna has an inherent loop inductance associated with it (assuming the antenna is termi-
Chip Information
PROCESS: CMOS
______________________________________________________________________________________
11
315MHz/390MHz Dual-Frequency ASK Transmitter MAX7058
Typical Operating Circuit
CAP4 CAP3 CAP2 CAP1 FSEL 5 8 9 L1 22nH RFOUT C3 10pF C2 10pF L2 18nH C1 8.2pF 10 CAP2 CAP3 CAP4 PAOUT 4 CAP1 3 FSEL DVDD 2 C12 0.01F C13 0.1F VDD
MAX7058
R1 0 11
DIN
22
DIN
VDD
C5 680pF
ROUT
EXPOSED PADDLE
C4 220pF 14 PAVDD AVDD VDD 15 C10 100pF C9 0.01F C8 0.1F XTAL2 16 XTAL C12 3.9pF
ENABLE
21
ENABLE
C7 220pF
C6 0.01F
TOGGLE XTAL1 17 C11 100pF C13 3.9pF
20
TOGGLE
12
______________________________________________________________________________________
315MHz/390MHz Dual-Frequency ASK Transmitter
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
MAX7058
______________________________________________________________________________________
13
24L QFN THIN.EPS
315MHz/390MHz Dual-Frequency ASK Transmitter MAX7058
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
14 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2008 Maxim Integrated Products is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX7058ATG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X