Part Number Hot Search : 
SEN6A40 MT91610 W005M BB1110B SDN8000G DS1385 00152 ITR20004
Product Description
Full Text Search
 

To Download LC1641-DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LC1641-DW
www..com
16 characters x 4 lines + white led backlight
ABSOLUTE MAXIMUM RATINGS
Item Supply Voltage(Logic) Supply Voltage(LCD) Input Voltage Operating Temp. Storage Temp. Symbol VDD - VSS VDD - VO VI Topr Tstg Min. -0.3 -0.3 -0.3 -20 -30 Max. 7.0 13.0 VDD + 0.3 70 80 Unit V V V C C
MECHANICAL DATA
Item Module Size ( W x H x T ) Viewing Area ( W x H ) Character Size ( W x H ) Dot Size ( W x H ) Weight Nominal Dimensions 87.0 x 60.0 x 13.5 62.0 x 26.0 2.95 x 4.75 0.55 x 0.55 Approx. 55 Unit mm mm mm mm g
ELECTRICAL CHARACTERISTICS ( V DD =5V0.25V )
Item Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Supply Current LCD Driving Voltage Symbol VIH VIL VOH VOL I DD VDD - VO Test Condition --IOH = - 0.2mA IOL = 1.2mA VDD = 5.0V Ta=25C Min. 2.2 - 0.3 2.4 0 --Typ. ----2.0 4.6 Max. Unit V DD 0.6 V DD 0.4 3.0 -V V V V mA V
PIN CONNECTIONS
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Symbol VSS V DD VO RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 LEDA LEDK Level 0V +5V -H/L H/L H,H _ >L H/L H/L H/L H/L H/L H/L H/L H/L +5V 0V Function GND Power supply for logic Operating voltage for LCD H : Data L : Instruction code H : Read L : Write Enable signal In 8-bit bus mode, used as low order bidirectional data bus. In 4-bit bus mode, open these pins. In 8-bit bus mode, used as high order bidirectional data bus. In 4-bit bus mode, used as both high and low order data bus. Power supply for LED backlight
BLOCK DIAGRAM
VSS VDD VO RS R/W E DB0 DB7
LCD Controller LSI S6A0069 or Eqv.
16 COM
LCD PANEL 16 Characters x 4 Lines
40 SEG 120 SEG
Segment driver
LED BACKLIGHT SPECIFICATIONS (Ta=25C)
LEDA LEDK LED Backlight Item Forward Voltage Forward Current LED Color Symbol Vf If Typ. 3.1 30 White Max. 3.3 -Unit V mA


▲Up To Search▲   

 
Price & Availability of LC1641-DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X