Part Number Hot Search : 
70HF20 IRFD11 NTE725 AO4704 LV5609LP D74LVC5 74LV4067 32U02
Product Description
Full Text Search
 

To Download L53F3BT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) INFRA-RED EMITTING DIODES www..com
L53F3C L53SF4C L53F3BT L53SF4BT
Features
!MECHANICALLY AND SPECTRALLY MATCHED
Description
F3 Made with Gallium Arsenide Infrared Emitting diodes. SF4 Made with Gallium Aluminum Arsenide Infrared Emitting diodes.
TO THE L51P3C PHOTOTRANSISTOR.
!BOTH
WATER CLEAR LENS AND BLUE TRANSPARENT
LENS AVAILABLE HIGH POWER OUTPUT.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO:CDA0543 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: OCT/29/2001 DRAWN:X.Q.ZHENG
PAGE: 1 OF 4
www..com
Selection Guide
Po (m W/s r ) @20m A Min . L53F 3C L53F 3B T L53SF4C L53SF4BT GaAs GaAs GaAlAs GaAlAs WATER CLEAR BLUE TRANSPARENT WATER CLEAR BLUE TRANSPARENT 8 5 8 5 Ty p . 20 20 20 20 Po (m W/s r ) @50m A Min . 12 8 12 8 Ty p . 30 30 30 30 V i ew i n g An g l e 21/2 3 0 3 0 3 0 3 0
Par t No .
Dic e
L en s Ty p e
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
It em Forward Voltage Reverse Current Junction Capacitance Peak Spectral Wavelength Spectral Bandwidth P/N F3 S F4 F3 S F4 F3 S F4 F3 S F4 F3 S F4 Sy m b o l VF IR C P Ty p . 1.2 1.3 90 90 940 880 50 50 Max . 1.5 1.7 10 10 Un it V uA pF nm nm Co n d it io n IF=20mA VR=5V V=0 f=1MHz IF=20mA IF=20mA
Absolute Maximum Ratings at T)=25C
It em Power Dissipation Forward Current Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
Sy m b o l PT IF IP VR TA Tstg
F3& SF4 10 0 50 1.2 5 -40~ +85 -40~ +85
Un it s mW mA A V C C
SPEC NO:CDA0543 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: OCT/29/2001 DRAWN:X.Q.ZHENG
PAGE: 2 OF 4
www..com
L53F3C, L53F3BT
SPEC NO:CDA0543 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: OCT/29/2001 DRAWN:X.Q.ZHENG
PAGE: 3 OF 4
www..com
L53SF4C, L53SF4BT
SPEC NO:CDA0543 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: OCT/29/2001 DRAWN:X.Q.ZHENG
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of L53F3BT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X