Part Number Hot Search : 
TBS016 TEF4822 CJL818C VC14SPN FR16JR02 OM5193 03515 A2611
Product Description
Full Text Search
 

To Download KMM53232000BK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DRAM MODULE
KMM53232000BK/BKG Fast Page Mode 32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
GENERAL DESCRIPTION
The Samsung KMM53232000B is a 32Mx32bits Dynamic RAM high density memory module. The Samsung KMM53232000B consists of sixteen CMOS 16Mx4bits DRAMs in SOJ packages mounted on a 72-pin glass-epoxy substrate. A 0.1 or 0.22uF decoupling capacitor is mounted on the printed circuit board for each DRAM. The KMM53232000B is a Single In-line Memory Module with edge connections and is intended for mounting into 72 pin edge connector sockets.
KMM53232000BK/BKG
FEATURES
* Part Identification - KMM53232000BK(4K cycles/64ms Ref, SOJ, Solder) - KMM53232000BKG(4K cycles/64ms Ref, SOJ, Gold) * Fast Page Mode Operation * CAS-before-RAS & Hidden Refresh capability * RAS-only refresh capability * TTL compatible inputs and outputs * Single +5V10% power supply * JEDEC standard PDpin & pinout * PCB : Height(1420mil), double sided component
PERFORMANCE RANGE
Speed -5 -6
tRAC
50ns 60ns
tCAC
13ns 15ns
tRC
90ns 110ns
tPC
35ns 40ns
PIN CONFIGURATIONS
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 Symbol VSS DQ0 DQ18 DQ1 DQ19 DQ2 DQ20 DQ3 DQ21 Vcc NC A0 A1 A2 A3 A4 A5 A6 A10 DQ4 DQ22 DQ5 DQ23 DQ6 DQ24 DQ7 DQ25 A7 A11 Vcc A8 A9 RAS3 RAS2 NC NC Pin 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 Symbol NC NC Vss CAS0 CAS2 CAS3 CAS1 RAS0 RAS1 NC W NC DQ9 DQ27 DQ10 DQ28 DQ11 DQ29 DQ12 DQ30 DQ13 DQ31 Vcc DQ32 DQ14 DQ33 DQ15 DQ34 DQ16 NC PD1 PD2 PD3 PD4 NC Vss
PIN NAMES
Pin Name A0 - A11 DQ0-7, DQ9-16 DQ18-25, DQ27-34 W RAS0 - RAS3 CAS0 - CAS3 PD1 -PD4 Vcc Vss NC Function Address Inputs Data In/Out Read/Write Enable Row Address Strobe Column Address Strobe Presence Detect Power(+5V) Ground No Connection
PRESENCE DETECT PINS (Optional)
Pin PD1 PD2 PD3 PD4 50NS NC Vss Vss Vss 60NS NC Vss NC NC
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
DRAM MODULE
FUNCTIONAL BLOCK DIAGRAM
KMM53232000BK/BKG
CAS0 RAS0
DQ1 CAS DQ2 U0 RAS DQ3 OE W A0-A11 DQ4 DQ1 CAS DQ2 U1 RAS DQ3 OE W A0-A11 DQ4
DQ0~DQ3
DQ1 DQ2 DQ3 DQ4 DQ1 DQ2 DQ3 DQ4
CAS RAS W A0-A11 OE
U8
CAS0 RAS1
DQ4~DQ7
CAS RAS W A0-A11 OE
U9
CAS1
DQ1 CAS DQ2 U2 RAS DQ3 OE W A0-A11 DQ4 DQ1 CAS DQ2 U3 RAS DQ3 OE W A0-A11 DQ4 DQ1 CAS DQ2 U4 RAS DQ3 OE W A0-A11 DQ4 DQ1 CAS DQ2 U5 RAS DQ3 OE W A0-A11 DQ4
DQ9~DQ12
DQ1 DQ2 DQ3 DQ4 DQ1 DQ2 DQ3 DQ4 DQ1 DQ2 DQ3 DQ4 DQ1 DQ2 DQ3 DQ4
CAS RAS W A0-A11 OE
U10
CAS1
DQ13~DQ16
CAS RAS A0-A11 OE W
U11
DQ18~DQ21
CAS2 RAS2
CAS RAS W A0-A11 OE
U12
CAS2 RAS3
DQ22~DQ25
CAS RAS W A0-A11 OE
U13
CAS3
DQ1 CAS DQ2 U6 RAS DQ3 OE W A0-A11 DQ4 DQ1 CAS DQ2 U7 RAS DQ3 OE W A0-A11 DQ4
DQ27~DQ30
DQ1 DQ2 DQ3 DQ4 DQ1 DQ2 DQ3 DQ4
CAS RAS W A0-A11 OE
U14
CAS3
DQ31~DQ34
CAS RAS W A0-A11 OE
U15
W A0-A11
Vcc 0.1 or .22uF Capacitor for each DRAM Vss To all DRAMs
DRAM MODULE
ABSOLUTE MAXIMUM RATINGS *
Item Voltage on any pin relative to VSS Voltage on VCC supply relative to VSS Storage Temperature Power Dissipation Short Circuit Output Current Symbol VIN, VOUT VCC Tstg Pd IOS
KMM53232000BK/BKG
Rating -1 to +7.0 -1 to +7.0 -55 to +125 16 50 Unit V V C W mA
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for intended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to VSS, TA = 0 to 70C)
Item Supply Voltage Ground Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min 4.5 0 2.4 -1.0*2 Typ 5.0 0 Max 5.5 0 VCC*1 0.8 Unit V V V V
*1 : VCC+2.0V at pulse width 20ns, which is measured at VCC. *2 : -2.0V at pulse width 20ns, which is measured at VSS.
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
Symbol ICC1 ICC2 ICC3 ICC4 ICC5 ICC6 II(L) IO(L) VOH VOL Speed -5 -6 Dont care -5 -6 -5 -6 Dont care -5 -6 Dont care Dont care KMM53232000BK/BKG Min
-
Max 976 896 32 976 896 576 496 16 976 896 10 10 0.4
Unit mA mA mA mA mA mA mA mA mA mA uA uA V V
-10 -10 2.4 -
ICC1 : Operating Current * (RAS, CAS, Address cycling @tRC=min) ICC2 : Standby Current (RAS=CAS=W=VIH) ICC3 : RAS Only Refresh Current * (CAS=VIH, RAS cycling @tRC=min) ICC4 : Fast Page Mode Current * (RAS=VIL, CAS cycling : tPC=min) ICC5 : Standby Current (RAS=CAS=W=Vcc-0.2V) ICC6 : CAS-Before-RAS Refresh Current * (RAS and CAS cycling @tRC=min) I(IL) : Input Leakage Current (Any input 0VINVcc+0.5V, all other pins not under test=0 V) I(OL) : Output Leakage Current(Data Out is disabled, 0VVOUTVcc) VOH : Output High Voltage Level (IOH = -5mA) VOL : Output Low Voltage Level (IOL = 4.2mA) * NOTE : ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open. ICC is specified as an average current. In ICC1 and ICC3, address can be changed maximum once while RAS=VIL. In ICC4, address can be changed maximum once within one Fast page mode cycle time, tPC.
DRAM MODULE
CAPACITANCE (TA = 25C, VCC=5V, f = 1MHz)
Item Input capacitance[A0-A11] Input capacitance[W] Input capacitance[RAS0 - RAS3] Input capacitance[CAS0 - CAS3] Input/Output capacitance[DQ0-7, 9-16,18-25, 27-34] Symbol CIN1 CIN2 CIN3 CIN4 CDQ Min
-
KMM53232000BK/BKG
Max 90 122 38 38 17 Unit pF pF pF pF pF
AC CHARACTERISTICS (0CTA70C, VCC=5.0V10%. See notes 1,2.)
Test condition : Vih/Vil=2.4/0.8V, Voh/Vol=2.4/0.4V, output loading CL=100pF Parameter Random read or write cycle time Access time from RAS Access time from CAS Access time from column address CAS to output in Low-Z Output buffer turn-off delay Transition time(rise and fall) RAS precharge time RAS pulse width RAS hold time CAS hold time CAS pulse width RAS to CAS delay time RAS to column address delay time CAS to RAS precharge time Row address set-up time Row address hold time Column address set-up time Column address hold time Column address to RAS lead time Read command set-up time Read command hold referenced to CAS Read command hold referenced to RAS Write command hold time Write command pulse width Write command to RAS lead time Write command to CAS lead time Data set-up time Data hold time Refresh period Write command set-up time CAS setup time(CAS-before-RAS refresh) CAS hold time(CAS-before-RAS refresh) RAS to CAS precharge time Access time from CAS precharge Symbol -5 Min 90 50 13 25 0 0 1 30 50 13 50 13 20 15 5 0 10 0 10 25 0 0 0 10 10 15 13 0 10 64 0 5 10 5 30 0 5 10 5 35 10K 37 25 10K 13 50 0 0 1 40 60 15 60 15 20 15 5 0 10 0 10 30 0 0 0 10 10 15 15 0 10 64 10K 45 30 10K 15 50 Max Min 110 60 15 30 -6 Max Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ns ns ns ns ns 3 7 9 9 8 8 4 10 3,4,10 3,4,5 3,10 3 6 2 Note
tRC tRAC tCAC tAA tCLZ tOFF tT tRP tRAS tRSH tCSH tCAS tRCD tRAD tCRP tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH tWCH tWP tRWL tCWL tDS tDH tREF tWCS tCSR tCHR tRPC tCPA
DRAM MODULE
AC CHARACTERISTICS (0CTA70C, VCC=5.0V10%. See notes 1,2.)
Test condition : Vih/Vil=2.4/0.8V, Voh/Vol=2.4/0.4V, output loading CL=100pF Parameter Fast page mode cycle time CAS precharge time(Fast page cycle) RAS pulse width(Fast page cycle) W to RAS precharge time(C-B-R refresh) W to RAS hold time(C-B-R refresh) Symbol -5 Min 35 10 50 10 10 200K Max
KMM53232000BK/BKG
-6 Min 40 10 60 10 10 200K Max
Unit ns ns ns ns ns
Note
tPC tCP tRASP tWRP tWRH
NOTES
1. An initial pause of 200us is required after power-up followed by any 8 RAS-only or CAS-before-RAS refresh cycles before proper device operation is achieved. 2. Input voltage levels are Vih/Vil. VIH(min) and VIL(max) are reference levels for measuring timing of input signals. Transition times are measured between VIH(min) and VIL(max) and are assumed to be 5ns for all inputs. 3. Measured with a load equivalent to 2 TTL loads and 100pF. 8. Either tRCH or tRRH must be satisfied for a read cycle. 4. Operation within the tRCD(max) limit insures that tRAC(max) can be met. tRCD(max) is specified as a reference point only. If tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC. 5. Assumes that tRCDtRCD(max). 9. These parameters are referenced to the CAS leading edge in early write cycles. 10. Operation within the tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as reference point only. If tRAD is greater than the specified tRAD(max) limit, then access time is controlled by tAA. 6. This parameter defines the time at which the output achieves the open circuit condition and is not referenced to VOH or VOL. 7. tWCS is non-restrictive operating parameter. It is included in the data sheet as electrical characteristics only. If tWCStWCS(min), the cycle is an early write cycle and the data out pin will remain high impedance for the duration of the cycle.
DRAM MODULE
READ CYCLE
KMM53232000BK/BKG
tRC tRAS
RAS VIH VIL -
tRP
tCSH tCRP
CAS VIH VIL -
tRCD
tRSH tCAS tRAL tCAH
COLUMN ADDRESS
tCRP
tRAD tASR
A VIH VIL -
tRAH
tASC
ROW ADDRESS
tRCS
W VIH VIL -
tRCH tRRH tOFF tAA tOEZ tOEA tCAC
OE
VIH VIL -
DQ
VOH VOL -
tRAC OPEN
tCLZ
DATA-OUT
Dont care Undefined
DRAM MODULE
WRITE CYCLE ( EARLY WRITE )
NOTE : DOUT = OPEN
KMM53232000BK/BKG
tRAS
RAS VIH VIL -
tRC tRP
tCSH tCRP
CAS VIH VIL -
tRCD
tRSH tCAS tRAL tCAH
COLUMN ADDRESS
tCRP
tRAD tASR
A VIH VIL -
tRAH
tASC
ROW ADDRESS
tCWL tRWL tWCS
W VIH VIL -
tWCH tWP
OE
VIH VIL -
tDS
DQ VIH VIL -
tDH
DATA-IN
Dont care Undefined
DRAM MODULE
WRITE CYCLE ( OE CONTROLLED WRITE )
NOTE : DOUT = OPEN
KMM53232000BK/BKG
tRC tRAS
RAS VIH VIL -
tRP
tCSH tCRP
CAS VIH VIL -
tRCD
tRSH tCAS tRAL tCAH
COLUMN ADDRESS
tCRP
tRAD tASR tRAH tASC
A
VIH VIL -
ROW ADDRESS
tCWL tRWL
W VIH VIL -
tWP
OE
VIH VIL -
tOED tDS
tOEH tDH
DATA-IN
DQ
VIH VIL -
Dont care Undefined
DRAM MODULE
READ - MODIFY - WRTIE CYCLE
KMM53232000BK/BKG
tRWC tRAS
RAS VIH VIL -
tRP
tCRP
CAS VIH VIL -
tRCD tRAD tRAH
tRSH tCAS tCAH tCSH
tASR
VIH VIL -
tASC
COLUMN ADDRESS
A
ROW ADDR
tAWD tCWD
W VIH VIL -
tRWL tCWL tWP
OE
VIH VIL -
tRWD tOEA tCLZ tCAC tAA tOED tOEZ
VALID DATA-OUT
tDS
tDH
DQ
VI/OH VI/OL -
tRAC
VALID DATA-IN
Dont care Undefined
DRAM MODULE
FAST PAGE READ CYCLE
NOTE : DOUT = OPEN
KMM53232000BK/BKG
tRASP
RAS VIH VIL o
tRP tRHCP
tCRP
CAS VIH VIL -
tPC tRCD tCAS tRAD tASC tCSH tCAH
COLUMN ADDRESS
tCP tCAS
o
tCP
tRSH tCAS
tASR
A VIH VIL ROW ADDR
tRAH
tASC
tCAH
o o
tASC
tCAH
COLUMN ADDRESS
COLUMN ADDRESS
tRRH tRCS
W VIH VIL -
tRCH
tRCS
o
tRCS
tRCH
OE
VIH VIL -
tCAC tOEA
tCAC tOEA
o o
tCAC tOEA
tAA tRAC tCLZ tOEZ
VALID DATA-OUT
tAA tOFF tCLZ
tOEZ
VALID DATA-OUT
tAA tOFF tCLZ
VALID DATA-OUT
tOFF tOEZ
DQ
VOH VOL -
Dont care Undefined
DRAM MODULE
FAST PAGE WRITE CYCLE ( EARLY WRITE )
NOTE : DOUT = OPEN
KMM53232000BK/BKG
tRASP
RAS VIH VIL o
tRP tRHCP
tCRP
CAS VIH VIL -
tPC tRCD tCAS tRAD tASC tCP
tPC tCP tCAS
o
tRSH tCAS
tASR
A VIH VIL -
tRAH
tCSH tCAH
COLUMN ADDRESS
tASC
tCAH
o o
tASC
tCAH
ROW ADDR
COLUMN ADDRESS
COLUMN ADDRESS
tWCS
W VIH VIL -
tWCH tWP tCWL
tWCS tWP
tWCH
o
tWCS
tWCH tWP tCWL tRWL
tCWL
o o
OE
VIH VIL -
tDS
DQ VIH VIL -
tDH
tDS
tDH
o
tDS
tDH
VALID DATA-IN
VALID DATA-IN
o
VALID DATA-IN
Dont care Undefined
DRAM MODULE
FAST PAGE READ - MODIFY - WRITE CYCLE
KMM53232000BK/BKG
tRASP
RAS VIH VIL -
tRP
tCSH tRCD tRSH tCP tCAS tRAD tRAH tASR tASC
COL. ADDR
tCRP tCAS tPRWC
CAS
VIH VIL -
tCAH
tRAL tASC
COL. ADDR
tCAH
A
VIH VIL -
ROW ADDR
tRCS
W VIH VIL -
tRWL tCWL tWP tCWD tAWD tRWD tOEA tOED tCAC tAA tOEZ tDH tDS tCWD tAWD tCPWD tOEA tCAC tAA tOEZ tOED tDH tDS tCWL tWP
OE
VIH VIL -
tRAC
DQ VI/OH VI/OL -
tCLZ
VALID DATA-OUT
tCLZ
VALID DATA-IN VALID DATA-OUT VALID DATA-IN
Dont care Undefined
DRAM MODULE
RAS - ONLY REFRESH CYCLE
NOTE : W, OE, DIN = Dont care DOUT = OPEN tRC
KMM53232000BK/BKG
tRAS
RAS VIH VIL -
tRP
tCRP
CAS VIH VIL -
tRPC
tCRP
tASR
A VIH VIL ROW ADDR
tRAH
CAS - BEFORE - RAS REFRESH CYCLE
NOTE : OE, A = Dont care tRC tRP
RAS VIH VIL -
tRAS
tRP
tRPC tCP tRPC tCSR tWRP tWRH tCHR
CAS
VIH VIL -
W
VIH VIL -
tOFF
DQ VOH VOL -
OPEN
Dont care Undefined
DRAM MODULE
HIDDEN REFRESH CYCLE ( READ )
KMM53232000BK/BKG
tRC
RAS VIH VIL -
tRC tRP tRAS tRP
tRAS
tCRP
CAS VIH VIL -
tRCD
tRSH
tCHR
tRAD tASR
A VIH VIL -
tRAH
tASC
tCAH
COLUMN ADDRESS
ROW ADDRESS
tWRH tRCS
W VIH VIL -
tRRH
tWRP
tAA
OE VIH VIL -
tOEA tCAC tRAC tCLZ tOEZ
DATA-OUT
tOFF
DQ
VOH VOL -
OPEN
Dont care Undefined
DRAM MODULE
HIDDEN REFRESH CYCLE ( WRITE )
NOTE : DOUT = OPEN
KMM53232000BK/BKG
tRC
RAS VIH VIL -
tRC tRP tRAS tRP
tRAS
tCRP
CAS VIH VIL -
tRCD
tRSH
tCHR
tRAD tASR tRAH tASC tCAH
COLUMN ADDRESS
A
VIH VIL -
ROW ADDRESS
tWRH tWRP
W VIH VIL -
tWCS tWP
tWCH
OE
VIH VIL -
tDS
DQ VIH VIL -
tDH
DATA-IN
Dont care Undefined
DRAM MODULE
CAS-BEFORE-RAS REFRESH COUNTER TEST CYCLE
KMM53232000BK/BKG
tRP
RAS
VIH VIL VIH VIL -
tRAS tCPT tCHR tRSH tCAS tRAL tASC tCAH
tCSR
CAS
A
VIH VIL -
COLUMN ADDRESS
READ CYCLE
W VIH VIL VIH VIL VOH VOL -
tWRP
tWRH
tAA tRCS tCAC
tRRH tRCH
OE
tCLZ
tOEA
tOEZ
DATA-OUT
tOFF
DQ
WRITE CYCLE
W VIH VIL VIH VIL -
tWRP
tWRH tCWL tWCS
tRWL tWCH tWP
OE
tDS
DQ VIH VIL -
tDH
DATA-IN
READ-MODIFY-WRITE
tWRP
W VIH VIL -
tWRH
tAWD tRCS tCAC tAA tOEA tCWD tWP
tCWL tRWL
OE
VIH VIL -
tOED tCLZ tOEZ tDS
tDH
DQ
VI/OH VI/OL VALID DATA-OUT VALID DATA-IN
Dont care NOTE : This timing diagram is applied to all devices besides 16M DRAM 4th & 64M DRAM. Undefined
DRAM MODULE
CAS - BEFORE - RAS SELF REFRESH CYCLE
NOTE : OE, A = Dont care
KMM53232000BK/BKG
tRP
RAS VIH VIL -
tRASS
tRPS tRPC tCHS
tRPC tCP
CAS
VIH VIL -
tCSR
tOFF
DQ VOH VOL -
OPEN tWRP tWRH
W
VIH VIL -
TEST MODE IN CYCLE
NOTE : OE, A = Dont care
tRC tRP
RAS VIH VIL -
tRAS
tRP
tRPC tCP tRPC tCSR tWTS tWTH tCHR
CAS
VIH VIL -
W
VIH VIL -
tOFF
DQ VOH VOL -
OPEN
Dont care Undefined
DRAM MODULE
PACKAGE DIMENSIONS
KMM53232000BK/BKG
Units : Inches (millimeters)
4.250(107.95) 3.984(101.19) .133(3.38) R.062(1.57) .125 DIA.002(3.18.051)
.400(10.16) 1.420(36.07) .250(6.35) R.062.004(R1.57.10)
.080(2.03) .250(6.35)
.250(6.35) 3.750(95.25)
( Front view )
.350(8.89) MAX
( Back view )
.054(1.37) .047(1.19)
Gold/Solder Plating Lead
.010(.25)MAX
.100(2.54) MIN
.050(1.27)
.041.004(1.04.10)
Tolerances : .005(.13) unless otherwise specified
NOTE : The used device is 16Mx4 DRAM, SOJ DRAM Part No. : KMM53232000BK/BKG -- KM44C16100BK


▲Up To Search▲   

 
Price & Availability of KMM53232000BK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X