Part Number Hot Search : 
5J310 0FFI020 71660 STS8212 LC6527L TXV1N STIH239 08D2827M
Product Description
Full Text Search
 

To Download KF12N60F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
General Description
This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for active power factor correction and switching mode power supplies. FEATURES
VDSS=600V, ID=12A Drain-Source ON Resistance : RDS(ON)=0.6 (Max) @VGS=10V Qg(typ.)= 36nC
D N N A
KF12N60P/F
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF12N60P
O C F
E
G B Q
I K M L J H P
MAXIMUM RATING (Tc=25
CHARACTERISTIC Drain-Source Voltage Gate-Source Voltage @TC=25 Drain Current @TC=100 Pulsed (Note1) Single Pulsed Avalanche Energy (Note 2) Repetitive Avalanche Energy (Note 1) Peak Diode Recovery dv/dt (Note 3) Drain Power Dissipation Tc=25 Derate above 25
)
RATING SYMBOL KF12N60P VDSS VGSS ID IDP EAS EAR dv/dt PD Tj Tstg 215 1.72 150 -55 150
D N N H
UNIT KF12N60F 600 30 12 7.4 33 450 17 4.5 49.8 0.4 12* 7.4* 33* mJ mJ
B
1 2 3
DIM MILLIMETERS _ 9.9 + 0.2 A 15.95 MAX B 1.3+0.1/-0.05 C _ D 0.8 + 0.1 _ E 3.6 + 0.2 _ F 2.8 + 0.1 3.7 G H 0.5+0.1/-0.05 1.5 I _ 13.08 + 0.3 J K 1.46 _ 1.4 + 0.1 L _ 1.27+ 0.1 M _ 2.54 + 0.2 N _ 4.5 + 0.2 O _ 2.4 + 0.2 P _ 9.2 + 0.2 Q
V V
1. GATE 2. DRAIN 3. SOURCE
TO-220AB
A
KF12N60F
A
F
C
O
E
DIM
MILLIMETERS
V/ns W W/
K
Maximum Junction Temperature Storage Temperature Range Thermal Characteristics Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient
L
M
J
R
RthJC RthJA
0.58 62.5
2.51 62.5
/W /W
1 2 3
Q
A B C D E F G H J K L M N O Q R
_ 10.16 + 0.2 _ 15.87 + 0.2 _ 2.54 + 0.2 _ 0.8 + 0.1 _ 3.18 + 0.1 _ 3.3 + 0.1 _ 12.57 + 0.2 _ 0.5 + 0.1 _ 13.0 + 0.5 _ 3.23 + 0.1 1.47 MAX 1.47 MAX _ 2.54 + 0.2 _ 6.68 + 0.2 _ 4.7 + 0.2 _ 2.76 + 0.2
G
* : Drain current limited by maximum junction temperature.
1. GATE 2. DRAIN 3. SOURCE
EQUIVALENT CIRCUIT
D
TO-220IS (1)
G
S
2008. 10. 29
Revision No : 2
1/7
KF12N60P/F
ELECTRICAL CHARACTERISTICS (Tc=25
CHARACTERISTIC
)
TEST CONDITION MIN. TYP. MAX. UNIT
SYMBOL
Static
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Drain Cut-off Current Gate Threshold Voltage Gate Leakage Current Drain-Source ON Resistance BVDSS BVDSS/ Tj IDSS Vth IGSS RDS(ON) ID=250 A, VGS=0V ID=250 A, Referenced to 25 VDS=600V, VGS=0V VDS=VGS, ID=250 A VGS= 30V, VDS=0V VGS=10V, ID=6A 600 2.0 0.63 0.51 10 4.0 100 0.6 V V/ A V nA
Dynamic
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-on Delay time Turn-on Rise time Turn-off Delay time Turn-off Fall time Input Capacitance Output Capacitance Reverse Transfer Capacitance Source-Drain Diode Ratings Continuous Source Current Pulsed Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge IS ISP VSD trr Qrr VGSNote 1) Repetivity rating : Pulse width limited by junction temperature. Note 2) L =5.7mH, IS=12A, VDD=50V, RG=25 , Starting Tj=25 . Note 3) IS 12A, dI/dt 200A/ , VDD 300 BVDSS, Starting Tj=25 , Duty Cycle 2%. . Note 4) Pulse Test : Pulse width
Note 5) Essentially independent of operating temperature.
Marking
1 1
KF12N60 801 P
KF12N60 801 F
2
2
1 2
PRODUCT NAME LOT NO
2008. 10. 29
Revision No : 2
2/7
KF12N60P/F
Fig1. ID - VDS
100
VGS=10V VDS=20V
Fig2. ID - VGS
Drain Current ID (A)
10
VGS=6V VGS=5V
Drain Current ID (A)
10
1
10
0
100 C
25 C
1
0.1 0.1 1 10 100
10
-1
2
4
6
8
10
Drain - Source Voltage VDS (V)
Gate - Source Voltage VGS (V)
Fig3. BVDSS - Tj
Normalized Breakdown Voltage BVDSS
1.2
VGS = 0V IDS = 250
Fig4. RDS(ON) - ID
1.2
1.1
On - Resistance RDS(ON) ()
1.0
1.0
VGS=6V
0.6
VGS=10V
0.9
0.8 -100
-50
0
50
100
150
0.2 0
5
10
15
20
Junction Temperature Tj ( C )
Drain Current ID (A)
Fig5. IS - VSD
10
2
Fig6. RDS(ON) - Tj
3.0
VGS =10V IDS = 6A
Reverse Drain Current IS (A)
100 C
25 C
10
1
Normalized On Resistance
2.5 2.0 1.5 1.0 0.5
10
0
10
-1
0.4
0.6
0.8
1.0
1.2
1.4
1.8
0.0 -100
-50
0
50
100
150
Source - Drain Voltage VSD (V)
Junction Temperature Tj ( C)
2008. 10. 29
Revision No : 2
3/7
KF12N60P/F
Fig 7. C - VDS
104
12
ID=12A
Fig8. Qg- VGS
Gate - Source Voltage VGS (V)
VDS = 480V VDS = 300V VDS = 120V
10 8 6 4 2 0 0 5 10
Capacitance (pF)
Ciss
103
Coss
102
Crss
101
0
10
20
30
40
15
20
25
30
35
40
Drain - Source Voltage VDS (V)
Gate - Charge Qg (nC)
Fig9. Safe Operation Area
102
Fig10. Safe Operation Area
102
(KF12N60P)
100s
(KF12N60F)
10s
Drain Current ID (A)
101
Drain Current ID (A)
100s
1ms 10ms
101
1ms 10ms
100
100ms
Operation in this area is limited by RDS(ON)
100
DC
Operation in this area is limited by RDS(ON)
100ms
10-1
Tc= 25 C Tj = 150 C Single pulse
10-1
Tc= 25 C Tj = 150 C Single pulse
DC
102 100
101
102
103
102 100
101
102
103
Drain - Source Voltage VDS (V)
Drain - Source Voltage VDS (V)
Fig11. ID - Tj
14 12
Drain Current ID (A)
10 8 6 4 2 0 25 50 125 150
75
100
Junction Temperature Tj ( C)
2008. 10. 29
Revision No : 2
4/7
KF12N60P/F
Fig12. Transient Thermal Response Curve
(KF12N60P)
100
Transient Thermal Resistance
Duty=0.5
0.2
10-1
0.1
0.05
PDM t1 t2
Single Pulse
0.02
0.01
10-2
- Rth(j-c) = 0.58 C/W Max. - Duty Factor, D= t1/t2 10-3 10-2 10-1 100 101
10-5
10-4
TIME (sec)
Fig13. Transient Thermal Response Curve
(KF12N60F)
Transient Thermal Resistance
100
Duty=0.5
0.2
0.1
10-1
0.05
PDM t1 t2
0.02
0.01
10-2 10-5
Single Pulse
- Rth(j-c) = 0.51 C/W Max. - Duty Factor, D= t1/t2 10-3 10-2 10-1 100 101
10-4
TIME (sec)
2008. 10. 29
Revision No : 2
5/7
KF12N60P/F
Fig14. Gate Charge
VGS Fast Recovery Diode 10 V
ID
0.8 VDSS 1.0 mA
ID Q Qgs Qgd Qg VGS
VDS
Fig15. Single Pulsed Avalanche Energy
1 EAS= LIAS2 2 BVDSS BVDSS - VDD
BVDSS
L
IAS
50V 25 VDS 10 V VGS ID(t)
VDD
VDS(t)
Time tp
Fig16. Resistive Load Switching
VDS 90% RL
0.5 VDSS 25 VDS 10V VGS
VGS 10% td(on) ton tr td(off) tf toff
2008. 10. 29
Revision No : 2
6/7
KF12N60P/F
Fig17. Source - Drain Diode Reverse Recovery and dv /dt
DUT VDS IF
Body Diode Forword Current
ISD (DUT)
IRM
di/dt
IS
Body Diode Reverse Current
0.8
VDSS
driver
VDS (DUT)
Body Diode Recovery dv/dt VSD VDD
10V
VGS
Body Diode Forword Voltage drop
2008. 10. 29
Revision No : 2
7/7


▲Up To Search▲   

 
Price & Availability of KF12N60F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X