Part Number Hot Search : 
SK52B1 ERJ14 5SMC48A 3DD100A P99446G L7805ML GBU6A07 MAX85
Product Description
Full Text Search
 

To Download JCS640F-O-F-N-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
N N-CHANNEL MOSFET
JCS640
MAIN CHARACTERISTICS
Package
ID VDSS Rdson @Vgs=10V Qg
UPS
18.0 A 200 V 0.18 47 nC
APPLICATIONS
High efficiency switch mode power supplies Electronic lamp ballasts based on half bridge UPS FEATURES Low gate charge Low Crss (typical 48pF ) Fast switching 100% avalanche tested Improved dv/dt capability RoHS product
Crss ( 48pF) dv/dt RoHS
ORDER MESSAGE
Order codes JCS640C-O-C-N-B JCS640F-O-F-N-B Halogen Free NO NO Device Weight 2.15 g(typ) 2.20 g(typ) Marking JCS640C JCS640F Package TO-220C TO-220MF Packaging Tube Tube
201007A
1/10
R
JCS640
ABSOLUTE RATINGS (Tc=25)
JCS640C 200 18 11.4 18* 11.4* JCS640F Value Unit V A A
Parameter Drain-Source Voltage Drain Current
Symbol VDSS ID T=25 T=100 IDM
-continuous
1 Drain Current - pulse note 1 Gate-Source Voltage 2 Single Pulsed Avalanche Energynote 2 1 Avalanche Currentnote 1 1 Repetitive Avalanche Current note 1 3 Peak Diode Recovery dv/dt note 3
72
72*
A
VGSS
30
V
EAS
259
mJ
IAR
18
A
EAR
14
mJ
dv/dt
5.5
V/ns
Power Dissipation
PD TC=25 -Derate above 25 TJTSTG
140
44
W
1.12
0.35
W/
Operating and Storage Temperature Range Maximum Lead Temperature for Soldering Purposes
-55+150
TL
300
* *Drain current limited by maximum junction temperature
201007A
2/10
R
JCS640
Tests conditions Min Typ Max Units Parameter Symbol
ELECTRICAL CHARACTERISTICS
Off -Characteristics Drain-Source Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-body leakage current, forward Gate-body leakage current, reverse On-Characteristics Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Input capacitance Output capacitance Reverse transfer capacitance VGS(th) VDS = VGS , ID=250A 2.0 4.0 V BVDSS ID=250A, VGS=0V 200 V
BVDSS/ ID=250A, referenced to 25 TJ VDS=200V,VGS=0V, TC=25 VDS=160V, IGSSF VDS=0V, TC=125
-
0.2
-
V/
IDSS
-
-
10 100 100
A A nA
VGS =30V
IGSSR
VDS=0V,
VGS =-30V
-
-
-100
nA
RDS(ON)
VGS =10V , ID=9A
-
0.15 0.18
gfs
VDS = 40V, ID=9Anote 4 -
13.5
-
S
Dynamic Characteristics Ciss Coss Crss VDS=25V, VGS =0V, f=1.0MHZ 1330 1760 pF 181 245 48 65 pF pF
201007A
3/10
R
JCS640
td(on) tr td(off) tf Qg Qgs Qgd VDS =160V , ID=18A VGS =10V note 45 VDD=100V,ID=18A,RG=25 note 45 54 70 ns ns ns ns nC nC nC
ELECTRICAL CHARACTERISTICS
Switching Characteristics Turn-On delay time Turn-On rise time Turn-Off delay time Turn-Off Fall time Total Gate Charge Gate-Source charge Gate-Drain charge 104 162 327 395 107 145 47 8 22 62 -
Drain-Source Diode Characteristics and Maximum Ratings Maximum Continuous Drain -Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Reverse recovery time Reverse recovery charge VSD IS 18 A
ISM
-
-
72
A
VGS=0V,
IS=18.0A
-
-
1.48
V
trr Qrr
VGS=0V, IS=18.0A dIF/dt=100A/s (note 4)
-
195 1.48
-
ns C
THERMAL CHARACTERISTIC
JCS640C 0.89 62.5
Notes: 1Pulse width limited by maximum junction temperature 2L=1.2mH, IAS=18A, VDD=50V, RG=25 ,Starting TJ=25 3ISD 18A,di/dt 200A/s,VDDBVDSS, Starting TJ=25 4Pulse TestPulse Width 300s,Duty Cycle2 5Essentially independent of operating temperature
Max JCS640F 2.85 62.5
Parameter Thermal Resistance, Junction to Case
Symbol Rth(j-c)
Unit /W /W
Rth(j-A) Thermal Resistance, Junction to Ambient
1 2L=1.2mH, IAS=18A, VDD=50V, RG=25 , TJ=25 3ISD 18A,di/dt 200A/s,VDDBVDSS, TJ=25 4300s,2 5
201007A
4/10
R
JCS640
VGS 15V 10V 9V 8V 7V 6.5V 6V 5.5V Bottom 5V Top
ELECTRICAL CHARACTERISTICS (curves) Transfer Characteristics On-Region Characteristics
10
ID Drain Current[A]
ID [A]
10
25 150
1
Notes: 1. 250s pulse test 2. TC=25
1 1 10
0.1
Notes: 1.250s pulse test 2.VDS=40V
2 4 6 8 10
VDS [V]
VGS Gate-Source Voltage[V]
On-Resistance Variation vs. Drain Current and Gate Voltage
0.22 0.21 0.20 0.19 0.18 0.17 0.16 0.15 0.14
Body Diode Forward Voltage Variation vs. Source Current and Temperature
RDS(on) Drain-Source On Resistance []
VGS=10V VGS=20V
IDR Reverse Drain Current[A]
10
150 25
1
Note:Tj=25
0 2 4 6 8 10 12 14 16 18 20 22
0.1 0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
ID [A]
V S D Source-Drain voltage[V]
Capacitance Characteristics
12
Gate Charge Characteristics
VDS=40V VDS=100V VDS=160V
10
VGS Gate Source Voltage[V]
8
6
4
2
0
0
10
20
30
40
50
Qg Toltal Gate Charge [nC]
201007A
5/10
R
JCS640
ELECTRICAL CHARACTERISTICS (curves) Breakdown Voltage Variation On-Resistance Variation vs. Temperature vs. Temperature
1.2
4.0 3.5
BVDS(Normalized)
1.1
3.0
R D (on ) (Normalized)
2.5 2.0 1.5 1.0 0.5 0.0 -75
1.0
0.9
Notes: 1. VGS=0V 2. ID=250A
-50 -25 0 25 50 75 100 125 150
0.8 -75
Notes: 1. VGS=10V 2. ID=9A
-50 -25 0 25 50 75 100 125 150
Tj []
Tj []
Maximum Safe Operating Area For JCS640C
10
2
Maximum Safe Operating Area For JCS640F
10
2
Operation in This Area is Limited by RDS(ON)
10s 100s 1ms 10ms 100ms
Operation in This Area is Limited by RDS(ON)
10s 100s
ID Drain Current [A]
ID Drain Current [A]
10
1
10
1
1ms 10ms
10
0
10
-1
Note: 1 TC=25 2 TJ=150 3 Single Pulse
0
DC
10
0
100ms Note: 1 TC=25 2 TJ=150 3 Single Pulse
0
DC
10
VDS Drain-Source Voltage [V]
10
1
10
2
10
-1
10
VDS Drain-Source Voltage [V]
10
1
10
2
Maximum Drain Current vs. Case Temperature
20 18 16
ID Drain Current [A]
14 12 10 8 6 4 2 0 25 50 75 100 125 150
TC Case Temperature [ ]
201007A
6/10
R
JCS640
Transient Thermal Response Curve For JCS640C
ELECTRICAL CHARACTERISTICS (curves)
(t) Thermal Response
1
D = 0 .5 0 .2
0 .1
0 .1 0 .0 5 0 .0 2 0 .0 1
N 1 2 3
o te s : Z J C (t)= 0 .8 9 /W M a x D u ty F a c to r , D = t1 /t2 T J M -T c = P D M * Z J C(t)
JC
0 .0 1
s in g le p u ls e
P
Z
DM
t1 t2
1 E -5
1 E -4
1 E -3
0 .0 1
0 .1
1
10
t1 S q u a r e W a v e P u ls e D u r a tio n [s e c ]
Transient Thermal Response Curve For JCS640F
(t) Thermal Response
1
D = 0 .5 0 .2 0 .1 0 .0 5
N 1 2 3 o te s : Z J C (t)= 2 .8 5 /W M a x D u ty F a c to r , D = t1 /t2 T J M -T c = P D M * Z J C(t)
0 .1
0 .0 2 0 .0 1
JC
P
Z
DM
s in g le p u ls e
0 .0 1 1 E -5
t1 t2
1 E -4
1 E -3
0 .0 1
0 .1
1
10
t1 S q u a r e W a v e P u ls e D u r a tio n [s e c ]
201007A
7/10
R
JCS640
Unitmm
PACKAGE MECHANICAL DATA TO-220C
201007A
8/10
R
JCS640
Unitmm
PACKAGE MECHANICAL DATA TO-220MF
201007A
9/10
R
JCS640
NOTE
Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. We strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don't be hesitate to contact us. 3. Please do not exceed the absolute maximum ratings of the device when circuit designing. 4. Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice. 1.
1. 2.
3. 4.
99 132013 86-432-64678411 86-432-64665812 www.hwdz.com.cn 99 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD. ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel 86-432-64678411 Fax86-432-64665812 Web Sitewww.hwdz.com.cn MARKET DEPARTMENT ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel: 86-432-64675588 64675688 64678411-3098/3099 Fax: 86-432-64671533
201007A
10/10


▲Up To Search▲   

 
Price & Availability of JCS640F-O-F-N-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X