Part Number Hot Search : 
FX8086 MPF10 2805D VA210 P4SMAJ43 MC88920 AN238 IP08AM
Product Description
Full Text Search
 

To Download JCS5N60VB-O-V-N-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
N N-CHANNEL MOSFET
JCS5N60B
MAIN CHARACTERISTICS
Package
ID VDSS Rdson @Vgs=10V Qg
UPS
.A 0 600 V 2.4 13.3nC
APPLICATIONS
High efficiency switch mode power supplies Electronic lamp ballasts based on half bridge UPS FEATURES Low gate charge Low Crss (typical 9pF ) Fast switching 100% avalanche tested Improved dv/dt capability RoHS product
Crss ( 9pF) dv/dt RoHS
ORDER MESSAGE
Order codes JCS5N60VB-O-V-N-B JCS5N60RB-O-R-N-B JCS5N60CB-O-C-N-B JCS5N60FB-O-F-N-B Halogen Free NO NO NO NO Packaging Tube Tube Tube Tube Device Weight 0.35 g(typ) 0.30 g(typ) 2.15 g(typ) 2.20 g(typ)
Marking JCS5N60VB JCS5N60RB JCS5N60CB JCS5N60FB
Package IPAK DPAK TO-220C TO-220MF
201011A
1/12
R
JCS5N60B
ABSOLUTE RATINGS (Tc=25)
JCS5N60VB/RB Parameter Symbol Value JCS5N60CB 600 5.0 2.5 5.0* 2.5* JCS5N60FB Uni t V A A
Drain-Source Voltage Drain Current
VDSS ID T=25 T=100 IDM
-continuous
1 Drain Current - pulse note 1 Gate-Source Voltage 2 Single Pulsed Avalanche Energy note 2 1 Avalanche Current note 1 1 Repetitive Avalanche Current note 1 3 Peak Diode Recovery dv/dt note 3
16
16*
A
VGSS
30
V
EAS
240
mJ
IAR
5.0
A
EAR
10.0
mJ
dv/dt
5.5
V/n s 33 W W/
Power Dissipation
PD TC=25 -Derate above 25 TJTSTG
51
100
0.39
0.80
0.26
Operating and Storage Temperature Range Maximum Lead Temperature for Soldering Purposes
-55+150
TL
300
* *Drain current limited by maximum junction temperature
201011A
2/12
R
JCS5N60B
Tests conditions Min Typ Max Units Parameter Symbol
ELECTRICAL CHARACTERISTICS
Off -Characteristics Drain-Source Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-body leakage current, forward Gate-body leakage current, reverse On-Characteristics Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Input capacitance Output capacitance Reverse transfer capacitance VGS(th) VDS = VGS , ID=250A 2.0 4.0 V BVDSS ID=250A, VGS=0V referenced to 600 V
BVDSS/ ID=250A, 25 TJ
-
0.65 -
V/
IDSS
VDS=600V,VGS=0V, TC=25 VDS=480V, TC=125
-
-
10 100 100
A A nA
IGSSF
VDS=0V,
VGS =30V
IGSSR
VDS=0V,
VGS =-30V
-
- -100 nA
RDS(ON)
VGS =10V , ID=2A
-
1.7 2.4
gfs
VDS = 40V , ID=2Anote 4 VDS=25V, VGS =0V, f=1.0MHZ
-
4.7
-
S
Dynamic Characteristics Ciss Coss Crss 490 642 95 124 9 12 pF pF pF
201011A
3/12
R
JCS5N60B
td(on) tr td(off) tf Qg Qgs Qgd VDS =480V , ID=4A VGS =10V note 45 VDD=300V,ID=4A,RG=25 note 45 16 42 ns ns ns ns nC nC nC
ELECTRICAL CHARACTERISTICS
Switching Characteristics Turn-On delay time Turn-On rise time Turn-Off delay time Turn-Off Fall time Total Gate Charge Gate-Source charge Gate-Drain charge 49 111 46 102 37 3.6 4.9 84 13.3 19
Drain-Source Diode Characteristics and Maximum Ratings Maximum Continuous Drain -Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Reverse recovery time Reverse recovery charge VSD IS 5 A
ISM
-
-
20
A
VGS=0V,
IS=5.0A
-
-
1.4
V
trr Qrr
VGS=0V, IS=5.0A (note 4) dIF/dt=100A/s
-
330 2.67
-
ns C
THERMAL CHARACTERISTIC
/RB Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
1 2L=25mH, IAS=4.0A, VDD=50V, RG=25 , TJ=25 3ISD 4.0A,di/dt 200A/s,VDDBVDSS, TJ=25 4300s,2 5
Max JCS5N60CB JCS5N60FB 1.25 62.5 3.79 62.5
Unit
Parameter
Symbol JCS5N60VB
Rth(j-c) Rth(j-A)
Notes:
2.50 83
/W /W
1Pulse width limited by maximum junction temperature 2L=25mH, IAS=4.0A, VDD=50V, RG=25 ,Starting TJ=25 3 ISD 4.0A,di/dt 200A/s,VDDBVDSS, Starting TJ=25 4Pulse TestPulse Width 300s,Duty Cycle2 5Essentially independent of operating temperature
201011A
4/12
R
JCS5N60B
ELECTRICAL CHARACTERISTICS (curves) Transfer Characteristics
10
On-Region Characteristics
10
VGS Top 15V 10V 8V 7V 6.5V 6V 5.5V Bottom 5V
ID [A]
ID [A]
150
1
25
1
Notes 1. 250s pulse test 2. TC=25
10
Notes 1.250s pulse test 2.VDS=40V
0.1 2 4 6 8 10
VDS [V]
VGS [V]
On-Resistance Variation vs. Drain Current and Gate Voltage
2.4
Body Diode Forward Voltage Variation vs. Source Current and Temperature
10
R DS (on ) [ ]
2.2
IDR [A]
2.0
VGS=10V
25
1
1.8
150
1.6
1.4
VGS=20V
1.2 0 1 2 3 4
Note T j=25
5 6
Notes 1. 250s pulse test 2. VGS=0V
0.1 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
ID [A]
VSD [V]
Capacitance Characteristics
8.0x10
2
Gate Charge Characteristics
12
Capacitance [pF]
6.0x10
2
VGS Gate Source Voltage[V]
Ciss=Cgs+Cgd(Cds=shorted) Coss=Cds+Cgd Crss=Cgd
VDS=480V
10
VDS=300V VDS=120V
8
4.0x10
2
6
4
2.0x10
2
2
0.0 10
-1
0
V DS Drain-Source Voltage [V]
10
0
10
1
0
2
4
6
8
10
12
14
Qg Toltal Gate Charge [nC]
201011A
5/12
R
JCS5N60B
On-Resistance Variation vs. Temperature
3.0
ELECTRICAL CHARACTERISTICS (curves) Breakdown Voltage Variation vs. Temperature
1.15
1.10
2.5
BVDSS (Normalized)
RDS(on ) (Normalized)
1.05
2.0
1.5
1.00
1.0
0.95
0.90 -75 -50 -25 0 25 50
Notes 1. VGS=0V 2. ID=250A
75 100 125 150
0.5
Notes 1. VGS=10V 2. ID=2.0A
-50 -25 0 25 50 75 100 125 150
0.0 -75
T j [ ]
Tj [ ]
Maximum Safe Operating Area For JCS5N60(V/R/C)B
Maximum Safe Operating Area For JCS5N60FB
Maximum Drain Current vs. Case Temperature
6
4
I D [A]
2
0 25
50
75
100
125
150
T C []
201011A
6/12
R
JCS5N60B
Transient Thermal Response Curve For JCS5N60(V/R)B
ELECTRICAL CHARACTERISTICS (curves)
Transient Thermal Response Curve For JCS5N60CB
Transient Thermal Response Curve For JCS5N60FB
201011A
7/12
R
JCS5N60B
Unitmm
PACKAGE MECHANICAL DATA IPAK
201011A
8/12
R
JCS5N60B
Unitmm
PACKAGE MECHANICAL DATA DPAK
201011A
9/12
R
JCS5N60B
Unitmm
PACKAGE MECHANICAL DATA TO-220C
201011A
10/12
R
JCS5N60B
Unitmm
PACKAGE MECHANICAL DATA TO-220MF
201011A
11/12
R
JCS5N60B
NOTE
1. Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. We strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don't be hesitate to contact us. 3. Please do not exceed the absolute maximum ratings of the device when circuit designing. 4. Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice.
1. 2.
3. 4.
99 132013 86-432-64678411 86-432-64665812 www.hwdz.com.cn 99 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD. ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel 86-432-64678411 Fax86-432-64665812 Web Sitewww.hwdz.com.cn MARKET DEPARTMENT ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel: 86-432-64675588 64675688 64678411-3098/3099 Fax: 86-432-64671533
201011A
12/12


▲Up To Search▲   

 
Price & Availability of JCS5N60VB-O-V-N-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X