Part Number Hot Search : 
AA1716 AT49L 330MD 6N138 Z1051 XG02L01 05SH3 CL7107
Product Description
Full Text Search
 

To Download ISP1107W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISP1105/1106/1107
Advanced Universal Serial Bus transceivers
Rev. 06 -- 30 November 2001 Product data
1. General description
The ISP1105/1106/1107 range of Universal Serial Bus (USB) transceivers are fully compliant with the Universal Serial Bus Specification Rev. 1.1. They are ideal for portable electronics devices such as mobile phones, digital still cameras, Personal Digital Assistants (PDA) and Information Appliances (IA). They allow USB Application Specific ICs (ASICs) and Programmable Logic Devices (PLDs) with power supply voltages from 1.65 V to 3.6 V to interface with the physical layer of the Universal Serial Bus. They have an integrated 5 V to 3.3 V voltage regulator for direct powering via the USB supply VBUS. The ISP1105/1106/1107 range can be used as a USB device transceiver or a USB host transceiver. They can transmit and receive serial data at both full-speed (12 Mbit/s) and low-speed (1.5 Mbit/s) data rates. ISP1105 allows single/differential input modes selectable by a MODE input and it is available in HBCC16 package. ISP1106 allows only differential input mode and is available in both TSSOP16 and HBCC16 packages. ISP1107 allows only single-ended input mode and is available in both TSSOP16 and HBCC16 packages.
2. Features
s s s s s s s s s s s s Complies with Universal Serial Bus Specification Rev. 1.1 Integrated bypassable 5 V to 3.3 V voltage regulator for powering via USB VBUS VBUS disconnection indication through VP and VM Used as a USB device transceiver or a USB host transceiver Supports full-speed (12 Mbit/s) and low-speed (1.5 Mbit/s) serial data rates Stable RCV output during SE0 condition Two single-ended receivers with hysteresis Low-power operation Supports an I/O voltage range from 1.65 V to 3.6 V 4 kV on-chip ESD protection Full industrial operating temperature range -40 to +85 C Available in small TSSOP16 (except ISP1105) and HBCC16 packages.
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
3. Applications
s Portable electronic devices, such as: x Mobile phone x Digital still camera x Personal Digital Assistant (PDA) x Information Appliance (IA).
4. Ordering information
Table 1: Ordering information Package Name ISP1105W[1] ISP1106W ISP1107W ISP1106DH ISP1107DH
[1]
Type number
Description plastic, heatsink bottom chip carrier; 16 terminals; body 3 x 3 x 0.65 mm
Version SOT639-2
HBCC16
TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
The ground terminal of ISP1105W is connected to the exposed diepad (heatsink).
4.1 Ordering options
Table 2: Product ISP1105 ISP1106 ISP1107
[1] [2] [3]
Selection guide Package(s) HBCC16 TSSOP16 or HBCC16 TSSOP16 or HBCC16 Description Supports both single-ended and differential input modes[1] Supports only the differential input mode[2] Supports only the single-ended input mode[3]
Refer to Table 5 and Table 6. Refer to Table 6. Refer to Table 5.
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
2 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
5. Functional diagram
3.3 V V CC(I/O)
VOLTAGE REGULATOR
VCC(5.0) Vreg(3.3)
SOFTCON OE SPEED VMO/FSE0(3) VPO/VO(3) MODE(4) SUSPND RCV LEVEL SHIFTER
Vpu(3.3) 1.5 k(2) D+ D- 33 (1) (1%) 33 (1) (1%)
ISP1105 ISP1106 ISP1107
VP
VM
MBL301
GND
(1) Use a 39 resistor (1%) for a USB v2.0 compliant output impedance range. (2) Connect to D- for low-speed operation. (3) Pin function depends on device type see Section 7.2. (4) Only for ISP1105.
Fig 1. Functional diagram (combined ISP1105, ISP1106 and ISP1107).
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
3 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
6. Pinning information
6.1 Pinning
VCC(I/O) VCC(I/O) 7 SPEED SPEED 8
MODE
SUSPND
5
6
7
8
9
D-
SUSPND
5
6
GND
9
D-
VM VP RCV
4
10
D+ VPO/VO VMO/FSE0
VM VP RCV
4 3 2
10
D+ VPO/VO* VMO/FSE0*
ISP1105W
3 2 GND
(exposed diepad)
11 12
ISP1106W ISP1107W*
11 12
OE
1
16 SOFTCON
15 Vpu(3.3)
14 VCC(5.0)
13
Vreg(3.3)
OE
1
16 SOFTCON
15 Vpu(3.3)
14 VCC(5.0)
13
Vreg(3.3)
Bottom view
MBL303
Bottom view
MBL304
The asterisk (*) denotes that the signal names VO and FSE0 apply to the ISP1107W.
Fig 2. Pinning diagram HBCC16 (ISP1105).
Fig 3. Pinning diagram HBCC16 (ISP1106 and ISP1107).
Vpu(3.3) 1 SOFTCON 2 OE 3 RCV 4 VP 5 VM 6 SUSPND 7 GND 8
MBL302
16 VCC(5.0) 15 Vreg(3.3) 14 VMO/FSE0*
ISP1106DH
13 VPO/VO*
ISP1107DH* 12 D+
11 D- 10 SPEED 9 V CC(I/O)
The asterisk (*) denotes that the signal names VO and FSE0 apply to the ISP1107DH.
Fig 4. Pinning diagram TSSOP16 (ISP1106 and ISP1107).
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
4 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
6.2 Pin description
Table 3: Symbol[1] Pin description Pin ISP1105 HBCC16 OE 1 ISP1106/7 ISP1106/7 HBCC16 TSSOP16 1 3 I input for output enable (CMOS level with respect to VCC(I/O), active LOW); enables the transceiver to transmit data on the USB bus differential data receiver output (CMOS level with respect to VCC(I/O)); driven LOW when input SUSPND is HIGH; the output state of RCV is preserved and stable during an SE0 condition single-ended D+ receiver output (CMOS level with respect to VCC(I/O)); for external detection of single-ended zero (SE0), error conditions, speed of connected device; driven HIGH when no supply voltage is connected to VCC(5.0) and Vreg(3.3) single-ended D- receiver output (CMOS level with respect to VCC(I/O)); for external detection of single-ended zero (SE0), error conditions, speed of connected device; driven HIGH when no supply voltage is connected to VCC(5.0) and Vreg(3.3) suspend input (CMOS level with respect to VCC(I/O)); a HIGH level enables low-power state while the USB bus is inactive and drives output RCV to a LOW level mode input (CMOS level with respect to VCC(I/O)); a HIGH level enables the differential input mode (VPO, VMO) whereas a LOW level enables a single-ended input mode (VO, FSE0). see Table 5 and Table 6 ground supply supply voltage for digital I/O pins (1.65 to 3.6 V). When VCC(I/O) is not connected, the (D+, D-) pins are in three-state. This supply pin is totally independent of VCC(5.0) and Vreg(3.3) and must never exceed the Vreg(3.3) voltage. speed selection input (CMOS level with respect to VCC(I/O)); adjusts the slew rate of differential data outputs D+ and D- according to the transmission speed: LOW: low-speed (1.5 Mbit/s) HIGH: full-speed (12 Mbit/s) D- D+ VPO/VO VMO/FSE0 9 10 11 12 9 10 11 12 11 12 13 14 AI/O AI/O I I negative USB data bus connection (analog, differential); for low-speed mode connect to pin Vpu(3.3) via a 1.5 k resistor positive USB data bus connection (analog, differential); for full-speed mode connect to pin Vpu(3.3) via a 1.5 k resistor driver data input (CMOS level with respect to VCC(I/O), Schmitt trigger); see Table 5 and Table 6 driver data input (CMOS level with respect to VCC(I/O), Schmitt trigger); see Table 5 and Table 6 Type Description
RCV
2
2
4
O
VP
3
3
5
O
VM
4
4
6
O
SUSPND
5
5
7
I
MODE
6
I
GND VCC(I/O)
-[2] 7
6 7
8 9
-
SPEED
8
8
10
I
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
5 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Table 3: Symbol[1]
Pin description...continued Pin ISP1105 HBCC16 ISP1106/7 ISP1106/7 HBCC16 TSSOP16 13 15 Internal regulator option: regulated supply voltage output (3.0 to 3.6 V) during 5 V operation; a decoupling capacitor of at least 0.1 F is required Regulator bypass option: used as a supply voltage input for 3.3 V operation. (3.3 V 10%) Type Description
Vreg(3.3)
13
VCC(5.0)
14
14
16
-
Internal regulator option: supply voltage input (4.0 to 5.5 V); can be connected directly to USB supply VBUS Regulator bypass option: connect to Vreg(3.3) pull-up supply voltage (3.3 V 10%); connect an external 1.5 k resistor on D+ (full-speed) or D- (low-speed); pin function is controlled by input SOFTCON: SOFTCON = LOW -- Vpu(3.3) floating (high impedance); ensures zero pull-up current SOFTCON = HIGH -- Vpu(3.3) = 3.3 V; internally connected to Vreg(3.3)
Vpu(3.3)
15
15
1
-
SOFTCON
16
16
2
I
software controlled USB connection input; a HIGH level applies 3.3 V to pin Vpu(3.3), which is connected to an external 1.5 k pull-up resistor; this allows USB connect/disconnect signalling to be controlled by software
[1] [2]
Symbol names with an overscore (e.g. NAME) indicate active LOW signals. Down bonded to the exposed diepad.
7. Functional description
7.1 Function selection
Table 4: SUSPND L L H H
[1] [2] [3]
Function table OE L H L H (D+, D-) driving & receiving receiving[1] driving high-Z[1] RCV active active inactive[2] inactive[2] VP/VM active active active active Function normal driving (differential receiver active) receiving driving during `suspend'[3] (differential receiver inactive) low-power state
Signal levels on (D+, D-) are determined by other USB devices and external pull-up/down resistors. In `suspend' mode (SUSPND = HIGH) the differential receiver is inactive and output RCV is always LOW. Out-of-suspend (`K') signalling is detected via the single-ended receivers VP and VM. During suspend, the slew-rate control circuit of low-speed operation is disabled. The (D+, D-) lines are still driven to their intended states, without slew-rate control. This is permitted because driving during suspend is used to signal remote wake-up by driving a `K' signal (one transition from idle to `K' state) for a period of 1 to 15 ms.
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
6 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
7.2 Operating functions
Table 5: FSE0 L L H H Table 6: VMO L L H H Table 7: Driving function using single-ended input data interface (OE = L) [for ISP1107 and ISP1105 (MODE = L)] VO L H L H Data differential logic 0 differential logic 1 SE0 SE0
Driving function using differential input data interface (OE = L) [for ISP1106 and ISP1105 (MODE = H)] VPO L H L H Receiving function (OE = H) (D+, D-) differential logic 0 differential logic 1 SE0 RCV L H RCV*[2] VP[1] L H L VM[1] H L L Data SE0 differential logic 1 differential logic 0 illegal state
[1] [2]
VP = VM = H indicates the sharing mode (VCC(5.0)/Vreg(3.3) is disconnected). RCV* denotes the signal level on output RCV just before SE0 state occurs. This level is stable during the SE0 period.
7.3 Power supply configurations
The ISP1105/1106/1107 can be used with different power supply configurations, which can be changed dynamically. An overview is given in Table 9. Normal mode -- Both VCC(I/O) and VCC(5.0) or (VCC(5.0) and Vreg(3.3)) are connected. For 5 V operation, VCC(5.0) is connected to a 5 V source (4.0 to 5.5 V). The internal voltage regulator then produces 3.3 V for the USB connections. For 3.3 V operation, both VCC(5.0) and Vreg(3.3) are connected to a 3.3 V source (3.0 to 3.6 V). VCC(I/O) is independently connected to a voltage source (1.65 V to 3.6 V), depending on the supply voltage of the external circuit. Disable mode -- VCC(I/O) is not connected, VCC(5.0) or (VCC(5.0) and Vreg(3.3)) are connected. In this mode, the internal circuits of the ISP1105/1106/1107 ensure that the (D+, D-) pins are in three-state and the power consumption drops to the low-power (suspended) state level. Some hysteresis is built into the detection of VCC(I/O) lost. Sharing mode -- VCC(I/O) is connected, (VCC(5.0) and Vreg(3.3)) are not connected. In this mode, the (D+, D-) pins are made three-state and the ISP1105/1106/1107 allows external signals of up to 3.6 V to share the (D+, D-) lines. The internal circuits of the ISP1105/1106/1107 ensure that virtually no current (maximum 10 A) is drawn via the (D+, D-) lines. The power consumption through pin VCC(I/O) drops to the
9397 750 08872 (c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
7 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
low-power (suspended) state level. Both the VP and VM pins are driven HIGH to indicate this mode. Pin RCV is made LOW. Some hysteresis is built into the detection of Vreg(3.3) lost.
Table 8: Pins VCC(5.0)/Vreg(3.3) VCC(I/O) Vpu(3.3) (D+, D-) (VP, VM) RCV Inputs (VO/VPO, FSE0/VMO, SPEED, MODE[2], SUSPND, OE, SOFTCON)
[1] [2] High impedance or driven LOW. ISP1105 only.
Pin states in Disable or Sharing mode Disable mode state 5 V input / 3.3 V output 3.3 V input / 3.3 V input not present high impedance (off) high impedance invalid[1] invalid[1] high impedance Sharing mode state not present 1.65 V to 3.6 V input high impedance (off) high impedance H L high impedance
Table 9: VCC(5.0) or Vreg(3.3) connected connected
Power supply configuration overview VCC(I/O) connected not connected Configuration Normal mode Disable mode Special characteristics (D+, D-) and Vpu(3.3) high impedance; VP, VM, RCV: invalid[1] (D+, D-) and Vpu(3.3) high impedance; VP, VM driven HIGH; RCV driven LOW
not connected
connected
Sharing mode
[1]
High impedance or driven LOW.
7.4 Power supply input options
The ISP1105/1106/1107 range has two power supply input options: Internal regulator -- VCC(5.0) is connected to 4.0 to 5.5 V. The internal regulator is used to supply the internal circuitry with 3.3 V (nominal). The Vreg(3.3) pin becomes a 3.3 V output reference. Regulator bypass -- VCC(5.0) and Vreg(3.3) are connected to the same supply. The internal regulator is bypassed and the internal circuitry is supplied directly from the Vreg(3.3) power supply. The voltage range is 3.0 to 3.6 V to comply with the USB specification. The supply voltage range for each input option is specified in Table 10.
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
8 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Power supply input options VCC(5.0) Vreg(3.3) VCC(I/O) supply input for digital I/O pins (1.65 V to 3.6 V) supply input for digital I/O pins (1.65 V to 3.6 V) supply input for internal voltage reference regulator output (4.0 to 5.5 V) (3.3 V, 300 A) connected to Vreg(3.3) with maximum voltage drop of 0.3 V (2.7 to 3.6 V) supply input (3.0 V to 3.6 V)
Table 10: Internal regulator Regulator bypass
Input option
8. Limiting values
Table 11: Absolute maximum ratings In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VCC(5.0) VCC(I/O) Vreg(3.3) VI Ilatchup Vesd Parameter supply voltage I/O supply voltage regulated supply voltage DC input voltage latch-up current electrostatic discharge voltage[1] VI = -1.8 to 5.4 V ILI < 1 A pins D+, D-, VCC(5.0), Vreg(3.3), GND other pins Tstg
[1]
Conditions
Min -0.5 -0.5 -0.5 -0.5 -40
Max +6.0 +4.6 +4.6 VCC(I/O) + 0.5 100 4000 2000 +125
Unit V V V V mA V V C
storage temperature
Equivalent to discharging a 100 pF capacitor via a 1.5 k resistor (Human Body Model). Refer to EIA/JEDEC Standard specification EIA/JESD22-A114-A.
Table 12: Symbol VCC(5.0) Vreg(3.3) VCC(I/O) VI VI(AI/O) Tamb
Recommended operating conditions Parameter supply voltage (Internal regulator option) supply voltage (Regulator bypass option) I/O supply voltage input voltage input voltage on analog I/O pins (D+/D-) operating ambient temperature Conditions 5 V operation 3.3 V operation Min 4.0 3.0 1.65 0 0 -40 Typ 5.0 3.3 Max 5.5 3.6 3.6 VCC(I/O) 3.6 +85 Unit V V V V V C
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
9 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
9. Static characteristics
Table 13: Static characteristics: supply pins VCC = 4.0 to 5.5 V or Vreg(3.3) = 3.0 to 3.6 V; VCC(I/O) = 1.65 to 3.6 V; VGND = 0 V; see Table 10 for valid voltage level combinations; Tamb = -40 to +85 C; unless otherwise specified. Symbol Vreg(3.3) ICC ICC(I/O) ICC(idle) Parameter regulated supply voltage output operating supply current operating I/O supply current supply current during full-speed idle and SE0 static I/O supply current suspend supply current Conditions Internal regulator option; Iload 300 A full-speed transmitting and receiving at 12 Mbit/s; CL = 50 pF on D+/D- full-speed transmitting and receiving at 12 Mbit/s full-speed idle: VD+ > 2.7 V, VD- < 0.3 V; SE0: VD+ < 0.3 V, VD- < 0.3 V full-speed idle, SE0 or suspend SUSPND = HIGH VCC(5.0) or Vreg(3.3) not connected VCC(5.0) or Vreg(3.3) not connected; SOFTCON = LOW; VDx = 3.6 V 1.65 V VCC(I/O) Vreg(3.3); 2.7 V Vreg(3.3) 3.6 V supply lost supply present Vhys(reg3.3) Vth(I/Osup) regulated supply voltage detection hysteresis I/O supply voltage detection threshold VCC(I/O) = 1.8 V Vreg(3.3) = 2.7 to 3.6 V supply lost supply present Vhys(I/Osup) I/O supply voltage detection hysteresis Vreg(3.3) = 3.3 V 1.4 0.45 0.5 V V V 2.4[5] 0.45 0.8 V V V
[4] [4] [4] [1]
Min 3.0[2] -
Typ 3.3 4 1 -
Max 3.6 8[3] 2[3] 500
Unit V mA mA A
ICC(I/O)(static) ICC(susp) ICC(dis)
-
-
20 20 20 20 10
A A A A A
disable mode supply current VCC(I/O) not connected
ICC(I/O)(sharing) sharing mode I/O supply current IDx(sharing) Vth(reg3.3) sharing mode load current on pins D+ and D- regulated supply voltage detection threshold
[1] [2] [3] [4] [5]
Iload includes the pull-up resistor current via pin Vpu(3.3). In `suspend' mode, the minimum voltage is 2.7 V. Characterized only, not tested in production. Excluding any load current and Vpu(3.3)/Vsw source current to the 1.5 k and 15 k pull-up and pull-down resistors (200 A typ.). When VCC(I/O) < 2.7 V, the minimum value for Vth(reg3.3)(present) is 2.0 V.
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
10 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Table 14: Static characteristics: digital pins VCC(I/O) = 1.65 to 3.6 V; VGND = 0 V; Tamb = -40 to +85 C; unless otherwise specified. Symbol Input levels VIL VIH Output levels VOL VOH LOW-level output voltage HIGH-level output voltage IOL = 100 A IOL = 2 mA IOH = 100 A IOH = 2 mA VCC(I/O) - 0.4 0.15 0.4 1 V V V V A LOW-level input voltage HIGH-level input voltage 0.6VCC(I/O) 0.3VCC(I/O) V V Parameter Conditions Min Typ Max Unit VCC(I/O) = 1.65 to 3.6 V
VCC(I/O) - 0.15 -
Leakage current ILI Input levels VIL VIH Output levels VOL VOH LOW-level output voltage HIGH-level output voltage IOL = 100 A IOL = 2 mA IOH = 100 A IOH = 2 mA 1.5 1.25 0.15 0.4 V V V V LOW-level input voltage HIGH-level input voltage 1.2 0.5 V V input leakage current Example 1: VCC(I/O) = 1.8 V 0.15 V
Example 2: VCC(I/O) = 2.5 V 0.2 V Input levels VIL VIH Output levels VOL VOH LOW-level output voltage HIGH-level output voltage IOL = 100 A IOL = 2 mA IOH = 100 A IOH = 2 mA 2.15 1.9 0.15 0.4 V V V V LOW-level input voltage HIGH-level input voltage 1.7 0.7 V V
Example 3: VCC(I/O) = 3.3 V 0.3 V Input levels VIL VIH Output levels VOL VOH Capacitance CIN
9397 750 08872
LOW-level input voltage HIGH-level input voltage IOL = 100 A IOL = 2 mA IOH = 100 A IOH = 2 mA pin to GND
2.15 2.85 2.6 -
-
0.9 0.15 0.4 10
V V V V V V pF
LOW-level output voltage HIGH-level output voltage
input capacitance
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
11 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Table 15: Static characteristics: analog I/O pins (D+, D-) VCC = 4.0 to 5.5 V or Vreg(3.3) = 3.0 to 3.6 V; VGND = 0 V; Tamb = -40 to +85 C; unless otherwise specified. Symbol Input levels Differential receiver VDI VCM differential input sensitivity differential common mode voltage LOW-level input voltage HIGH-level input voltage hysteresis voltage LOW-level output voltage HIGH-level output voltage OFF-state leakage current transceiver capacitance driver output impedance driver output impedance for USB 2.0 input impedance internal switch resistance at pin Vpu(3.3) termination voltage for upstream port pull-up (RPU) pin to GND steady-state drive steady-state drive
[2] [3]
Parameter
Conditions
Min
Typ
Max
Unit
|VI(D+) - VI(D-)| includes VDI range
0.2 0.8
-
2.5
V V
Single-ended receiver VIL VIH Vhys Output levels VOL VOH ILZ Capacitance CIN Resistance ZDRV ZDRV2 ZINP RSW Termination VTERM[4] 3.0[5] 3.6 V 34 40.5 10 39 45 44 49.5 10 M 20 pF RL = 1.5 k to +3.6 V RL = 15 k to GND 2.8[1] 0.3 3.6 1 V V A 2.0 0.4 0.8 0.7 V V V
Leakage current
[1] [2] [3] [4] [5]
VOH(min) = Vreg(3.3) - 0.2 V. Includes external resistors of 33 1% on both D+ and D-. Includes external resistors of 39 1% on both D+ and D-. This range complies with Universal Serial Bus Specification Rev. 2.0. This voltage is available at pins Vreg(3.3) and Vpu(3.3). In `suspend' mode the minimum voltage is 2.7 V.
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
12 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
10. Dynamic characteristics
Table 16: Dynamic characteristics: analog I/O pins (D+, D-)[1] VCC = 4.0 to 5.5 V or Vreg(3.3) = 3.0 to 3.6 V; VCC(I/O) = 1.65 to 3.6 V; VGND = 0 V; see Table 10 for valid voltage level combinations; Tamb = -40 to +85 C; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Driver characteristics Full-speed mode (SPEED = HIGH) tFR rise time CL = 50 to 125 pF; 10 to 90% of |VOH - VOL|; see Figure 5 CL = 50 to 125 pF; 90 to 10% of |VOH - VOL|; see Figure 5 excluding the first transition from Idle state excluding the first transition from Idle state; see Figure 8 CL = 50 to 600 pF; 10 to 90% of |VOH - VOL|; see Figure 5 CL = 50 to 600 pF; 90 to 10% of |VOH - VOL|; see Figure 5 excluding the first transition from Idle state excluding the first transition from idle state; see Figure 8
[2] [2]
4
-
20
ns
tFF
fall time
4
-
20
ns
FRFM VCRS
differential rise/fall time matching (tFR/tFF) output signal crossover voltage rise time
90 1.3
-
111.1 2.0
% V
Low-speed mode (SPEED = LOW) tLR 75 300 ns
tLF
fall time
75
-
300
ns
LRFM VCRS Driver timing
differential rise/fall time matching (tLR/tLF) output signal crossover voltage
80 1.3
-
125 2.0
% V
Full-speed mode (SPEED = HIGH) tPLH(drv) tPHL(drv) tPHZ tPLZ tPZH tPZL driver propagation delay (VO/VPO, FSE0/VMO to D+,D-) driver disable delay (OE to D+,D-) driver enable delay (OE to D+,D-) LOW-to-HIGH; see Figure 8 HIGH-to-LOW; see Figure 8 HIGH-to-OFF; see Figure 6 LOW-to-OFF; see Figure 6 OFF-to-HIGH; see Figure 6 OFF-to-LOW; see Figure 6 18 18 15 15 15 15 ns ns ns ns ns ns
Low-speed mode (SPEED = LOW) Not specified: low-speed delay timings are dominated by the slow rise/fall times tLR and tLF.
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
13 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Table 16: Dynamic characteristics: analog I/O pins (D+, D-)[1]...continued VCC = 4.0 to 5.5 V or Vreg(3.3) = 3.0 to 3.6 V; VCC(I/O) = 1.65 to 3.6 V; VGND = 0 V; see Table 10 for valid voltage level combinations; Tamb = -40 to +85 C; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Receiver timings (full-speed and low-speed mode) Differential receiver tPLH(rcv) tPHL(rcv) tPLH(se) tPHL(se)
[1] [2]
propagation delay (D+,D- to RCV) propagation delay (D+,D- to VP, VM)
LOW-to-HIGH; see Figure 7 HIGH-to-LOW; see Figure 7 LOW-to-HIGH; see Figure 7 HIGH-to-LOW; see Figure 7
-
-
15 15 18 18
ns ns ns ns
Single-ended receiver
Test circuit: see Figure 11. Characterized only, not tested. Limits guaranteed by design.
1.65 V logic input t FR, t LR VOH 90% 90% t FF, t LF 0V t PZH t PZL VOH differential data lines 10% VOL 10%
MGS963
0.9 V
0.9 V
t PHZ t PLZ VOH -0.3 V
VCRS VOL +0.3 V
MGS966
VOL
Fig 5. Rise and fall times.
2.0 V differential data lines 0.8 V t PLH(rcv) t PLH(se) VOH logic output VOL 0.9 V 0.9 V t PHL(rcv) t PHL(se) VCRS VCRS
Fig 6. Timing of OE to D+, D-.
1.65 V logic input 0V t PLH(drv) VOH differential data lines
MGS965
0.9 V
0.9 V
t PHL(drv)
VCRS
VCRS
VOL
MGS964
Fig 7. Timing of D+, D- to RCV, VP, VM.
Fig 8. Timing of VO/VPO, FSE0/VMO to D+, D-.
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
14 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
11. Test information
test point 33 (1) D.U.T. 50 pF V
MBL142
500
V = 0 V for tPZH, tPHZ V = Vreg(/3.3) for tPZL, tPLZ (1) Complies with USB 1.1. For USB 2.0 a resistor of 39 must be used.
Fig 9. Load for enable and disable times.
test point D.U.T. 25 pF
MGS968
Fig 10. Load for VM, VP and RCV.
Vpu(3.3) D.U.T. D+/D- 33 (2) CL 15 k
MGS967
1.5 k (1)
test point
Load capacitance: CL = 50 pF or 125 pF (full-speed mode, minimum or maximum timing) CL = 50 pF or 600 pF (low-speed mode, minimum or maximum timing) (1) Full-speed mode: connected to D+, low-speed mode: connected to D-. (2) Complies with USB 1.1. For USB 2.0 a resistor of 39 must be used.
Fig 11. Load for D+, D-.
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
15 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
12. Package outline
HBCC16: plastic thermal enhanced bottom chip carrier; 16 terminals; body 3 x 3 x 0.65 mm SOT639-2
b D B A f terminal 1 index area E
vMCAB wMC vMCAB wMC
b1
b2
vMCAB wMC
b2 detail X
vMCAB wMC
e1 Dh e 5 9 y1 C
C y
e e4 1/2 e4 Eh e2
1 16 1/2 e3 e3
13 X A2 A A1
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 0.8 A1 0.10 0.05 A2 0.7 0.6 b 0.33 0.27 b1 0.33 0.27 b2 0.38 0.32 D 3.1 2.9 Dh 1.45 1.35 E 3.1 2.9 Eh 1.45 1.35 e 0.5 e1 2.5 e2 2.5 e3 2.45 e4 2.45 f 0.23 0.17 v 0.08 w 0.1 y 0.05 y1 0.2
OUTLINE VERSION SOT639-2
REFERENCES IEC JEDEC MO-217 JEITA
EUROPEAN PROJECTION
ISSUE DATE 01-11-13
Fig 12. HBCC16 package outline.
9397 750 08872 (c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
16 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
TSSOP16: plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
D
E
A
X
c y HE vMA
Z
16
9
Q A2 pin 1 index A1 Lp L (A 3) A
1
e bp
8
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.10 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 5.1 4.9 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1.0 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.40 0.06 8 0o
o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT403-1 REFERENCES IEC JEDEC MO-153 EIAJ EUROPEAN PROJECTION ISSUE DATE 95-04-04 99-12-27
Fig 13. TSSOP16 package outline.
9397 750 08872 (c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
17 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
13. Packaging
The ISP1105/1106/1107W (HBCC16 package) is delivered on a Type A carrier tape, see Figure 14. The tape dimensions are given in Table 17. The reel diameter is 330 mm. The reel is made of polystyrene (PS) and is not designed for use in a baking process. The cumulative tolerance of 10 successive sprocket holes is 0.02 mm. The camber must not exceed 1 mm in 100 mm.
idth
4
A0
K0
W
B0
P1 Type A direction of feed
4
A0
K0
W
B0
elongated sprocked hole Type B
P1 direction of feed
MLC338
Fig 14. Carrier tape dimensions. Table 17: A0 B0 K0 P1 W Type A carrier tape dimensions for ISP1105/1106/1107W Value 3.3 3.3 1.1 8.0 12.0 0.3 Unit mm mm mm mm mm
Dimension
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
18 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
14. Soldering
14.1 Introduction to soldering surface mount packages
This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our Data Handbook IC26; Integrated Circuit Packages (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering can still be used for certain surface mount ICs, but it is not suitable for fine pitch SMDs. In these situations reflow soldering is recommended.
14.2 Reflow soldering
Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, convection or convection/infrared heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 220 C for thick/large packages, and below 235 C small/thin packages.
14.3 Wave soldering
Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed. If wave soldering is used the following conditions must be observed for optimal results:
* Use a double-wave soldering method comprising a turbulent wave with high
upward pressure followed by a smooth laminar wave.
* For packages with leads on two sides and a pitch (e):
- larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end.
* For packages with leads on four sides, the footprint must be placed at a 45 angle
to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners.
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
19 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications.
14.4 Manual soldering
Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
14.5 Package related soldering information
Table 18: Package BGA, HBGA, LFBGA, SQFP, TFBGA HBCC, HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, HVQFN, SMS PLCC[3], SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO
[1]
Suitability of surface mount IC packages for wave and reflow soldering methods Soldering method Wave not suitable not suitable[2] Reflow[1] suitable suitable suitable suitable suitable
suitable not not recommended[3][4] recommended[5]
[2]
[3] [4] [5]
All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. Wave soldering is only suitable for LQFP, QFP and TQFP packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
20 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
15. Additional soldering information
15.1 (H)BCC packages: footprint
The surface material of the terminals on the resin protrusion consists of a 4-layer metal structure (Au, Pd, Ni and Pd). The Au + Pd layer (0.1 m min.) ensures solderability, the Ni layer (5 m min.) prevents diffusion, and the Pd layer on top (0.5 m min.) ensures effective wire bonding.
Terminal
Normal
PCB land
Solder resist mask
Stencil mask
All dimensions in mm
0.05 b1 b Corner 0.05 b2 b2 b 0.05 b1
0.05
Solder land Solder resist Solder stencil For exact dimensions see package outline drawing (SOT639-2)
0.05
0.05
b2 Cavity
b2
0.05 0.05
0.05 0.3 (8x) Stencil print thickness: 0.1 to 0.12 mm
Eh
Eh
0.1 (4x)
004aaa123
Dh
Dh 0.05
Cavity: exposed diepad, either functioning as heatsink or as ground connection; only for HBCC packages.
Fig 15. (H)BCC footprint and solder resist mask dimensions.
15.2 (H)BCC packages: reflow soldering profile
The conditions for reflow soldering of (H)BCC packages are as follows:
* Preheating time: minimum 90 s at T = 145 to 155 C * Soldering time: minimum 90 s (BCC) or minimum 100 s (HBCC) at T > 183 C * Peak temperature:
- Ambient temperature: Tamb(max) = 260 C - Device surface temperature: Tcase(max) = 255 C.
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
21 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
16. Revision history
Table 19: Rev Date 06 20011130 Revision history CPCN Description Product data; sixth version. Supersedes ISP1105_1106_1107-05 of 3 Sept 2001 (9397 750 08643). Modifications:
*
Changed the HBCC16 package version from SOT639-1 to SOT639-2 in: - Table 1 "Ordering information" on page 2. - Section 12 "Package outline" on page 16. - Figure 15 "(H)BCC footprint and solder resist mask dimensions." on page 21.
*
05 20010903 -
Section 7.4 "Power supply input options": Removed the last sentence "The internal regulator is not used in single-ended mode and is shutdown." from the Internal regulator definition.
Product data; fifth version. Supersedes ISP1105_1106_1107-04 of 2 Aug 2001 (9397 750 08643). Modifications:
*
04 20010802 -
Replaced front-page logo with new USB basic-speed logo.
Preliminary data; fourth version. Supersedes ISP1105_1106_1107-03 of 4 July 2001 (9397 750 08515). Modifications:
* *
Section 1 "General description": removed backward compatibility with PDIUSBP11A. Section 2 "Features": - Removed backward compatibility with PDIUSBP11A. - Added `on-chip' for the ESD protection. - Changed the I/O voltage range from `1.8 V, 2.5 V or 3.3 V' into `1.65 V to 3.6 V'.
* * * * * *
03 20010704 -
Section 6.2 "Pin description": changed the description for pin VCC(I/O). Section 7.3 "Power supply configurations": changed VCC(I/O) range from `1.8 V, 2.5 V or 3.3 V' into `1.65 to 3.6 V' in the description of Normal mode, in Table 8 and in Table 10. Table 13 "Static characteristics: supply pins": removed table note for ICC referencing the USB On-The-Go specification. Table 14 "Static characteristics: digital pins": changed the commonly supported types of VCC(I/O) into examples. Section 15.1 "(H)BCC packages: footprint": added paragraph on terminal composition. Section 15.2 "(H)BCC packages: reflow soldering profile": changed peak temperature from 220 C 5 C to 260 C (ambient) and 255 C (device surface).
Preliminary data; third version. Supersedes ISP1107-02 of 5 February 2001 (9397 750 07879). Modification:
*
02 01 20010205 20000223 -
ISP1107, ISP1106 and ISP1105 combined into one datasheet.
Objective specification; second version. Supersedes ISP1107-01 of 23 February 2000 (9397 750 06899). ISP1107 stand-alone datasheet only. Objective specification; initial version. ISP1107 stand-alone datasheet only.
9397 750 08872
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
22 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
17. Data sheet status
Data sheet status[1] Objective data Preliminary data Product status[2] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Product data
Production
[1] [2]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com.
18. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
19. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
Contact information
For additional information, please visit http://www.semiconductors.philips.com. For sales office addresses, send e-mail to: sales.addresses@www.semiconductors.philips.com.
9397 750 08872
Fax: +31 40 27 24825
(c) Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Product data
Rev. 06 -- 30 November 2001
23 of 24
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Contents
1 2 3 4 4.1 5 6 6.1 6.2 7 7.1 7.2 7.3 7.4 8 9 10 11 12 13 14 14.1 14.2 14.3 14.4 14.5 15 15.1 15.2 16 17 18 19 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Ordering options . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 Pinning information . . . . . . . . . . . . . . . . . . . . . . 4 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 5 Functional description . . . . . . . . . . . . . . . . . . . 6 Function selection. . . . . . . . . . . . . . . . . . . . . . . 6 Operating functions. . . . . . . . . . . . . . . . . . . . . . 7 Power supply configurations . . . . . . . . . . . . . . . 7 Power supply input options . . . . . . . . . . . . . . . . 8 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 9 Static characteristics. . . . . . . . . . . . . . . . . . . . 10 Dynamic characteristics . . . . . . . . . . . . . . . . . 13 Test information . . . . . . . . . . . . . . . . . . . . . . . . 15 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 16 Packaging . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Introduction to soldering surface mount packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Reflow soldering . . . . . . . . . . . . . . . . . . . . . . . 19 Wave soldering . . . . . . . . . . . . . . . . . . . . . . . . 19 Manual soldering . . . . . . . . . . . . . . . . . . . . . . 20 Package related soldering information . . . . . . 20 Additional soldering information . . . . . . . . . . 21 (H)BCC packages: footprint . . . . . . . . . . . . . . 21 (H)BCC packages: reflow soldering profile. . . 21 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 22 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 23 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
(c) Koninklijke Philips Electronics N.V. 2001. Printed in The Netherlands
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 30 November 2001 Document order number: 9397 750 08872


▲Up To Search▲   

 
Price & Availability of ISP1107W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X