Part Number Hot Search : 
UPD23C32 TMH0512D AN5295 D3055 44000 Z7500 C2012X7 SL702B
Product Description
Full Text Search
 

To Download FX-101-CFF-A3P2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Data Sheet
FX-101
Frequency Translator
Features
* Output frequencies up to 77.760 MHz * Jitter Generation OC-192 compliant * Jitter transfer per GR-253-CORE * Single 5.0 or 3.3 Vdc supply * Locked to specified Input frequency, e.g. 8 kHz * 1" X 0.8" X 0.2", Surface Mount (FR4base) * Optional CMOS or PECL Output
Applications
* SONET / SDH / ATM * DWDM / FDM * DSL-PON Interconnects * FEC (Forward Error Correction)
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 *Web: www.vectron.com
FX-101 Frequency Translator
Description
Vectron's FX-101 is a crystal based frequency translator which is used to translate any input frequency such as 8 kHz, 1.544 MHz, 2.048 MHz, 19.440 MHz etc.to any specific frequency less than or equal to 77.76 MHz. The input frequency does not have to be a 50/50% duty cycle and as an example can be an 8 kHz signal with a logic high "on time" of only 1us, such as a BITS clock. The FX-101 also has the ability to translate any of 1 to 4 different input frequencies to one common output frequency, such as input frequencies of 8 kHz and 1.544 MHz and 19.44 MHz and any other frequency between 8 kHz and 170 MHz translating them to an output frequency up to 77.76 MHz. The "Input Frequency tracking capability" is the total amount of input frequency deviation in which the FX-101 is guaranteed to track or translate. As an example, a typical input clock would be 8 kHz 20 ppm.The FX-101 is guaranteed to track at least 50 ppm of error over temperature/aging/power supply and is more than twice what most applications require. The PLL control voltage is brought out through a 470K ohm resistor.This would allow for the use of external circuitry (analog comparators or an A/D converter plus a processor) to detect when the control voltage is getting close to the limits of the pull range.
Performance Characteristics
Parameter
Output Frequencies Supply Voltage, Supply Current Input Signal, "0" Input Signal, "1" OUTPUT, VOH C = 5 Vdc D = 3.3 Vdc A = HCMOS A = HCMOS F = Comp PECL
Symbol
Vcc Vcc Icc CLKIN CLKIN -VOH VOL tR /tF -VOH VOL tR /tF Sym Sym
Min
1.544 4.75 3.15 0 0.7 (VCC) -Vcc-1.025 Vcc-1.810 -VCC-0.3
Typical
5.00 3.30 45
Max
77.76 5.25 3.45 70 0.2 (VCC) 5.5 -Vcc-0.880 Vcc-1.620 2 -0.1
Unit
MHz Vdc Vdc mA Vdc Vdc -Vdc Vdc ns -Vdc Vdc ns % % ps ps dB ppm
PECL
VOL Rise / Fall Time (77.76 MHz) OUTPUT, A = HCMOS VOH, IOL = 50 uA VOL, IOL = 50 uA Rise / Fall Time (77.76 MHz/20% to 80%) Output Symmetry, Freq >62.208MHz and 3.3V Jitter @ 77.76 MHz (rms 12 kHz to 20 MHz) Jitter @ 77.76 MHz (cycle to cycle method) Jitter Transfer, GR-253-CORE sec 5.6.2.1.2 Input Frequency Tracking Capability
(Can translate Stratum 1,2,3,3E,4 or SONET Min)
0.5 HCMOS
1.4 45 40 0.5 3
2.5 55 60 1 5 0.1
APR
Operating Temperature Size
50 Temp Range C = 0C to +70C Temp Range F = -40C to +85C 25.4 x 20.32 x 5.08 (1.0" x 0.8" x 0.20")
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web:www.vectron.com
FX-101 Frequency Translator
Outline Drawing
Pin Out
Pin 1 Symbol CLKIN Function Input Frequency - The FX-101 series AC couples the input, this means the unit is capable of handling HCMOS, LvHCMOS, PECL and LvPECL input signals. (For Input Frequencies below 1 MHz only HCMOS and LvHCMOS are supported.) Ground Lock Detect Logic "1" indicates a locked condition Logic "0" indicates that no input signal is present or the input signal has moved out of the lock range. PLL/ VCXO control voltage Under locked conditions, should be >0.3V and <3.0V for the 3.3 volt option or >0.5V and <4.5V for the 5 volt option. Input frequency may be out of range if voltage exceeds these limits. Missing No Connection Ground HCMOS PECL Logic "1" (or no connect) = Output enabled Logic "0" = Output in high impedance
2 3
GND LD (output)
4
Monitor (Output) --NC GND Tri-state & Enable Disable Out COut NC Select A Select B NC GND Vcc
5 6 7 8
9 10 11 12 13 14 15 16
Logic "1" = Output disabled Logic "0" (or no connect) = Output enabled Output (PECL) or HCMOS Complementary Output (PECL) or GND for HCMOS output option No Connection Do not Exceed Vcc Do not Exceed Vcc No Connection Ground Power Supply Voltage (5 Vdc or 3.3Vdc)
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
FX-101 Frequency Translator
Pad Layout
Recommended Reflow Profile
NOTE: The FX-100 series should not be subjected to a wash process that will immerse it in solvents. NO CLEAN is the recommended procedure. The FX-100 series has been designed for pick and place reflow soldering. The suggested reflow profile is shown above. The FX-100 series may be reflowed once, and should not be reflowed in the inverted position.
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
FX-101 Frequency Translator
Standard Shipping Method
The Standard ship method for volume production of the FX-100 series is in a matrix tray. These trays are 100% recyclable. The trays also offer the added feature that they can be continuously feed into a pick-n-place machine eliminating the down time required with tapen-reel.
Handling Precautions
Although protection circuitry has been designed into this device, proper precautions should be taken to avoid exposure to electrostatic discharge (ESD) during handling and mounting. VI employs a human-body model (HBM) for ESD-susceptibility testing and protection design evaluation. ESD voltage thresholds are dependent on the circuit parameters used to define the mode. The HBM ESD threshold presented here was obtained by using parameters where resistance = 1500 ohms, capacitance = 100pf)
ESD Threshold Voltage Model Human Body (HBM) Threshold 500 Unit V min
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web:www.vectron.com
FX-101 Frequency Translator
Typical Application
All components outside the dotted line box are user supplied components. This is just one possbile configuration of the FX-101. For additional information about your specific needs, please contact our factory.
Output Load Configuration
*Note: VI highly recommends either a linear regulator or bypass capacitors; 10 uF, 0.1 uF and a 100pF capacitor would be typical.
All components outside the dotted line box are user supplied components and/or connections. This is just one possible configuration of the FX-101. For additional information about your specific needs please contact our Factory.
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 *Web:www.vectron.com
FX-101 Frequency Translator
FX-100 Series Selection Guide
FITS / MTBF Calculations Per Bellcore TR-NWT-000332, GF @ +50C. Typical - FX-101-DFC-A1P2 FITs = 291.38 MTBF (Hours) = 3,432, 000
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web:www.vectron.com
FX-101 Frequency Translator
FAQ's
Q: What are the different input frequencies that are available? A: The FX-100 series is able to handle any input frequency between 8 kHz and 170 MHz. (A list of standard frequencies is available on pages 9 and 10.) Q: How many different input frequencies can a specific FX-101 accept? A: Each FX-101 can be programmed to accept up to 4 different frequencies. Q: If there is only one input pin, how can your unit accept 4 different frequencies? A: The user is required to supply a multiplexer which would switch between the different input frequencies.The multiplexers' select pins would need to be sync'd to the select pins of the FX-101. (See The Typical Application illustrated on page 6.) Q: Can a single FX-101 handle an application for 4 input frequencies of 8 kHz, 19.44, 38.88 and 77.76 MHz all being translated to 77.76 MHz, with the 77.76 MHz input being LvPECL and the others HCMOS? A: Yes; since the FX-101 AC couples the input signal, this combination can be supported. Q: What is the lock time for the FX-101? A: The exact lock time will depend on the specific input frequency. It should be noted that in all cases the lock time will be significantly less than 1 second. Q: I asked for a FX-101-DFC-A2S2 with 19.44 and 155.52 MHz for the input frequencies and was given a Source Control Drawing (SCD) number of FX-101-DFC-S5999 Why was a new number assigned? A: Whenever there are multiple input frequencies, we need to assign a SCD for the unit so that we can include a table indicating what the logic levels need to be on pins 12 and 13 to control the unit per the correct input frequency. Q: What are the exact jitter transfer specs that the FX-101 series meets? A: The FX-101 meets the stringent jitter transfer specs in GR-253 for Category II jitter (Section 5.6.2.1.2) for all OC-n levels. Q: Does the output frequency need to be 77.76 MHz? A: No, the output frequency can be any frequency between 1.544 MHz and 77.76 MHz. (A list of standard frequencies is available on pages 9 and 10.) Q: What type of noise on the supply line can the FX-101 suppress? A: The FX-101 is designed to clean up noise on the Input Clock Signal, it is not designed to clean up noisy power supplies. If excessive noise is present on the supply line it may degrade the output jitter performance. Additional external filtering may be required. Please consult with your power supply vendor on the best way to filter noise on your supply line.
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web:www.vectron.com
FX-101 Frequency Translator
Evaluation Board VCXO Monitor Supply Voltage PECL Load Voltage: Vcc- 2V
Ground
Input Frequency
Edge Mount SMA 3 Places
Output Frequency
LED Lights Up When Locked For FX-101 with PECL output Place Connector in the "0" position for Enable "1" position Disable (In disable position as shown) Input Freq. f1 = f2 f3 f4
Evaluation boards are available upon request.
Select A B 0 0 0 1 1 1 0 1
= = =
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web:www.vectron.com
FX-101 Frequency Translator
Other Standard Input / Output Combinations Input 1 Input 2 Input 3
8 kHz 8 kHz 1.544 MHz 19.44 MHz 8 kHz 65.536 2.048 MHz 8 kHz 19.44 MHz 19.44 MHz ---2.048 MHz 77.76 MHz ------19.44 MHz 1.544 MHz 20.8286 MHz ---------------------2.048 MHz 77.76 MHz
Input 4
---------------------19.44 MHz 83.3143 MHz
Output
1.544 MHz 37.056 MHz 51.84 MHz 51.84 MHz 65.536 MHz 65.536 MHz 77.76 MHz 77.76 MHz 77.76 MHz
The combinations above are just a small sample of what is possible with the FX-101 series. This series is capable of translating up and down in frequency. Virtually all input frequencies between 8 kHz and 170 MHz can be supported.
The FX-101 uses Vectron International's V-type VCXO and as such can support any output frequency that is available with the V-Type. A list of available output frequencies for the V-Type is provided below.
V-type Available Frequencies (MHz)
1.544 3.686 6.144 8.448 14.318 19.44 27.000 38.880 52.000 4.000 6.176 10.000 15.360 20.000 30.000 40.000 65.536 2.000 4.032 6.312 12.000 15.440 20.480 32.000 40.960 77.760 2.048 4.096 6.400 12.288 16.000 24.000 32.768 44.736 3.088 4.434 8.000 12.352 16.384 24.576 34.368 50.000 3.580 5.000 8.192 13.000 18.432 24.704 35.328 51.840
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web:www.vectron.com
FX-101 Frequency Translator
Standard Frequencies
8 kHz 16 kHz 64 kHz 1.024 MHz 1.544 MHz 2.048 MHz 4.096 MHz 8.192 MHz 13.00 MHz C D E F H J K L M 16.384 MHz 19.44 MHz 20.48 MHz 26.00 MHz 27.00 MHz 38.88 MHz 44.736 MHz 51.84 MHz 61.44 MHz N P R T W X Y 0 1 Special SCD S 77.76 MHz 82.944 MHz 112 MHz 139.264 MHz 155.52 MHz 166.6286 MHz 2 3 In only 4 In only 5 In only 6 In only 7 In only
How to Order
FX-101 Supply Voltage C = 5 Vdc 5% D = 3.3 Vdc 5%
DF
C
-
A
1
P
2
Output Frequency (H to 2) See Frequency Chart Above
*If not listed enter S in this block and then list the output frequencies after the part number.
Output Type A = HCMOS F = Comp. PECL
Input Frequency (C to 7) See Frequency Chart Above
*If not listed or more than one frequency enter S in this block and then list all the input frequencies after the part number.
Temperature Range C = 0C to +70C F = -40C to +85C
Number of Input Frequencies 1 = 1 Input Frequency 2 = 2 Input Frequencies 3 = 3 Input Frequencies 4 = 4 Input Frequencies Input Logic A = HCMOS
*If not listed or more than one input frequency a special SCD number will be assigned at point of order.
Part Number Examples: *FX-101-DFC-A1P2 *FX-101-DFC-A4S2, S = 8 kHz, 1.544 MHz, 2.048 MHz, 19.44 MHz *FX-101-CFC-A1CS, S = 65.536 MHz
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web:www.vectron.com
FX-101 Frequency Translator
Visit Our Website at www.vectron.com
For additional information please contact:
USA: Vectron International * 267 Lowell Road, Hudson, NH 03051........ Tel:1-88-VECTRON-1 * Fax:1-888-FAX-VECTRON EUROPE: Tel: 49 (0) 3328 4784 17 * Fax: 49 (0) 3328 4784 30 ASIA:.................................................................................Tel: +86 21 28909740 / 41 / 42 Fax: +86 21 28909240 / 28909999
....................................................................................................
www.vectron.com
I
Vectron International reser ves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web:www.vectron.com


▲Up To Search▲   

 
Price & Availability of FX-101-CFF-A3P2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X