Part Number Hot Search : 
AN132 SFF450 MAX5038A BC328TA DA221M UNR2122 08J1A BU9929FV
Product Description
Full Text Search
 

To Download ELM13421CA-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
www..com
20 -8V -10V 15 -6V -5.5V -5V Vgs=-4.5V 5 -4V -3.5V -3.0V
10 Vds=-5V 8 25C
-Id (A)
-Id (A)
6 125C 4
10
2
0 0 1 2 3
0 4 5 1 2 3 4 5 6 -Vds (Volts) Fig 1: On-Region Characteristics -Vgs (Volts) Figure 2: Transfer Characteristics
370
250 1.6
Normalized On-Resistance
Rds(on) (m:)
200
Vgs=-10V 1.4
18 9
Vgs=-4.5V 1.2 Id=-2A 1
150
Vgs=-4.5V
100 Vgs=-10V 50 0 1 2 3 4 5 6 -Id (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage
0.8 0 25 50 75 100 125
22 150
175
Temperature (C) Figure 4: On-Resistance vs. Junction Temperature
www..com
300 250 Id=-2A 1.0E+01 1.0E+00 1.0E-01
Rds(on) (m:)
200
-Is (A)
125C 150 100 50 0 3 4 5 6 7 8 9 10 -Vgs (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage 25C
1.0E-02 125C 1.0E-03 1.0E-04 1.0E-05 1.0E-06 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -Vsd (Volts) Figure 6: Body-Diode Characteristics 25C
10 9 8 7 6 5 4 3 2 1 0 0 1 2 3 4 5 6 7 -Qg (nC) Figure 7: Gate-Charge Characteristics Vds=-15V Id=-2.6A
500
400
Capacitance (pF)
Ciss 300
-Vgs (Volts)
200 Coss Crss 0 5 10 15 20 25 30
100
0
-Vds (Volts) Figure 8: Capacitance Characteristics
370
100.0
Tj(max)=150C Ta=25C Rds(on) limited 0.1s 100Ps 1ms 10ms
20 Tj(max)=150C 18 Ta=25C 15
-Id (Amps)
Power (W)
10.0
10Ps
9
10
1.0 1s 10s DC 0.1 0.1 1 -Vds (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 100
5
0 0.001
0.01
0.1
1
10
100 22
1000
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
www..com
10
ZTja Normalized Transient Thermal Resistance
D=Ton/T Tj,pk=Ta+Pdm.ZTja.RTja RTja=90C/W
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
1
0.1
Pd Ton T Single Pulse
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance


▲Up To Search▲   

 
Price & Availability of ELM13421CA-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X