Part Number Hot Search : 
SMV1406 4AHC1G RC207 MAX6482B CSE2450 133TQI Z08530 PD55FG40
Product Description
Full Text Search
 

To Download ELM13403CA-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
www..com
20 -5V -10V 15 -4.5V -4V
10 Vds=-5V 8 25C
-Id (A)
10 -3V 5 2 5V -2.0V 0 0 1 2 3 4 5 -Vds (Volts) Fig 1: On-Region Characteristics 250 Vgs=-2.5V
-Id (A)
Vgs=-3.5V
6
125C
4
2
0 0 0.5 1 1.5 2 2.5 3 3.5 4 -Vgs (Volts) Figure 2: Transfer Characteristics 1.6
Normalized On-Resistance
Vgs=-10V 1.4 VGS=-4.5V VGS=-2.5V 1.2
Rds(on) (m:)
200
150 Vgs=-4.5V 100
1
ID=-2A
50 0 1 2 3
Vgs=-10V 4 5
6
0.8 0 25 50 75 100 125 150 175 Temperature (C) Figure 4: On-Resistance vs. Junction Temperature
-Id (A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage
www..com
300 250 1.0E+01 1.0E+00 Id=-2A 1.0E-01 125C
Rds(on) (m:)
200 150 100 50 0 0 2 4
-Is (A)
125C
1.0E-02 1.0E-03 25C 1.0E-04
25C 1.0E-05 6 8 10 1.0E-06 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -Vsd (Volts) Figure 6: Body-Diode Characteristics
-Vgs (Volts) Figure 5: On-Resistance vs. Gate-Source Voltage
5 Vds=-15V Id=-2.5A 4
600 500
Ciss
Capacitance (pF)
-Vgs (Volts)
400 300 200 Coss 100 0 Crss
3
2
1
0 0 1 2 3 4 5 -Qg (nC) Figure 7: Gate-Charge Characteristics
0
5
10
15
20
25
30
-Vds (Volts) Figure 8: Capacitance Characteristics
100.0
Tj(max)=150C Ta=25C
20 Tj(max)=150C Ta=25C 15 100Ps 1ms 0.1s 10ms
-Id (Amps)
Power (W)
10.0
Rds(on) limited
10Ps
10
1.0 1s 10s DC 0.1 0.1 1 -Vds (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 100
5
0 0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
www..com
10
ZTja Normalized Transient Thermal Resistance
D=Ton/T Tj,pk=Ta+Pdm.ZTja.RTja RTja=90C/W
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
1
0.1
Pd Ton
0.01 0.00001
T Single 0.0001 Pulse 0.001 0.01 0.1 1 10 100 1000 Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance


▲Up To Search▲   

 
Price & Availability of ELM13403CA-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X