Part Number Hot Search : 
BAW56 V800B STF3060C UPC2910T 3QL60AQ 2A222 MC74F157 1N961C
Product Description
Full Text Search
 

To Download CSA968 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
TO-220 Plastic Package
CSA968, CSA968A, CSA968B
CSA968, 968A, 968B
PNP PLASTIC POWER TRANSISTORS
Complementary CSC2238, 2238A, 2238B Power Amplifier Applications and Driver Stage Amplifier Applications
PIN CONFIGURATION 1. BASE 2. COLLECTOR 3. EMITTER 4. COLLECTOR
4
1 2 3
B H
F
C E
DIM A B C D E F G H J K L M N O
MIN . 14.42 9.63 3.56
MAX.
12 N L
3
D G
J M
16.51 10.67 4.83 0.90 1.15 1.40 3.75 3.88 2.29 2.79 2.54 3.43 0.56 12.70 14.73 2.80 4.07 2.03 2.92 31.24 DEG 7
A
O
O
ABSOLUTE MAXIMUM RATINGS Collector-base voltage (open emitter) Collector-emitter voltage (open base) Collector current Total power dissipation up to TC = 25C Junction temperature Collector-emitter saturation voltage IC = 500 mA; IB = 50 mA D.C. current gain IC = 100 mA; VCE = 5 V VCBO VCEO IC Ptot Tj VCEsat hFE
All diminsions in mm.
K
968 968A 968B max. 160 180 200 max. 160 180 200 max. 1.5 max. 25 max. 150 max. min max. 1.5 70 240
V V A W C V
RATINGS (at TA=25C unless otherwise specified) Limiting values Collector-base voltage (open emitter) VCBO Collector-emitter voltage (open base) VCEO Emitter-base voltage (open collector) VEBO
968 968A 968B max. 160 180 200 V max. 160 180 200 V max. 5.0 V
Continental Device India Limited
Data Sheet
Page 1 of 3
CSA968, CSA968A, CSA968B
Collector current Emitter current Total power dissipation up to TC = 25C Junction temperature Storage temperature CHARACTERISTICS Tamb = 25C unless otherwise specified Collector cutoff current IE = 0; VCB = 160 V Emitter cut-off current IC = 0; VEB = 5 V Breakdown voltages IC = 10 mA; IB = 0 IC = 1 mA; IE = 0 IE = 1 mA; IC = 0 Saturation voltage IC = 500 mA; IB = 50 mA Base emitter on voltage IC = 500 mA; VCE = 5 V D.C. current gain IC = 100 mA; VCE = 5 V** Output capacitance at f = 1 MHz IE = 0; VCB = 10 V Transition frequency IC = 100 mA; VCE = 10 V ** hFE classification: O: 70-140 Y: 120-240
IC IE Ptot Tj Tstg
max. max. max. max.
1.5 1.5 25 150 -65 to +150
A A W C C
968 968A 968B ICBO IEBO VCEO VCBO VEBO VCEsat max. max. min. min. min. max. 160 160 1.0 1.0 180 180 5.0 1.5 1.0 70 240 30 100 pF MHz 200 200 A A V V V V V
VBE(on) max. hFE Co fT min. max. typ. typ.
Continental Device India Limited
Data Sheet
Page 2 of 3
Customer Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/ CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
Continental Device India Limited Data Sheet Page 3 of 3
CDIL is a registered Trademark of


▲Up To Search▲   

 
Price & Availability of CSA968

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X