Part Number Hot Search : 
KYW35K6 DD251 DD251 H3500 E182G RT31402 H3500 H51275Z
Product Description
Full Text Search
 

To Download CMPD1001S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMPD1001 CMPD1001A CMPD1001S SURFACE MOUNT HIGH CURRENT SILICON SWITCHING DIODE
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMPD1001 series types are silicon switching diodes manufactured by the epitaxial planar process, designed for applications requiring high current capability.
SOT-23 CASE The following configurations are available: CMPD1001 CMPD1001A CMPD1001S SINGLE DUAL, COMMON ANODE DUAL, IN SERIES MARKING CODE: L20 MARKING CODE: L22 MARKING CODE: L21
SYMBOL VR IF IFRM IRRM IFSM IFSM PD TJ, Tstg JA 90 250 600 600 6.0 1.0 350 -65 to +150 357 UNITS V mA mA mA A A mW C C/W
MAXIMUM RATINGS: (TA=25C) Continuous Reverse Voltage Continuous Forward Current Peak Repetitive Forward Current Peak Repetitive Reverse Current Peak Forward Surge Current, tp=1.0s Peak Forward Surge Current, tp=1.0s Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN IR IR BVR VF VF VF VF VF CT trr VR=90V VR=90V, TA=150C IR=100A IF=10mA IF=50mA IF=100mA IF=200mA IF=400mA VR=0, f=1.0MHz IR=IF=30mA, Rec. to 3.0mA, RL=100
MAX 100 100
UNITS nA A V V V V V V pF ns
90 0.75 0.84 0.90 1.00 1.25 35 50
R6 (25-January 2010)
CMPD1001 CMPD1001A CMPD1001S SURFACE MOUNT HIGH CURRENT SILICON SWITCHING DIODE
SOT-23 CASE - MECHANICAL OUTLINE
PIN CONFIGURATIONS
CMPD1001 LEAD CODE: 1) Anode 2) No Connection 3) Cathode MARKING CODE: L20
CMPD1001A LEAD CODE: 1) Cathode D2 2) Cathode D1 3) Anode D1, Anode D2 MARKING CODE: L22
CMPD1001S LEAD CODE: 1) Anode D2 2) Cathode D1 3) Anode D1, Cathode D2 MARKING CODE: L21
R6 (25-January 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMPD1001S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X