Part Number Hot Search : 
EPC1111H J13007 39LF020 2N7012 00226 4C15F A6040 SST25W
Product Description
Full Text Search
 

To Download C460EZ700-SXX000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cree(R) EZ700TM LED
Data Sheet CxxxEZ700-Sxx000
Cree's EZBrightTM LEDs are the next generation of solid-state LED emitters that combine highly efficient InGaN materials with Cree's proprietary optical design and device technology to deliver superior value for high-intensity LEDs. The optical design maximizes light extraction efficiency and enables a Lambertian radiation pattern. Additionally, these LEDs are die attachable with conductive epoxy, solder paste or solder preforms, in addition to using the flux eutectic method. These vertically structured, low forward voltage LED chips are approximately 100 microns in height. Cree's EZTM chips are tested for conformity to optical and electrical specifications and the ability to withstand 1000 V ESD. These LEDs are useful in a broad range of applications, such as general illumination, automotive lighting and LCD backlighting.
FEATURES
* EZBright Power Chip LED Rf Performance - - - * * * * * * 200 mW min. & 260 mW min. - 450 nm 180 mW min. & 240 mW min. - 460 nm 160 mW min. & 220 mW min. - 470 nm
APPLICATIONS
* General Illumination - - - - * * * * Aircraft Decorative Lighting Task Lighting Outdoor Illumination
Lambertian Radiation Conductive Epoxy, Solder Paste or Preforms, or Flux Eutectic Attach Thin 100 m Chip Low Forward Voltage - 3.6 V Typical at 350 mA Single Wire Bond Structure 1000 V ESD Threshold Rating
White LEDs Crosswalk Signals Backlighting Automotive
CxxxEZ700-Sxx000 Chip Diagram
Top View EZBright LED Chip 680 x 680 m Backside Metallization Gold Bond Pad 130 x 130 m
Bottom View
Die Cross Section
.A CPR3DF Rev Data Sheet:
Cathode (-)
t = 100 m
Anode (+); 3 m AuSn Subject to change without notice. www.cree.com
Maximum Ratings at TA = 5C Note DC Forward Current Peak Forward Current LED Junction Temperature Reverse Voltage Operating Temperature Range Storage Temperature Range Electrostatic Discharge Threshold Rating (HBM)
Note 2
CxxxEZ700-Sxx000 500 mA 1000 mA
Note 4
125C 5V -40C to +100C -40C to +120C 1000 V
Note 3
Typical Electrical/Optical Characteristics at TA = 5C, If = 350 mA Part Number Forward Voltage (Vf, V) Min. C450EZ700-Sxx000 C460EZ700-SXX000 C470EZ700-Sxx000 Mechanical Specifications Description P-N Junction Area (m) Chip Area (m) Chip Thickness (m) Top Au Bond Pad (m) Au Bond Pad Thickness (m) Back Contact Metal Area (m) Back Contact Metal Thickness (m) 3.0 3.0 3.0 Typ. 3.6 3.6 3.6 Max. 3.9 3.9 3.9
Reverse Current [I(Vr=5 V), A] Max. 2 2 2
Full Width Half Max (D, nm) Typ. 21 21 22 CxxxEZ700-Sxx000 Dimension 650 x 650 680 x 680 100 130 x 130 3.0 680 x 680 3.0 Tolerance 25 25 25 15 1.0 25 1.0
Notes:
1.
2. 3.
4.
Maximum ratings are package-dependent. The above ratings were determined using a Au-plated TO39 header without an encapsulant for characterization. Ratings for other packages may differ. The junction temperature should be characterized in a specific package to determine limitations. Assembly processing temperature must not exceed 325C (< 5 seconds). See Cree EZBright Applications Note for assembly-process information. Product resistance to electrostatic discharge (ESD) according to the HBM is measured by simulating ESD using a rapid avalanche energy test (RAET). The RAET procedures are designed to approximate the minimum ESD ratings shown. All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled and operated at 350 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given are within the range of average expected by the manufacturer in large quantities and are provided for information only. All measurements were made using a Au-plated TO39 header without an encapsulant. Optical characteristics measured in an integrating sphere using Illuminance E. This peak forward current specification is based on a 400 ms pulse width at a 1/5-duty cycle with a junction temperature of 65C.
Copyright (c) 2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks, and EZBright, EZ, and EZ700 are trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
CPR3DF Rev. A
Standard Bins for CxxxEZ700-Sxx000
LED chips are sorted to the radiant flux and dominant wavelength bins shown. A sorted die sheet contains die from only one bin. Sorted die kit (CxxxEZ700-Sxx000) orders may be filled with any or all bins (CxxxEZ700-0xxx) contained in the kit. All radiant flux and all dominant wavelength values shown and specified are at If = 350 mA. Radiant flux values are measured using Au-plated TO39 headers without an encapsulant. C450EZ700-S6000
C450EZ700-0221 C450EZ700-0222 C450EZ700-0218 C450EZ700-0223 C450EZ700-0219 C450EZ700-0224 C450EZ700-0220
Radiant Flux
300 mW 280 mW
C450EZ700-0217
260 mW 445 nm
447.5 nm
450 nm Dominant Wavelength C450EZ700-S0000
452.5 nm
455 nm
260 mW Radiant Flux
C450EZ700-0213
C450EZ700-0214 C450EZ700-0210 C450EZ700-0206
C450EZ700-0215 C450EZ700-0211 C450EZ700-0207
C450EZ700-0216 C450EZ700-0212 C450EZ700-0208
240 mW
C450EZ700-0209
220 mW
C450EZ700-0205
200 mW 445 nm
447.5 nm
450 nm Dominant Wavelength
452.5 nm
455 nm
Copyright (c) 2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks, and EZBright, EZ, and EZ700 are trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
3
CPR3DF Rev. A
Standard Bins for CxxxEZ700-Sxx000 (continued)
Radiant Flux
280 mW
C460EZ700-0217
C460EZ700-S4000
C460EZ700-0218 C460EZ700-0214 C460EZ700-0219 C460EZ700-0215 C460EZ700-0220 C460EZ700-0216
260 mW
C460EZ700-0213
240 mW 455 nm
457.5 nm
460 nm Dominant Wavelength C460EZ700-S8000
462.5 nm
465 nm
240 mW Radiant Flux
C460EZ700-0209
C460EZ700-0210 C460EZ700-0206 C460EZ700-0202
C460EZ700-0211 C460EZ700-0207 C460EZ700-0203
C460EZ700-0212 C460EZ700-0208 C460EZ700-0204
220 mW
C460EZ700-0205
200 mW
C460EZ700-0201
180 mW 455 nm
457.5 nm
460 nm Dominant Wavelength C470EZ700-S000
462.5 nm
465 nm
280 mW Radiant Flux
C470EZ700-0217
C470EZ700-0218 C470EZ700-0214 C470EZ700-0210
C470EZ700-0219 C470EZ700-0215 C470EZ700-0211
C470EZ700-0220 C470EZ700-0216 C470EZ700-0212
260 mW
C470EZ700-0213
240 mW
C470EZ700-0209
220 mW 465 nm
467.5 nm
470 nm Dominant Wavelength C470EZ700-S6000
472.5 nm
475 nm
Radiant Flux
220 mW
C470EZ700-0205
C470EZ700-0206 C470EZ700-0202
C470EZ700-0207 C470EZ700-0203
C470EZ700-0208 C470EZ700-0204
200 mW
C470EZ700-0201
160 mW 465 nm
467.5 nm
470 nm Dominant Wavelength
472.5 nm
475 nm
Copyright (c) 2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks, and EZBright, EZ, and EZ700 are trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
4
CPR3DF Rev. A
EZBright Power Chip LED CxxxEZ700-Sxx000
Characteristic Curves
These are representative measurements for the EZBright Power Chip LED product. Actual curves will vary slightly for the various radiant flux and dominant wavelength bins.
Characteristic Curves
500 450 400 350
Forward Current vs Forward Voltage
Relative Light Intensity vs Junction Temperature
100
Relative Light Intensity (%)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
95
If (mA)
300 250 200 150 100 50 0
90
85
80
75
Vf (V)
25
50
Junction Temperature (C)
75
100
125
120
Dominant Wavelength Shift (nm)
0 50 100 150 200 250 300 350 400 450 500
140
Relative Intensity vs Forward Current
Dominant Wavelength Shift vs Junction Temperature
5
% Relative Intensity
100 80 60 40 20 0
4
3
2
1
0 25 50
If (mA)
Junction Temperature (C)
75
100
125
Dominant Wavelength Shift vs Forward Current
3.0 2.5
0
Voltage Shift vs Junction Temperature
1.5 1.0 0.5 0.0
Voltage Shift (V)
0 50 100 150 200 250 300 350 400 450 500
2.0
-0.1
Shift (nm)
-0.2
-0.3
-0.5
-0.4 25 50
If (mA)
Junction Temperature (C)
75
100
125
CPR3DF Rev. (c) 2006 Cree, Inc. All Rights Reserved.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
Copyright (c) 2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks, and EZBright, EZ, and EZ700 are trademarks of Cree, Inc.
5
CPR3DF Rev. A
Radiation Pattern
This is a representative radiation pattern for the EZBright Power Chip LED product. Actual patterns will vary slightly for each chip.
Copyright (c) 2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks, and EZBright, EZ, and EZ700 are trademarks of Cree, Inc.
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com
6
CPR3DF Rev. A


▲Up To Search▲   

 
Price & Availability of C460EZ700-SXX000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X